Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CDC509 Arkusz danych(PDF) 5 Page - Texas Instruments

Numer części CDC509
Szczegółowy opis  3.3-V PHASE-LOCK LOOP CLOCK DRIVER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

CDC509 Arkusz danych(HTML) 5 Page - Texas Instruments

  CDC509_15 Datasheet HTML 1Page - Texas Instruments CDC509_15 Datasheet HTML 2Page - Texas Instruments CDC509_15 Datasheet HTML 3Page - Texas Instruments CDC509_15 Datasheet HTML 4Page - Texas Instruments CDC509_15 Datasheet HTML 5Page - Texas Instruments CDC509_15 Datasheet HTML 6Page - Texas Instruments CDC509_15 Datasheet HTML 7Page - Texas Instruments CDC509_15 Datasheet HTML 8Page - Texas Instruments CDC509_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
CDC509
3.3V PHASELOCK LOOP CLOCK DRIVER
SCAS576C − JULY 1996 − REVISED DECEMBER 2004
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature, CL = 30 pF (see Note 5 and Figures 1 and 2)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 3.3 V
± 0.165 V
VCC = 3.3 V
± 0.3 V
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
tphase error, reference
(see Figure 3)
66 MHz < CLKIN
↑ < 100
MHz
FBIN
100...480
ps
tphase error, − jitter,
(see Note 6)
CLKIN
↑ = 100 MHz
FBIN
220
480
340
ps
tsk(o)‡
Any Y or FBOUT
Any Y or FBOUT
200
ps
Jitter(pk-pk)
F(clkin > 66 MHz)
Any Y or FBOUT
−100
100
ps
Duty cycle, reference
F(clkin
≤ 66 MHz)
Any Y or FBOUT
45%
55%
Duty cycle, reference
(see Figure 4)
F(clkin > 66 MHz)
Any Y or FBOUT
43%
57%
tr
Any Y or FBOUT
1.1
1.5
0.7
1.6
ns
tf
Any Y or FBOUT
0.8
1.3
0.5
1.5
ns
† This parameters are not production tested.
‡ The tsk(o) specification is only valid for equal loading of all outputs.
NOTES:
5. The specifications for parameters in this table are applicable only after any appropriate stabilization time has elapsed.
6. Phase error does not include jitter. The total phase error is 120 ps to 580 ps for the 5% VCC range.
PARAMETER MEASUREMENT INFORMATION
From Output
Under Test
LOAD CIRCUIT FOR OUTPUTS
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
tpd
50% VCC
3 V
0 V
VOH
VOL
Input
0.4 V
2 V
tr
tf
0.4 V
2 V
Output
500
W
50% VCC
30 pF
NOTES: A. CL includes probe and jig capacitance.
B. All input pulses are supplied by generators having the following characteristics: PRR
≤ 100 MHz, ZO = 50 Ω, tr ≤ 1.2 ns, tf ≤ 1.2 ns.
C. The outputs are measured one at a time with one transition per measurement.
Figure 1. Load Circuit and Voltage Waveforms


Podobny numer części - CDC509_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CDC509PW TI-CDC509PW Datasheet
132Kb / 9P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
More results

Podobny opis - CDC509_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CDC2510 TI-CDC2510 Datasheet
131Kb / 9P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
logo
Hitachi Semiconductor
HD74CDC2510B HITACHI-HD74CDC2510B Datasheet
45Kb / 11P
   3.3-V Phase-lock Loop Clock Driver
logo
Texas Instruments
CDCF2509 TI1-CDCF2509_17 Datasheet
641Kb / 15P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDCVF2505 TI-CDCVF2505 Datasheet
207Kb / 10P
[Old version datasheet]   3.3-V CLOCK PHASE-LOCK LOOP CLOCK DRIVER
CDC2509 TI-CDC2509 Datasheet
132Kb / 9P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2509C TI-CDC2509C Datasheet
180Kb / 12P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2510B TI-CDC2510B Datasheet
146Kb / 10P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2510C TI-CDC2510C Datasheet
180Kb / 12P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
logo
Hitachi Semiconductor
HD74CDC2509B HITACHI-HD74CDC2509B Datasheet
42Kb / 11P
   3.3-V Phase-lock Loop Clock Driver
logo
Texas Instruments
CDC2509B TI-CDC2509B Datasheet
147Kb / 10P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com