Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CDC924 Arkusz danych(PDF) 1 Page - Texas Instruments

Numer części CDC924
Szczegółowy opis  133Mhz Clock Synthesizer/Driver
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

CDC924 Arkusz danych(HTML) 1 Page - Texas Instruments

  CDC924_08 Datasheet HTML 1Page - Texas Instruments CDC924_08 Datasheet HTML 2Page - Texas Instruments CDC924_08 Datasheet HTML 3Page - Texas Instruments CDC924_08 Datasheet HTML 4Page - Texas Instruments CDC924_08 Datasheet HTML 5Page - Texas Instruments CDC924_08 Datasheet HTML 6Page - Texas Instruments CDC924_08 Datasheet HTML 7Page - Texas Instruments CDC924_08 Datasheet HTML 8Page - Texas Instruments CDC924_08 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
CDC924
133MHz CLOCK SYNTHESIZER/DRIVER FOR PC MOTHERBOARDS
WITH 3STATE OUTPUTS
SCAS607B − NOVEMBER 1998 − REVISED JULY 2005
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Supports Pentium III Class Motherboards
D Uses a 14.318-MHz Crystal Input to
Generate Multiple Output Frequencies
D Includes Spread Spectrum Clocking (SSC),
0.5% Downspread for Reduced EMI
Performance
D Power Management Control Terminals
D Low Output Skew and Jitter for Clock
Distribution
D 2.5-V and 3.3-V Supplies
D Generates the Following Clocks:
− 4 CPU (2.5 V, 100/133 MHz)
− 7 PCI (3.3 V, 33.3 MHz)
− 1 PCI_F (Free Running, 3.3 V, 33.3 MHz)
− 2 CPU/2 (2.5 V, 50/66 MHz)
− 3 APIC (2.5 V, 16.67 MHz)
− 4 3V66 (3.3 V, 66 MHz)
− 2 REF (3.3 V, 14.318 MHz)
− 1 48MHz (3.3 V, 48 MHz)
D Packaged in 56-Pin SSOP Package
D Designed for Use with TI’s Direct Rambus
Clock Generators (CDCR81, CDCR82,
CDCR83)
description
The CDC924 is a clock synthesizer/driver that
generates system clocks necessary to support
Intel Pentium III systems on CPU, CPU_DIV2,
3V66, PCI, APIC, 48MHz, and REF clock signals.
All output frequencies are generated from a
14.318-MHz crystal input. A reference clock input instead of a crystal can be provided at the XIN input. Two
phase-locked loops (PLLs) are used, one to generate the host frequencies and the other to generate the 48-MHz
clock frequency. On-chip loop filters and internal feedback loops eliminate the need for external components.
The host and PCI clock outputs provide low-skew and low-jitter clock signals for reliable clock operation. All
outputs have 3-state capability, which can be selected via control inputs SEL0, SEL1, and SEL133/100.
The outputs are either 3.3-V or 2.5-V single-ended CMOS buffers. With a logic high-level on the PWR_DWN
terminal, the device operates normally, but when a logical low-level input is applied, the device powers down
completely, with the outputs in a low-level output state. When a high-level is applied to the PCI_STOP or
CPU_STOP, the outputs operate normally. With a low-level applied to the PCI_STOP or CPU_STOP terminals,
the PCI or CPU and 3V66 outputs, respectively, are held in a low-level state.
The CPU bus can operate at 100 MHz or 133 MHz. Output frequency selection is done with corresponding
setting for SEL133/100 control input. The PCI bus frequency is fixed to 33MHz.
Copyright
 2005, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
GND
REF0
REF1
VDD3.3V
XIN
XOUT
GND
PCI_F
PCI1
VDD3.3V
PCI2
PCI3
GND
PCI4
PCI5
VDD3.3V
PCI6
PCI7
GND
GND
3V66(0)
3V66(1)
VDD3.3V
GND
3V66(2)
3V66(3)
VDD3.3V
SEL133/100
VDD2.5V
APIC2
APIC1
APIC0
GND
VDD2.5V
CPU_DIV2(1)
CPU_DIV2(0)
GND
VDD2.5V
CPU3
CPU2
GND
VDD2.5V
CPU1
CPU0
GND
VDD3.3V
GND
PCI_STOP
CPU_STOP
PWR_DWN
SPREAD
SEL1
SEL0
VDD3.3V
48MHz
GND
DL PACKAGE
(TOP VIEW)
Intel and Pentium III are trademarks of Intel Corporation.
Direct Rambus and Rambus are trademarks of Rambus Inc.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Podobny numer części - CDC924_08

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CDC924DL TI-CDC924DL Datasheet
250Kb / 18P
[Old version datasheet]   133-MHz CLOCK SYNTHESIZER/DRIVER FOR PC MOTHERBOARDS WITH 3-STATE OUTPUTS
More results

Podobny opis - CDC924_08

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CDC922 TI1-CDC922_06 Datasheet
254Kb / 18P
[Old version datasheet]   133MHz CLOCK SYNTHESIZER/DRIVER
CDC925 TI1-CDC925_08 Datasheet
281Kb / 19P
[Old version datasheet]   133MHz CLOCK SYNTHESIZER/DRIVER FOR PC MOTHERBOARDS
logo
Integrated Device Techn...
ICS843S104I-133 IDT-ICS843S104I-133 Datasheet
1Mb / 24P
   Crystal-to-LVPECL 133MHz Clock Synthesizer
logo
Renesas Technology Corp
843S104I-133 RENESAS-843S104I-133 Datasheet
645Kb / 25P
   Crystal-to-LVPECL 133MHz Clock Synthesizer
April 28, 2016
logo
Texas Instruments
CDC9842 TI1-CDC9842 Datasheet
105Kb / 7P
[Old version datasheet]   PC MOTHERBOARD CLOCK SYNTHESIZER/DRIVER
logo
Winbond
W83194R-KX WINBOND-W83194R-KX Datasheet
177Kb / 13P
   133MHZ 3-DIMM K7 CLOCK
logo
Integrated Circuit Syst...
ICS9248-80 ICST-ICS9248-80 Datasheet
157Kb / 7P
   General Purpose 133MHz System Clock
logo
Renesas Technology Corp
ICS9248-80 RENESAS-ICS9248-80 Datasheet
423Kb / 8P
   General Purpose 133MHz System Clock
2019
logo
Cypress Semiconductor
CY2254A CYPRESS-CY2254A Datasheet
94Kb / 8P
   Pentium Processor Compatible Clock Synthesizer/Driver
logo
SpectraLinear Inc
CY2254A SPECTRALINEAR-CY2254A Datasheet
111Kb / 7P
   Pentium짰 Processor Compatible Clock Synthesizer/Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com