Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CDC924DL Arkusz danych(PDF) 9 Page - Texas Instruments

Numer części CDC924DL
Szczegółowy opis  133Mhz Clock Synthesizer/Driver
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

CDC924DL Arkusz danych(HTML) 9 Page - Texas Instruments

Back Button CDC924DL Datasheet HTML 5Page - Texas Instruments CDC924DL Datasheet HTML 6Page - Texas Instruments CDC924DL Datasheet HTML 7Page - Texas Instruments CDC924DL Datasheet HTML 8Page - Texas Instruments CDC924DL Datasheet HTML 9Page - Texas Instruments CDC924DL Datasheet HTML 10Page - Texas Instruments CDC924DL Datasheet HTML 11Page - Texas Instruments CDC924DL Datasheet HTML 12Page - Texas Instruments CDC924DL Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
CDC924
133MHz CLOCK SYNTHESIZER/DRIVER FOR PC MOTHERBOARDS
WITH 3STATE OUTPUTS
SCAS607B − NOVEMBER 1998 − REVISED JULY 2005
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted) (continued)
PCIx, PCI_F, 3V66x (Type 5)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VOH
High-level output voltage
VDD = min to max,
IOH = − 1 mA
VDD −
0.1 V
V
VOH
High-level output voltage
VDD = 3.135 V,
IOH = −18 mA
2.4
V
VOL
Low-level output voltage
VDD = min to max,
IOL = 1 mA
0.1
V
VOL
Low-level output voltage
VDD = 3.135 V,
IOL = 12 mA
0.15
0.4
V
VDD = 3.135 V,
VO = 1 V
−33
−53
IOH
High-level output current
VDD = 3.3 V,
VO = 1.65 V
−53
mA
IOH
High-level output current
VDD = 3.465 V,
VO = 3.135 V
−16
−33
mA
VDD = 3.135 V,
VO = 1.95 V
30
67
IOL
Low-level output current
VDD = 3.3 V,
VO = 1.65 V
70
mA
IOL
Low-level output current
VDD = 3.465 V,
VO = 0.4 V
27
49
mA
CO
Output capacitance
VDD = 3.3 V,
VO = VDD or GND
4.5
7.5
pF
ZO
Output impedance
High state
VO = 0.5 VDD,
VO/IOH
12
31
55
ZO
Output impedance
Low state
VO = 0.5 VDD,
VO/IOL
12
24
55
† All typical values are measured at their respective nominal VDD values.
switching characteristics, VDD = 3.135 V to 3.465 V, TA = 0°C to 85°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Overshoot/undershoot
GND − 0.7 V
VDD + 0.7 V
V
Ring back
VIL − 0.1 V
VIH + 0.1 V
V
Stabilization time, PWR_DWN to PCIx
f(CPU) = 133 MHz
0.05
3
ms
tdis3
Disable time, PWR_DWN to PCIx
f(CPU) = 133 MHz
50
ns
Stabilization time, PWR_DWN to CPUx
f(CPU) = 133 MHz
0.03
3
ms
tdis4
Disable time, PWR_DWN to CPUx
f(CPU) = 133 MHz
50
ns
Stabilization time†
After SEL1, SEL0
3
ms
Stabilization time†
After power up
3
ms
† Stabilization time is the time required for the integrated PLL circuit to obtain phase lock of its feedback signal to its reference signal. In order for
phase lock to be obtained, a fixed-frequency, fixed-phase reference signal must be present at XIN. Until phase lock is obtained, the specifications
for propagation delay and skew parameters given in the switching characteristics tables are not applicable. Stabilization time is defined as the
time from when VDD achieves its nominal operating level until the output frequency is stable and operating within specification.


Podobny numer części - CDC924DL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CDC924DL TI-CDC924DL Datasheet
250Kb / 18P
[Old version datasheet]   133-MHz CLOCK SYNTHESIZER/DRIVER FOR PC MOTHERBOARDS WITH 3-STATE OUTPUTS
More results

Podobny opis - CDC924DL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CDC922 TI1-CDC922_06 Datasheet
254Kb / 18P
[Old version datasheet]   133MHz CLOCK SYNTHESIZER/DRIVER
CDC925 TI1-CDC925_08 Datasheet
281Kb / 19P
[Old version datasheet]   133MHz CLOCK SYNTHESIZER/DRIVER FOR PC MOTHERBOARDS
logo
Integrated Device Techn...
ICS843S104I-133 IDT-ICS843S104I-133 Datasheet
1Mb / 24P
   Crystal-to-LVPECL 133MHz Clock Synthesizer
logo
Renesas Technology Corp
843S104I-133 RENESAS-843S104I-133 Datasheet
645Kb / 25P
   Crystal-to-LVPECL 133MHz Clock Synthesizer
April 28, 2016
logo
Texas Instruments
CDC9842 TI1-CDC9842 Datasheet
105Kb / 7P
[Old version datasheet]   PC MOTHERBOARD CLOCK SYNTHESIZER/DRIVER
logo
Winbond
W83194R-KX WINBOND-W83194R-KX Datasheet
177Kb / 13P
   133MHZ 3-DIMM K7 CLOCK
logo
Integrated Circuit Syst...
ICS9248-80 ICST-ICS9248-80 Datasheet
157Kb / 7P
   General Purpose 133MHz System Clock
logo
Renesas Technology Corp
ICS9248-80 RENESAS-ICS9248-80 Datasheet
423Kb / 8P
   General Purpose 133MHz System Clock
2019
logo
Cypress Semiconductor
CY2254A CYPRESS-CY2254A Datasheet
94Kb / 8P
   Pentium Processor Compatible Clock Synthesizer/Driver
logo
SpectraLinear Inc
CY2254A SPECTRALINEAR-CY2254A Datasheet
111Kb / 7P
   Pentium짰 Processor Compatible Clock Synthesizer/Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com