Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CDC2516DGGR Arkusz danych(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Numer części CDC2516DGGR
Szczegółowy opis  3.3V Phase- Lock Loop Clock Driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

CDC2516DGGR Arkusz danych(HTML) 4 Page - Texas Instruments

  CDC2516DGGR Datasheet HTML 1Page - Texas Instruments CDC2516DGGR Datasheet HTML 2Page - Texas Instruments CDC2516DGGR Datasheet HTML 3Page - Texas Instruments CDC2516DGGR Datasheet HTML 4Page - Texas Instruments CDC2516DGGR Datasheet HTML 5Page - Texas Instruments CDC2516DGGR Datasheet HTML 6Page - Texas Instruments CDC2516DGGR Datasheet HTML 7Page - Texas Instruments CDC2516DGGR Datasheet HTML 8Page - Texas Instruments CDC2516DGGR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
CDC2516
3.3V PHASELOCK LOOP CLOCK DRIVER
SCAS579C − OCTOBER 1996 − REVISED DECEMBER 2004
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Terminal Functions
TERMINAL
TYPE
DESCRIPTION
NAME
NO.
TYPE
DESCRIPTION
CLK
12
I
Clock input. CLK provides the clock signal to be distributed by the CDC2516 clock driver. CLK is used
to provide the reference signal to the integrated PLL that generates the clock output signals. CLK must
have a fixed frequency and fixed phase for the PLL to obtain phase lock. Once the circuit is powered
up and a valid CLK signal is applied, a stabilization time is required for the PLL to phase lock the
feedback signal to its reference signal.
FBIN
37
I
Feedback input. FBIN provides the feedback signal to the internal PLL. FBIN must be hard-wired to
FBOUT to complete the PLL. The integrated PLL synchronizes CLK and FBIN so that there is
nominally zero phase error between CLK and FBIN.
1G
9
I
Output bank enable. 1G is the output enable for outputs 1Y(0:3). When 1G is low, outputs 1Y(0:3) are
disabled to a logic-low state. When 1G is high, all outputs 1Y(0:3) are enabled and switch at the same
frequency as CLK.
2G
16
I
Output bank enable. 2G is the output enable for outputs 2Y(0:3). When 2G is low, outputs 2Y(0:3) are
disabled to a logic-low state. When 2G is high, all outputs 2Y(0:3) are enabled and switch at the same
frequency as CLK.
3G
33
I
Output bank enable. 3G is the output enable for outputs 3Y(0:3). When 3G is low, outputs 3Y(0:3) are
disabled to a logic-low state. When 3G is high, all outputs 3Y(0:3) are enabled and switch at the same
frequency as CLK.
4G
40
I
Output bank enable. 4G is the output enable for outputs 4Y(0:3). When 4G is low, outputs 4Y(0:3) are
disabled to a logic-low state. When 4G is high, all outputs 4Y(0:3) are enabled and switch at the same
frequency as CLK.
FBOUT
35
O
Feedback output. FBOUT is dedicated for external feedback. It switches at the same frequency as
CLK. When externally wired to FBIN, FBOUT completes the feedback loop of the PLL. FBOUT has
an integrated 25-
Ω series-damping resistor.
1Y(0:3)
2, 3, 6, 7
O
Clock outputs. These outputs provide low-skew copies of CLK. Outputs 1Y(0:3) are enabled via 1G.
These outputs can be disabled to a logic-low state by deasserting the 1G control input. Each output
has an integrated 25-
Ω series-damping resistor.
2Y(0:3)
18, 19, 22, 23
O
Clock outputs. These outputs provide low-skew copies of CLK. Outputs 2Y(0:3) are enabled via 2G.
These outputs can be disabled to a logic-low state by deasserting the 2G control input. Each output
has an integrated 25-
Ω series-damping resistor.
3Y(0:3)
31, 30, 27, 26
O
Clock outputs. These outputs provide low-skew copies of CLK. Outputs 3Y(0:3) are enabled via 3G.
These outputs can be disabled to a logic-low state by deasserting the 3G control input. Each output
has an integrated 25-
Ω series-damping resistor.
4Y(0:3)
47, 46, 43, 42
O
Clock outputs. These outputs provide low-skew copies of CLK. Outputs 4Y(0:3) are enabled via 4G.
These outputs can be disabled to a logic-low state by deasserting the 4G control input. Each output
has an integrated 25-
Ω series-damping resistor.
AVCC
11, 38
Power
Analog power supply. AVCC provides the power reference for the analog circuitry. In addition, AVCC
can be used to bypass the PLL for test purposes. When AVCC is strapped to ground, the PLL is
bypassed and CLK is buffered directly to the device outputs.
AGND
13, 14, 36
Ground
Analog ground. AGND provides the ground reference for the analog circuitry.
VCC
1, 8, 17, 24,
25, 32, 41, 48
Power
Power supply
GND
4, 5, 10, 15,
20, 21, 28, 29,
34, 39, 44, 45
Ground
Ground


Podobny numer części - CDC2516DGGR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CDC2516DGG TI-CDC2516DGG Datasheet
160Kb / 11P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
More results

Podobny opis - CDC2516DGGR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CDCF2509 TI1-CDCF2509_15 Datasheet
638Kb / 15P
[Old version datasheet]   3.3V Phase-Lock Loop Clock Driver
CDC2510 TI1-CDC2510_15 Datasheet
608Kb / 13P
[Old version datasheet]   3.3V Phase-Lock Loop Clock Driver
CDC2510B TI1-CDC2510B_15 Datasheet
632Kb / 14P
[Old version datasheet]   3.3V Phase-Lock Loop Clock Driver
logo
Renesas Technology Corp
ICS2510C RENESAS-ICS2510C Datasheet
322Kb / 8P
   3.3V Phase-Lock Loop Clock Driver
2019
logo
Texas Instruments
CDC2510C TI1-CDC2510C_15 Datasheet
687Kb / 17P
[Old version datasheet]   3.3V Phase- Lock Loop Clock Driver
logo
Integrated Device Techn...
IDTCSPF2510C IDT-IDTCSPF2510C Datasheet
69Kb / 8P
   3.3V PHASE-LOCK LOOP CLOCK DRIVER
logo
Integrated Circuit Syst...
ICS2510C ICST-ICS2510C Datasheet
247Kb / 7P
   3.3V Phase-Lock Loop Clock Driver
logo
Texas Instruments
CDCF2510 TI1-CDCF2510_15 Datasheet
473Kb / 15P
[Old version datasheet]   3.3V Phase-Lock Loop Clock Driver
CDC2536 TI1-CDC2536_14 Datasheet
490Kb / 15P
[Old version datasheet]   3.3V PHASE-LOCK LOOP CLOCK DRIVER
logo
Integrated Circuit Syst...
ICS2509C ICST-ICS2509C Datasheet
248Kb / 7P
   3.3V Phase-Lock Loop Clock Driver
logo
Texas Instruments
CDC2509C TI1-CDC2509C_15 Datasheet
696Kb / 17P
[Old version datasheet]   3.3V PHASE-LOCK LOOP CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com