Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CDC2582PAHG4 Arkusz danych(PDF) 6 Page - Texas Instruments

Numer części CDC2582PAHG4
Szczegółowy opis  3.3V Phase-Lock Loop CLock Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

CDC2582PAHG4 Arkusz danych(HTML) 6 Page - Texas Instruments

Back Button CDC2582PAHG4 Datasheet HTML 2Page - Texas Instruments CDC2582PAHG4 Datasheet HTML 3Page - Texas Instruments CDC2582PAHG4 Datasheet HTML 4Page - Texas Instruments CDC2582PAHG4 Datasheet HTML 5Page - Texas Instruments CDC2582PAHG4 Datasheet HTML 6Page - Texas Instruments CDC2582PAHG4 Datasheet HTML 7Page - Texas Instruments CDC2582PAHG4 Datasheet HTML 8Page - Texas Instruments CDC2582PAHG4 Datasheet HTML 9Page - Texas Instruments CDC2582PAHG4 Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
CDC2582
3.3V PHASELOCK LOOP CLOCK DRIVER
WITH DIFFERENTIAL LVPECL CLOCK INPUTS
SCAS379B − FEBRUARY 1993 − REVISED FEBRUARY 1996
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
recommended operating conditions (see Note 3)
MIN
MAX
UNIT
VCC
Supply voltage
3
3.6
V
VIH
High-level input voltage
CLKIN, CLKIN
VCC −1.025
V
VIH
High-level input voltage
Other inputs
2
V
VIL
Low-level input voltage
CLKIN, CLKIN
VCC −1.62
V
VIL
Low-level input voltage
Other inputs
0.8
V
VI
Input voltage
0
5.5
V
IOH
High-level output current
−12
mA
IOL
Low-level output current
12
mA
TA
Operating free-air temperature
0
70
°C
NOTE 3: Unused inputs must be held high or low to prevent them from floating.
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
TA = 25°C
UNIT
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
VIK
VCC = 3 V,
II = −18 mA
−1.2
V
VOH
VCC = MIN to MAX†,
IOH = − 100 µA
VCC −0.2
V
VOH
VCC = 3 V,
IOH = − 12 mA
2
V
VOL
VCC = 3 V
IOL = 100 µA
0.2
V
VOL
VCC = 3 V
IOL = 12 mA
0.8
V
II
VCC = 0 or MAX†,
VI = 3.6 V
±10
A
II
VCC = 3.6 V,
VI = VCC or GND
±1
µA
ICC
VCC = 3.6 V,
IO = 0,
Outputs high
5
mA
ICC
VCC = 3.6 V,
IO = 0,
VI = VCC or GND
Outputs low
5
mA
Ci
VI = 3 V or 0
4
pF
Co
VO = 3 V or 0
8
pF
† For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.


Podobny numer części - CDC2582PAHG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CDC2582PAH TI-CDC2582PAH Datasheet
143Kb / 10P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER WITH DIFFERENTIAL LVPECL CLOCK INPUTS
More results

Podobny opis - CDC2582PAHG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CDCF2509 TI1-CDCF2509_15 Datasheet
638Kb / 15P
[Old version datasheet]   3.3V Phase-Lock Loop Clock Driver
CDC2510 TI1-CDC2510_15 Datasheet
608Kb / 13P
[Old version datasheet]   3.3V Phase-Lock Loop Clock Driver
CDC2510B TI1-CDC2510B_15 Datasheet
632Kb / 14P
[Old version datasheet]   3.3V Phase-Lock Loop Clock Driver
logo
Renesas Technology Corp
ICS2510C RENESAS-ICS2510C Datasheet
322Kb / 8P
   3.3V Phase-Lock Loop Clock Driver
2019
logo
Texas Instruments
CDC2510C TI1-CDC2510C_15 Datasheet
687Kb / 17P
[Old version datasheet]   3.3V Phase- Lock Loop Clock Driver
logo
Integrated Device Techn...
IDTCSPF2510C IDT-IDTCSPF2510C Datasheet
69Kb / 8P
   3.3V PHASE-LOCK LOOP CLOCK DRIVER
logo
Integrated Circuit Syst...
ICS2510C ICST-ICS2510C Datasheet
247Kb / 7P
   3.3V Phase-Lock Loop Clock Driver
logo
Texas Instruments
CDCF2510 TI1-CDCF2510_15 Datasheet
473Kb / 15P
[Old version datasheet]   3.3V Phase-Lock Loop Clock Driver
CDC2536 TI1-CDC2536_14 Datasheet
490Kb / 15P
[Old version datasheet]   3.3V PHASE-LOCK LOOP CLOCK DRIVER
logo
Integrated Circuit Syst...
ICS2509C ICST-ICS2509C Datasheet
248Kb / 7P
   3.3V Phase-Lock Loop Clock Driver
logo
Texas Instruments
CDC2509C TI1-CDC2509C_15 Datasheet
696Kb / 17P
[Old version datasheet]   3.3V PHASE-LOCK LOOP CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com