Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CDC5801A Arkusz danych(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Numer części CDC5801A
Szczegółowy opis  Low Jitter Clock Multiplier
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

CDC5801A Arkusz danych(HTML) 10 Page - Texas Instruments

Back Button CDC5801A Datasheet HTML 6Page - Texas Instruments CDC5801A Datasheet HTML 7Page - Texas Instruments CDC5801A Datasheet HTML 8Page - Texas Instruments CDC5801A Datasheet HTML 9Page - Texas Instruments CDC5801A Datasheet HTML 10Page - Texas Instruments CDC5801A Datasheet HTML 11Page - Texas Instruments CDC5801A Datasheet HTML 12Page - Texas Instruments CDC5801A Datasheet HTML 13Page - Texas Instruments CDC5801A Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
CDC5801A
LOW JITTER CLOCK MULTIPLIER AND DIVIDER WITH
PROGRAMMABLE DELAY AND PHASE ALIGNMENT
SCAS813A − AUGUST 2005 − REVISED DECEMBER 2005
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
state transition latency specifications
PARAMETER
FROM
TO
TEST
CONDITIONS
MIN
TYP†
MAX
UNIT
t(powerup)
Delay time, PWRDNB
↑ to CLKOUT/
CLKOUTB output settled (excluding
t(DISTLOCK))
Powerdown
Normal
See Figure 6
3
ms
t(powerup)
Delay time, PWRDNB
↑ to internal PLL and
clock are on and settled
Powerdown
Normal
See Figure 6
3
ms
t(VDDpowerup)
Delay time, power up to CLKOUT/CLKOUTB
output settled
VDD
Normal
See Figure 6
3
ms
t(VDDpowerup)
Delay time, power up to internal PLL and
clock are on and settled
VDD
Normal
See Figure 6
3
ms
t(MULT)
MULT0 and MULT1 change to CLKOUT/
CLKOUTB output resettled (excluding
t(DISTLOCK))
Normal
Normal
See Figure 7
1
ms
t(CLKON)
STOPB
↑ to CLKOUT/CLKOUTB glitch-free
clock edges
CLK Stop
Normal
See Figure 8
10
ns
t(CLKSETL)
STOPB
↑ to CLKOUT/CLKOUTB output
settled to within 50 ps of the phase before
STOPB was disabled
CLK Stop
Normal
See Figure 8
20
cycles
t(CLKOFF)
STOPB
↓ to CLKOUT/CLKOUTB output dis-
abled
Normal
CLK
Stop
See Figure 8
5
ns
t(powerdown)
Delay time, PWRDNB
↓ to the device in the
power-down mode
Normal
Power−
down
See Figure 6
1
ms
t(STOP)
Maximum time in CLKSTOP (STOPB = 0)
before reentering normal mode (STOPB = 1)
STOPB
Normal
See Figure 8
100
µs
t(ON)
Minimum time in normal mode (STOPB = 1)
before reentering CLKSTOP (STOPB = 0)
Normal
CLK
stop
See Figure 8
100
ms
† All typical values are at VDD = 3.3 V, TA = 25°C.
PARAMETER MEASUREMENT INFORMATION
50
CLKOUTB
CLKOUT
10 pF
50
VCM
Figure 1. Test Load and Voltage Definitions (VO(STOP), VOX, VOH, VOL)


Podobny numer części - CDC5801A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CDC5801A TI-CDC5801A Datasheet
333Kb / 18P
[Old version datasheet]   LOW JITTER CLOCK MULTIPLIER AND DIVIDER WITH PROGRAMMABLE AND PHASE ALIGNMENT
CDC5801A TI-CDC5801A Datasheet
626Kb / 18P
[Old version datasheet]   LOW JITTER CLOCK MULTIPLIER AND DIVIDER WITH PROGRAMMABLE DELAY
CDC5801ADBQ TI-CDC5801ADBQ Datasheet
626Kb / 18P
[Old version datasheet]   LOW JITTER CLOCK MULTIPLIER AND DIVIDER WITH PROGRAMMABLE DELAY
CDC5801ADBQR TI-CDC5801ADBQR Datasheet
626Kb / 18P
[Old version datasheet]   LOW JITTER CLOCK MULTIPLIER AND DIVIDER WITH PROGRAMMABLE DELAY
More results

Podobny opis - CDC5801A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LMK04906 TI1-LMK04906_15 Datasheet
1Mb / 113P
[Old version datasheet]   Ultra Low Noise Clock Jitter Cleaner/Multiplier
logo
Integrated Circuit Syst...
ICS2059-02 ICST-ICS2059-02 Datasheet
210Kb / 11P
   Clock Multiplier and Jitter Attenuator
logo
Silicon Laboratories
SI5366 SILABS-SI5366 Datasheet
763Kb / 20P
   PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
logo
Renesas Technology Corp
ICS2059-02 RENESAS-ICS2059-02 Datasheet
454Kb / 13P
   CLOCK MULTIPLIER AND JITTER ATTENUAT
logo
Skyworks Solutions Inc.
SI5366 SKYWORKS-SI5366 Datasheet
613Kb / 31P
   PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
logo
Texas Instruments
CDC5801ADBQ TI-CDC5801ADBQ Datasheet
626Kb / 18P
[Old version datasheet]   LOW JITTER CLOCK MULTIPLIER AND DIVIDER WITH PROGRAMMABLE DELAY
logo
Silicon Laboratories
SI5368 SILABS-SI5368 Datasheet
713Kb / 18P
   ANY-RATE PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
SI5319 SILABS-SI5319 Datasheet
257Kb / 16P
   ANY-RATE PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
SI5369 SILABS-SI5369 Datasheet
518Kb / 84P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
logo
Skyworks Solutions Inc.
SI5368 SKYWORKS-SI5368 Datasheet
824Kb / 92P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com