Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CDCE913-Q1 Arkusz danych(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Numer części CDCE913-Q1
Szczegółowy opis  Programmable 1-PLL VCXO Clock Synthesizer
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

CDCE913-Q1 Arkusz danych(HTML) 11 Page - Texas Instruments

Back Button CDCE913-Q1 Datasheet HTML 7Page - Texas Instruments CDCE913-Q1 Datasheet HTML 8Page - Texas Instruments CDCE913-Q1 Datasheet HTML 9Page - Texas Instruments CDCE913-Q1 Datasheet HTML 10Page - Texas Instruments CDCE913-Q1 Datasheet HTML 11Page - Texas Instruments CDCE913-Q1 Datasheet HTML 12Page - Texas Instruments CDCE913-Q1 Datasheet HTML 13Page - Texas Instruments CDCE913-Q1 Datasheet HTML 14Page - Texas Instruments CDCE913-Q1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
EEPROM
Xin
Xout
GND
LV
CMOS
Pdiv1 =1
LV
CMOS
Pdiv3 = 1
Pdiv2 = 1
LV
CMOS
InputClock
PLL Bypass
PLL 1
powerdown
S0
SDA
SCL
ProgrammingBus
27MHz
Crystal
1=OutputEnabled
0=Output3-State
X-tal
Programming
and
SDA/SCL
Register
VDD
VDDOUT
Y1=27MHz
Y2=27MHz
Y3=27MHz
CDCE913-Q1
CDCEL913-Q1
www.ti.com
SCAS918A – JUNE 2013
The S1SDA and S2SCL pins of the CDCE913-Q1 and CDCEL913-Q1 are dual-function pins. In the default
configuration, they are defined as SDA/SCL for the serial programming interface. They can be programmed as
control pins (S1 and S2) by setting the appropriate bits in the EEPROM. Note that changes to the control register
(Bit [6] of byte 02h) have no effect until they are written into the EEPROM.
Once they are set as control pins, the serial programming interface is no longer available. However, if VDDOUT is
forced to GND, the two control pins, S1 and S2, temporally act as serial programming pins (SDA/SCL).
S0 is not a multi-use pin; it is a control pin only.
DEFAULT DEVICE CONFIGURATION
The internal EEPROM of CDCE913-Q1 and CDCEL913-Q1 is pre-configured with a factory default configuration
as shown in Figure 6 (The input frequency is passed through the output as a default).This allows the device to
operate in default mode without the extra production step of programming it. The default setting appears after
power is supplied or after a power-down and power-up sequence until the device is reprogrammed by the user to
a different application configuration. A new register setting is programmed via the serial SDA/SCL interface.
Figure 6. Default Configuration
Table 4 shows the factory default setting for the Control Terminal Register. Note that even though eight different
register settings are possible, in the default configuration, only the first two settings (0 and 1) can be selected
with S0, as S1 and S2 are configured as programming pins in default mode.
Table 4. Factory Default Setting for Control Terminal Register(1)
Y1
PLL1 Settings
External Control Pins
Output Selection
Frequency Selection
SSC Selection
Output Selection
S2
S1
S0
Y1
FS1
SSC1
Y2Y3
SCL (I2C)
SDA (I2C)
0
3-state
fVCO1_0
off
3-state
SCL (I2C)
SDA (I2C)
1
Enabled
fVCO1_0
off
Enabled
(1)
In default mode or when programmed respectively, S1 and S2 act as serial programming interface, SDA/SCL. They do not have any
control-pin function but they are internally interpreted as if S1 = 0 and S2 = 0. S0, however, is a control pin, which in the default mode
switches all outputs ON or OFF (as previously predefined).
SDA/SCL SERIAL INTERFACE
The CDCE913-Q1 and CDCEL913-Q1 operate as a slave device of the 2-wire serial SDA/SCL bus, compatible
with the popular SMBus or I2C specification. It operates in the standard-mode transfer (up to 100 kbits) and fast-
mode transfer (up to 400 kbits) and supports 7-bit addressing.
The S1SDA and S2SCL pins of the CDCE913-Q1 and CDCEL913-Q1 are dual-function pins. In the default
configuration, they are used as the SDA/SCL serial programming interface. They can be re-programmed as
general-purpose control pins, S1 and S2, by changing the corresponding EEPROM setting, byte 02h, bit [6].
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: CDCE913-Q1 CDCEL913-Q1


Podobny numer części - CDCE913-Q1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CDCE913 TI-CDCE913 Datasheet
376Kb / 21P
[Old version datasheet]   Programmable 1-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V Outputs
CDCE913 TI-CDCE913 Datasheet
515Kb / 23P
[Old version datasheet]   Programmable 1-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V Outputs
CDCE913 TI-CDCE913 Datasheet
460Kb / 25P
[Old version datasheet]   Programmable 1-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V Outputs
CDCE913 TI1-CDCE913 Datasheet
681Kb / 26P
[Old version datasheet]   Programmable 1-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V Outputs
CDCE913PW TI-CDCE913PW Datasheet
376Kb / 21P
[Old version datasheet]   Programmable 1-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V Outputs
More results

Podobny opis - CDCE913-Q1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CDCE913 TI1-CDCE913_15 Datasheet
1Mb / 35P
[Old version datasheet]   Programmable 1-PLL VCXO Clock Synthesizer
CDCE937-Q1 TI1-CDCE937-Q1_15 Datasheet
902Kb / 30P
[Old version datasheet]   PROGRAMMABLE 3-PLL VCXO CLOCK SYNTHESIZER
logo
Integrated Circuit Syst...
ICS271 ICST-ICS271 Datasheet
170Kb / 8P
   Triple PLL Field Programmable VCXO Clock Synthesizer
ICS275 ICST-ICS275 Datasheet
164Kb / 8P
   Triple PLL Field Programmable VCXO Clock Synthesizer
ICS276 ICST-ICS276 Datasheet
166Kb / 8P
   Triple PLL Field Programmable VCXO Clock Synthesizer
ICS270 ICST-ICS270 Datasheet
162Kb / 8P
   Triple PLL Field Programmable VCXO Clock Synthesizer
logo
Texas Instruments
CDCEL824 TI1-CDCEL824 Datasheet
1Mb / 33P
[Old version datasheet]   Programmable 2-PLL Clock Synthesizer
logo
ON Semiconductor
NB3N65027 ONSEMI-NB3N65027 Datasheet
176Kb / 7P
   3.3V Programmable 3-PLL Clock Synthesizer
June, 2011 ??Rev. 2
logo
Texas Instruments
CDCE913 TI-CDCE913_1 Datasheet
515Kb / 23P
[Old version datasheet]   Programmable 1-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V Outputs
CDCE913 TI-CDCE913 Datasheet
376Kb / 21P
[Old version datasheet]   Programmable 1-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com