Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CDCLVD110 Arkusz danych(PDF) 5 Page - Texas Instruments

Numer części CDCLVD110
Szczegółowy opis  PROGRAMMABLE LOW-VOLTAGE 1:10 LVDS CLOCK DRIVER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

CDCLVD110 Arkusz danych(HTML) 5 Page - Texas Instruments

  CDCLVD110_12 Datasheet HTML 1Page - Texas Instruments CDCLVD110_12 Datasheet HTML 2Page - Texas Instruments CDCLVD110_12 Datasheet HTML 3Page - Texas Instruments CDCLVD110_12 Datasheet HTML 4Page - Texas Instruments CDCLVD110_12 Datasheet HTML 5Page - Texas Instruments CDCLVD110_12 Datasheet HTML 6Page - Texas Instruments CDCLVD110_12 Datasheet HTML 7Page - Texas Instruments CDCLVD110_12 Datasheet HTML 8Page - Texas Instruments CDCLVD110_12 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
www.ti.com
SPECIFICATION OF CONTROL REGISTER
CDCLVD110
SCAS684C – SEPTEMBER 2002 – REVISED JANUARY 2008
CONTROL REGISTER CHARACTERISTICS (continued)
over recommended operating free-air temperature range, VDD = 2.5 V ±5% (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input current, CK pin
–5
5
IIH
VI = VDD
µA
Input current, SI and EN pins
10
–30
Input current, CK pin
–10
30
IIL
VI = GND
µA
Input current, SI and EN pins
–5
5
The CDCLVD110 is provided with an 11-bit, serial-in shift register and an 11-bit control register. The control
Register enables/disables each output clock and selects either CLK0 or CLK1 as the input clock. The
CDCLVD110 has two modes of operation:
Programmable Mode (EN=1)
The shift register utilizes a serial input (SI) and a clock input (CK). Once the shift register is loaded with 11
clock pulses, the twelfth clock pulse loads the control register. The first bit (bit 0) on SI enables the Q9, Q9
output pair, and the tenth bit (bit 9) enables the Q0, Q0 pair. The eleventh bit (bit 10) on SI selects either
CLK0 or CLK1 as the input clock; a bit value of 0 selects CLK0, whereas a bit value of 1 selects CLK1. To
restart the control register configuration, a reset of the state machine must be done with a clock pulse on CK
(shift register clock input) and EN set to low. The control register can be configured only once after each
reset.
Standard Mode (EN=0)
In this mode, the CDCLVD110 is not programmable and all the clock outputs are enabled. The clock input
(CLK0 or CLK1) is selected with the SI pin, as is shown in the table entitled control register.
STATE-MACHINE INPUTS
EN
SI
CK
OUTPUT
L
L
X
All outputs enabled, CLK0 selected, control register disabled, default state
L
H
X
All outputs enabled, CLK1 selected, control register disabled
H
L
First stage stores L, other stage stores data of previous stage
H
H
First stage stores H, other stage stores data of previous stage
L
X
Reset of state machine, shift and control registers
CONTROL REGISTER
BIT 10
BITS [0-9]
QN[0-9]
L
H
CLK0
H
H
CLK1
X
L
Outputs disabled
SERIAL INPUT (SI) SEQUENCE
BIT 10
BIT 9
BIT 8
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
CLK_SEL
Q0
Q1
Q2
Q3
Q4
Q5
Q6
Q7
Q8
Q9
TRUTH TABLE FOR CONTROL LOGIC
CK
EN
SI
CLK0
CLK0
CLK1
CLK1
Q(0-9)
Q(0-9)
L
L
L
L
H
X
X
L
H
L
L
L
H
L
X
X
H
L
L
L
L
Open
Open
X
X
L
H
L
L
H
X
X
L
H
L
H
L
L
H
X
X
H
L
H
L
L
L
H
X
X
Open
Open
L
H
All outputs enabled
X = Don't care
Copyright © 2002–2008, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s) :CDCLVD110


Podobny numer części - CDCLVD110_12

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CDCLVD110A TI-CDCLVD110A Datasheet
192Kb / 12P
[Old version datasheet]   PROGRAMMABLE LOW-VOLTAGE 1:10 LVDS CLOCK DRIVER
CDCLVD110ARHBR TI-CDCLVD110ARHBR Datasheet
853Kb / 18P
[Old version datasheet]   PROGRAMMABLE LOW-VOLTAGE 1:10 LVDS CLOCK DRIVER
CDCLVD110ARHBRG4 TI-CDCLVD110ARHBRG4 Datasheet
853Kb / 18P
[Old version datasheet]   PROGRAMMABLE LOW-VOLTAGE 1:10 LVDS CLOCK DRIVER
CDCLVD110ARHBT TI-CDCLVD110ARHBT Datasheet
853Kb / 18P
[Old version datasheet]   PROGRAMMABLE LOW-VOLTAGE 1:10 LVDS CLOCK DRIVER
CDCLVD110ARHBTG4 TI-CDCLVD110ARHBTG4 Datasheet
853Kb / 18P
[Old version datasheet]   PROGRAMMABLE LOW-VOLTAGE 1:10 LVDS CLOCK DRIVER
More results

Podobny opis - CDCLVD110_12

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CDCLVD110AVF TI-CDCLVD110AVF Datasheet
853Kb / 18P
[Old version datasheet]   PROGRAMMABLE LOW-VOLTAGE 1:10 LVDS CLOCK DRIVER
CDCLVD110 TI-CDCLVD110 Datasheet
144Kb / 10P
[Old version datasheet]   PROGRAMMABLE LOW-VOLTAGE 1:10 LVDS CLOCK DRIVER
logo
Analog Devices
ADN4670 AD-ADN4670 Datasheet
170Kb / 12P
   Programmable Low Voltage 1:10 LVDS Clock Driver
REV. 0
logo
Texas Instruments
CDCLVD110A TI-CDCLVD110A Datasheet
192Kb / 12P
[Old version datasheet]   PROGRAMMABLE LOW-VOLTAGE 1:10 LVDS CLOCK DRIVER
logo
Analog Devices
ADN4670BSTZ AD-ADN4670BSTZ Datasheet
241Kb / 12P
   Programmable Low Voltage 1:10 LVDS Clock Driver
REV. A
logo
STMicroelectronics
STLVD111 STMICROELECTRONICS-STLVD111 Datasheet
266Kb / 12P
   PROGRAMMABLE LOW VOLTAGE 1:10 DIFFERENTIAL LVDS CLOCK DRIVER
STLVD111 STMICROELECTRONICS-STLVD111_07 Datasheet
287Kb / 19P
   Programmable low voltage 1:10 differential LVDS clock driver
logo
Semtech Corporation
SK2111 SEMTECH-SK2111 Datasheet
400Kb / 6P
   1:10 DIFFERENTIAL LVDS CLOCK DRIVER
logo
Motorola, Inc
MPC946 MOTOROLA-MPC946 Datasheet
98Kb / 6P
   LOW VOLTAGE 1:10 CMOS CLOCK DRIVER
MC100ES7111 MOTOROLA-MC100ES7111 Datasheet
129Kb / 8P
   LOW VOLTAGE 1:10 DIFFERENTIAL LVDS CLOCK FANOUT BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com