Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CDCLVD1204 Arkusz danych(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Numer części CDCLVD1204
Szczegółowy opis  2:4 Low Additive Jitter LVDS Buffer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

CDCLVD1204 Arkusz danych(HTML) 11 Page - Texas Instruments

Back Button CDCLVD1204 Datasheet HTML 7Page - Texas Instruments CDCLVD1204 Datasheet HTML 8Page - Texas Instruments CDCLVD1204 Datasheet HTML 9Page - Texas Instruments CDCLVD1204 Datasheet HTML 10Page - Texas Instruments CDCLVD1204 Datasheet HTML 11Page - Texas Instruments CDCLVD1204 Datasheet HTML 12Page - Texas Instruments CDCLVD1204 Datasheet HTML 13Page - Texas Instruments CDCLVD1204 Datasheet HTML 14Page - Texas Instruments CDCLVD1204 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
LVDS
Z = 50 W
CDCLVD1204
100 W
Z = 50 W
LVDS
Z = 50 W
CDCLVD1204
100 W
100 nF
Z = 50 W
100 nF
LVDS
Z = 50 W
CDCLVD1204
100 W
Z = 50 W
LVDS
Z = 50 W
CDCLVD1204
Z = 50 W
VAC_REF
50 W
50 W
100 nF
100 nF
CDCLVD1204
www.ti.com
SCAS898A – MAY 2010 – REVISED JUNE 2010
LVDS OUTPUT TERMINATION
The proper LVDS termination for signal integrity over two 50
Ω lines is 100 Ω between the outputs on the
receiver end. Either dc-coupled termination or ac-coupled termination can be used for LVDS outputs. It is
recommended to place termination resister close to the receiver. If the receiver is internally biased to a voltage
different than the output common mode voltage of the CDCLVD1204, ac-coupling should be used. If the LVDS
receiver has internal 100
Ω termination, external termination must be omitted.
Unused outputs can be left open without connecting any trace to the output pins.
Figure 14. Output DC Termination
Figure 15. Output AC Termination (With the Receiver Internally Biased)
INPUT TERMINATION
The CDCLVD1204 inputs can be interfaced with LVDS, LVPECL, or LVCMOS drivers.
LVDS Driver can be connected to CDCLVD1204 inputs with dc or ac coupling as shown Figure 16 and
Figure 17, respectively.
Figure 16. LVDS Clock Driver Connected to CDCLVD1204 Input (DC Coupled)
Figure 17. LVDS Clock Driver Connected to CDCLVD1204 Input (AC Coupled)
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): CDCLVD1204


Podobny numer części - CDCLVD1204

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CDCLVD1204RGTR TI-CDCLVD1204RGTR Datasheet
756Kb / 20P
[Old version datasheet]   2:4 Low Additive Jitter LVDS Buffer
CDCLVD1204RGTT TI-CDCLVD1204RGTT Datasheet
756Kb / 20P
[Old version datasheet]   2:4 Low Additive Jitter LVDS Buffer
More results

Podobny opis - CDCLVD1204

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
1633966 TI-1633966 Datasheet
756Kb / 20P
[Old version datasheet]   2:4 Low Additive Jitter LVDS Buffer
CDCLVD1212 TI1-CDCLVD1212 Datasheet
707Kb / 20P
[Old version datasheet]   2:12 Low Additive Jitter LVDS Buffer
CDCLVD1216 TI1-CDCLVD1216 Datasheet
752Kb / 20P
[Old version datasheet]   2:16 Low Additive Jitter LVDS Buffer
CDCLVD1208 TI1-CDCLVD1208 Datasheet
786Kb / 21P
[Old version datasheet]   2:8 Low Additive Jitter LVDS Buffer
CDCLVD2102 TI1-CDCLVD2102 Datasheet
753Kb / 20P
[Old version datasheet]   Dual 1:2 Low Additive Jitter LVDS Buffer
LMK1D1212 TI-LMK1D1212 Datasheet
3Mb / 36P
[Old version datasheet]   LMK1D121x Low Additive Jitter LVDS Buffer
SNAS823 ??OCTOBER 2021
LMK1D2102 TI-LMK1D2102 Datasheet
2Mb / 33P
[Old version datasheet]   LMK1D210x Low Additive Jitter LVDS Buffer
SNAS822 ??SEPTEMBER 2021
LMK1D1204 TI-LMK1D1204 Datasheet
1Mb / 35P
[Old version datasheet]   LMK1D120x Low Additive Jitter LVDS Buffer
REVISED AUGUST 2021
LMK1D2106 TI-LMK1D2106 Datasheet
3Mb / 37P
[Old version datasheet]   LMK1D210x Low Additive Jitter LVDS Buffer
SNAS829 ??OCTOBER 2021
CDCLVD2104 TI1-CDCLVD2104 Datasheet
782Kb / 21P
[Old version datasheet]   Dual 1:4 Low Additive Jitter LVDS Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com