Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CDC421312RGER Arkusz danych(PDF) 1 Page - Texas Instruments

Numer części CDC421312RGER
Szczegółowy opis  FULLY INTEGRATED FIXED FREQUENCY LOW-JITTER, CRYSTAL-OSCILLATOR CLOCK
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

CDC421312RGER Arkusz danych(HTML) 1 Page - Texas Instruments

  CDC421312RGER Datasheet HTML 1Page - Texas Instruments CDC421312RGER Datasheet HTML 2Page - Texas Instruments CDC421312RGER Datasheet HTML 3Page - Texas Instruments CDC421312RGER Datasheet HTML 4Page - Texas Instruments CDC421312RGER Datasheet HTML 5Page - Texas Instruments CDC421312RGER Datasheet HTML 6Page - Texas Instruments CDC421312RGER Datasheet HTML 7Page - Texas Instruments CDC421312RGER Datasheet HTML 8Page - Texas Instruments CDC421312RGER Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
www.ti.com
FEATURES
APPLICATIONS
Crystal
Oscillator
Input
ExternalCrystal
Feedback
Divider
LoopFilter
VCO
CLK
NCLK
B0216-02
DESCRIPTION
CDC421xxx
SLAS540 – APRIL 2007
FULLY INTEGRATED FIXED FREQUENCY LOW-JITTER, CRYSTAL-OSCILLATOR CLOCK
GENERATOR
• Output Frequencies: 100 MHz, 106.25 MHz,
125 MHz, 156.25 MHz, 212.5 MHz, 250 MHz,
• Single 3.3 V Supply
and 312.5 MHz
• High-Performance Clock Generator,
• Differential Low-Voltage Positive Emitter
Incorporating Crystal Oscillator Circuitry With
Coupled Logic (LVPECL) Output
Integrated Frequency Synthesizer
• Fully Integrated Voltage-Controlled Oscillator
• Low Output Jitter, as Low as 380 fs (rms
(VCO) Running from 1.75 GHz to 2.35 GHz
integrated between 10 kHz–20 MHz)
• Typical Power Consumption 300 mW
• Low Phase Noise at 312.5 MHz, Less Than
–120 dBc/Hz at 10 kHz and –147 dBc/Hz at 10
• Chip-Enable Control Pin
MHz Offset From the Carrier
• QFN-24 Package
• Supports Crystal Frequencies or LVCMOS
• ESD Protection Exceeds 2 kV HBM
Input Frequencies at 31.25 MHz, 33.33 MHz,
• Industrial Temperature Range –40°C to 85°C
and 35.42 MHz
A
A
• Low-Cost, Low-Jitter Frequency Multiplier
A
A
CDC421xxx is a high-performance, low-phase-noise clock generator. It has an integrated low-noise, LC-based
voltage-controlled oscillator (VCO) that operates within the 1.75 GHz–2.35 GHz frequency range. It has an
integrated crystal oscillator that operates in conjunction with an external AT-cut crystal to produce a stable
frequency reference for the PLL-based frequency synthesizer. The output frequency (fout) is proportional to the
frequency of the input crystal (fxtal).
The device operates in a 3.3 V supply environment and is characterized for operation from –40
°C to 85°C.
CDC421xxx is available in a QFN-24 package.
A high-level block diagram of the CDC421xxx is shown in Figure 1.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Podobny numer części - CDC421312RGER

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CDC421312RGER TI-CDC421312RGER Datasheet
694Kb / 18P
[Old version datasheet]   FULLY INTEGRATED FIXED FREQUENCY LOW-JITTER, CRYSTAL-OSCILLATOR CLOCK GENERATOR
More results

Podobny opis - CDC421312RGER

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CDC421A100 TI1-CDC421A100 Datasheet
619Kb / 15P
[Old version datasheet]   Fully-Integrated, Fixed-Frequency, Low-Jitter Crystal Oscillator Clock Generator
CDC421XXX TI-CDC421XXX Datasheet
694Kb / 18P
[Old version datasheet]   FULLY INTEGRATED FIXED FREQUENCY LOW-JITTER, CRYSTAL-OSCILLATOR CLOCK GENERATOR
CDCE421A TI1-CDCE421A Datasheet
815Kb / 27P
[Old version datasheet]   Fully-Integrated, Wide Range, Low-Jitter Crystal Oscillator Clock Generator
CDCE421 TI1-CDCE421_15 Datasheet
884Kb / 24P
[Old version datasheet]   Fully Integrated Wide-Range, Low-Jitter, Crystal-Oscillator Clock Generator
CDCE421 TI-CDCE421 Datasheet
1,003Kb / 30P
[Old version datasheet]   Fully Integrated Wide-Range, Low-Jitter, Crystal-Oscillator Clock Generator
logo
Abracon Corporation
AK2A ABRACON-AK2A Datasheet
1Mb / 11P
   Ultra-Low Jitter, Fixed-Frequency SMD Clock Oscillator
REVISED: 09-27-22
AK3A ABRACON-AK3A Datasheet
1Mb / 11P
   Ultra-Low Jitter, Fixed-Frequency SMD Clock Oscillator
REVISED: 09-27-22
logo
Vanlong Technology Co.,...
PO321 VANLONG-PO321 Datasheet
37Kb / 1P
   Fixed Frequency Crystal Oscillator
logo
Microchip Technology
MX55 MICROCHIP-MX55 Datasheet
1Mb / 28P
   Low Jitter Crystal Oscillator
10/25/17
logo
Vanlong Technology Co.,...
PO300F VANLONG-PO300F Datasheet
39Kb / 1P
   Fixed Frequency Crystal Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com