Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7495BR Arkusz danych(PDF) 8 Page - Analog Devices

Numer części AD7495BR
Szczegółowy opis  1 MSPS, 12-Bit ADCs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7495BR Arkusz danych(HTML) 8 Page - Analog Devices

Back Button AD7495BR Datasheet HTML 4Page - Analog Devices AD7495BR Datasheet HTML 5Page - Analog Devices AD7495BR Datasheet HTML 6Page - Analog Devices AD7495BR Datasheet HTML 7Page - Analog Devices AD7495BR Datasheet HTML 8Page - Analog Devices AD7495BR Datasheet HTML 9Page - Analog Devices AD7495BR Datasheet HTML 10Page - Analog Devices AD7495BR Datasheet HTML 11Page - Analog Devices AD7495BR Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
REV. A
AD7475/AD7495
–8–
AD7475/AD7495 TYPICAL PERFORMANCE CURVES
TPC 1 shows a typical FFT plot for the AD7475 at 1 MHz
sample rate and 100 kHz input frequency.
FREQUENCY – kHz
–115
0
50
100
150
200
250
300
–95
–75
–55
–35
350
400
500
450
–15
8192 POINT FFT
fSAMPLE = 1MSPS
fIN = 100kHz
SINAD = 70.46dB
THD = –87.7dB
SFDR = –89.5dB
TPC 1. AD7475 Dynamic Performance
TPC 2 shows a typical FFT plot for the AD7495 at 1 MHz sample
rate and 100 kHz input frequency.
FREQUENCY – kHz
–115
0
50
100
150
200
250
300
–95
–75
–55
–35
350
400
500
450
–15
8192 POINT FFT
fSAMPLE = 1MSPS
fIN = 100kHz
SINAD = 69.95dB
THD = –89.2dB
SFDR = –91.2dB
TPC 2. AD7495 Dynamic Performance
TPC 3 shows the signal-to-(noise + distortion) ratio performance
versus input frequency for various supply voltages while sampling
at 1 MSPS with an SCLK of 20 MHz.
INPUT FREQUENCY – kHz
68.5
10
100
69.0
69.5
70.0
70.5
1000
71.0
VDD = VDRIVE = 5.25V
VDD = VDRIVE = 3.60V
VDD = VDRIVE = 2.70V
VDD = VDRIVE = 4.75V
TPC 3. AD7495 SINAD vs. Input Frequency at 1 MSPS
CIRCUIT INFORMATION
The AD7475/AD7495 are fast, micropower, 12-bit, single-supply,
A/D converters. The parts can be operated from a 2.7 V to 5.25 V
supply. When operated from either a 5 V supply or a 3 V sup-
ply, the AD7475/AD7495 are capable of throughput rates of
1 MSPS when provided with a 20 MHz clock.
The AD7475/AD7495 provide the user with an on-chip track/
hold, A/D converter, and a serial interface housed in either an
8-lead SOIC or
µSOIC package, which offers the user considerable
space-saving advantages over alternative solutions. The AD7495
also has an on-chip 2.5 V reference. The serial clock input accesses
data from the part but also provides the clock source for the
successive-approximation A/D converter. The analog input range
is 0 V to REF IN for the AD7475 and 0 V to REF OUT for
the AD7495.
The AD7475/AD7495 also feature power-down options to allow
power saving between conversions. The power-down feature is
implemented across the standard serial interface as described in
the Modes of Operation section.
CONVERTER OPERATION
The AD7475/AD7495 are 12-bit successive approximation
analog-to-digital converters based around a capacitive DAC.
The AD7475/AD7495 can convert analog input signals in the
range 0 V to 2.5 V. Figures 4 and 5 show simplified schematics
of the ADC. The ADC comprises of Control Logic, SAR and a
Capacitive DAC, which are used to add and subtract fixed
amounts of charge from the sampling capacitor to bring the
comparator back into a balanced condition. Figure 4 shows the
ADC during its acquisition phase. SW2 is closed and SW1 is in
Position A. The comparator is held in a balanced condition and
the sampling capacitor acquires the signal on VIN.
COMPARATOR
VIN
CONTROL LOGIC
CAPACITIVE
DAC
AGND
4k
SW2
SW1
A
B
Figure 4. ADC Acquisition Phase
When the ADC starts a conversion (see Figure 5), SW2 will
open and SW1 will move to position B causing the compara-
tor to become unbalanced. The Control Logic and the Capacitive
DAC are used to add and subtract fixed amounts of charge
from the sampling capacitor to bring the comparator back into a
balanced condition. When the comparator is rebalanced, the
conversion is complete. The Control Logic generates the ADC
output code. Figure 6 shows the ADC transfer function.
COMPARATOR
VIN
CONTROL LOGIC
CAPACITIVE
DAC
AGND
4k
SW2
SW1
A
B
Figure 5. ADC Conversion Phase


Podobny numer części - AD7495BR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7495BR AD-AD7495BR Datasheet
453Kb / 24P
   1 MSPS,12-Bit ADCs
REV. B
AD7495BR AD-AD7495BR Datasheet
453Kb / 24P
   1MSPS,12-Bit ADCs
REV. B
AD7495BR-REEL AD-AD7495BR-REEL Datasheet
453Kb / 24P
   1 MSPS,12-Bit ADCs
REV. B
AD7495BR-REEL AD-AD7495BR-REEL Datasheet
453Kb / 24P
   1MSPS,12-Bit ADCs
REV. B
AD7495BR-REEL7 AD-AD7495BR-REEL7 Datasheet
453Kb / 24P
   1 MSPS,12-Bit ADCs
REV. B
More results

Podobny opis - AD7495BR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7475 AD-AD7475_V01 Datasheet
519Kb / 24P
   1 MSPS,12-Bit ADCs
Rev. D
AD7495ARZ AD-AD7495ARZ Datasheet
453Kb / 24P
   1 MSPS,12-Bit ADCs
REV. B
AD7908BRUZ AD-AD7908BRUZ Datasheet
456Kb / 32P
   8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs
REV. D
EVAL-AD7922 AD-EVAL-AD7922_15 Datasheet
862Kb / 16P
   Evaluation Board for 1 MSPS, 2-Channel, 12-/10-Bit ADCs
REV. 0
EVAL-AD7912 AD-EVAL-AD7912_15 Datasheet
862Kb / 16P
   Evaluation Board for 1 MSPS, 2-Channel, 12-/10-Bit ADCs
REV. 0
AD7476 AD-AD7476_15 Datasheet
560Kb / 25P
   1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
Rev. F
AD7478 AD-AD7478_15 Datasheet
560Kb / 25P
   1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
Rev. F
AD7470 AD-AD7470_15 Datasheet
529Kb / 21P
   1.75 MSPS, 4 mW 10-Bit/12-Bit Parallel ADCs
REV. B
AD7470 AD-AD7470_03 Datasheet
325Kb / 20P
   1.75 MSPS, 4 mW 10-Bit/12-Bit Parallel ADCs
REV. B
AD7477AAKS AD-AD7477AAKS Datasheet
466Kb / 24P
   1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com