Zakładka z wyszukiwarką danych komponentów |
|
CDCVF2509 Arkusz danych(PDF) 7 Page - Texas Instruments |
|
|
CDCVF2509 Arkusz danych(HTML) 7 Page - Texas Instruments |
7 / 16 page 3 8 13 18 23 28 33 C(LF) − Load Capacitance − pF 400 200 −400 −600 0 −200 600 38 CLK to Y1−n CLK to FBOUT VCC = 3.3 V fc = 100 MHz C(LY1−n) = 25 pF || 500 Ω TA = 25°C See Notes A, B, and C 3 8 13 18 23 28 33 400 200 −400 −600 0 −200 600 38 VCC = 3.3 V fc = 133 MHz C(LY1−n) = 25 pF || 500 Ω TA = 25°C See Notes A, B, and C CLK to Y1−n CLK to FBOUT C(LF) − Load Capacitance − pF 50 75 100 125 150 175 200 fc − Clock Frequency − MHz −100 −150 −250 −300 −350 −400 −200 −50 0 VCC = 3.3 V C(LY) = 25 pF || 500 Ω C(LF) = 12 pF || 500 Ω TA = 25°C See Notes A, B, and C CLK to FBOUT −100 −150 −250 −300 −350 −400 −200 3.1 3.2 3.3 3.4 3.5 −50 0 VCC − Supply Voltage at FBOUT − V 3.6 3 fc = 133 MHz C(LY) = 25 pF || 500 Ω C(LF) = 12 pF || 500 Ω TA = 25°C See Notes A, B, and C CLK to FBOUT NOT RECOMMENDED FOR NEW DESIGNS, USE CDCVF2509A AS A REPLACEMENT CDCVF2509 www.ti.com SCAS737D – APRIL 2004 – REVISED FEBRUARY 2010 TYPICAL CHARACTERISTICS STATIC PHASE ERROR STATIC PHASE ERROR vs vs LOAD CAPACITANCE LOAD CAPACITANCE Figure 3. Figure 4. STATIC PHASE ERROR STATIC PHASE ERROR vs vs SUPPLY VOLTAGE AT FBOUT CLOCK FREQUENCY Figure 5. Figure 6. a. Trace length FBOUT to FBIN = 5 mm, ZO = 50Ω b. C(LY) = Lumped capacitive load Y1-n c. C(LFx) = Lumped feedback capacitance at FBOUT = FBIN Copyright © 2004–2010, Texas Instruments Incorporated Submit Documentation Feedback 7 Product Folder Link(s): CDCVF2509 |
Podobny numer części - CDCVF2509 |
|
Podobny opis - CDCVF2509 |