Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CDCVF2510PWG4 Arkusz danych(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Numer części CDCVF2510PWG4
Szczegółowy opis  3.3-V PHASE-LOCK LOOP CLOCK DRIVER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

CDCVF2510PWG4 Arkusz danych(HTML) 5 Page - Texas Instruments

  CDCVF2510PWG4 Datasheet HTML 1Page - Texas Instruments CDCVF2510PWG4 Datasheet HTML 2Page - Texas Instruments CDCVF2510PWG4 Datasheet HTML 3Page - Texas Instruments CDCVF2510PWG4 Datasheet HTML 4Page - Texas Instruments CDCVF2510PWG4 Datasheet HTML 5Page - Texas Instruments CDCVF2510PWG4 Datasheet HTML 6Page - Texas Instruments CDCVF2510PWG4 Datasheet HTML 7Page - Texas Instruments CDCVF2510PWG4 Datasheet HTML 8Page - Texas Instruments CDCVF2510PWG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
www.ti.com
SWITCHING CHARACTERISTICS
CDCVF2510
SCAS638C – JULY 2001 – REVISED APRIL 2006
ELECTRICAL CHARACTERISTICS (continued)
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC, AVCC
MIN
TYP(1)
MAX
UNIT
Supply current
VI = VCC or GND,
ICC(2)
IO = 0,
3.6 V, 0 V
40
µA
(static, output not switching)
Outputs: low or high
One input at VCC - 0.6 V,
∆I
CC
Change in supply current
3.3 V to 3.6 V
500
µA
Other inputs at VCC or GND
Ci
Input capacitance
VI = VCC or GND
3.3 V
2.5
pF
Co
Output capacitance
VO = VCC or GND
3.3 V
2.8
pF
(2)
For dynamic ICC vs Frequency, see Figure 8 and Figure 9.
over recommended ranges of supply voltage and operating free-air temperature, C
L = 25 pF, See
(1) and Figure 1 and
Figure 2
VCC, AVCC = 3.3 V
FROM
TO
± 0.3 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
Phase error time-static
(normalized),
CLK
↑ = 66 MHz to166 MHz
FBIN
-125
125
ps
See Figure 3 through Figure 6
tsk(o)
Output skew time (2)
Any Y
Any Y
100
ps
Phase error time-jitter (3)
Any Y or FBOUT
-50
50
CLK = 66 MHz to 100 MHz
ps
Any Y or FBOUT
|70|
Jitter(cycle-cycle), See Figure 7
CLK = 100 MHz to
Any Y or FBOUT
|65|
ps
166 MHz
Duty cycle
f(CLK) > 60 MHz
Any Y or FBOUT
45%
55%
tr
Rise time
VO = 0.4 V to 2 V
Any Y or FBOUT
0.3
1.1
ns/V
tf
Fall time
VO = 2 V to 0.4 V
Any Y or FBOUT
0.3
1.1
ns/V
Low-to-high propagation delay
tPLH(bypass mode)
CLK
Any Y or FBOUT
1.8
3.9
ns
time, bypass mode
High-to-low propagation delay
tPHL(bypass mode)
CLK
Any Y or FBOUT
1.8
3.9
ns
time, bypass mode
(1)
These parameters are not production tested.
(2)
The tsk(o) specification is only valid for equal loading of all outputs.
(3)
Calculated per PC DRAM SPEC (tphase error, static - jitter(cycle-to-cycle)).
5
Submit Documentation Feedback


Podobny numer części - CDCVF2510PWG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CDCVF2510PWG4 TI1-CDCVF2510PWG4 Datasheet
764Kb / 16P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
More results

Podobny opis - CDCVF2510PWG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CDC2510 TI-CDC2510 Datasheet
131Kb / 9P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
logo
Hitachi Semiconductor
HD74CDC2510B HITACHI-HD74CDC2510B Datasheet
45Kb / 11P
   3.3-V Phase-lock Loop Clock Driver
logo
Texas Instruments
CDCF2509 TI1-CDCF2509_17 Datasheet
641Kb / 15P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDCVF2505 TI-CDCVF2505 Datasheet
207Kb / 10P
[Old version datasheet]   3.3-V CLOCK PHASE-LOCK LOOP CLOCK DRIVER
CDC2509 TI-CDC2509 Datasheet
132Kb / 9P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2509C TI-CDC2509C Datasheet
180Kb / 12P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2510B TI-CDC2510B Datasheet
146Kb / 10P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2510C TI-CDC2510C Datasheet
180Kb / 12P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC509 TI1-CDC509_15 Datasheet
612Kb / 13P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
logo
Hitachi Semiconductor
HD74CDC2509B HITACHI-HD74CDC2509B Datasheet
42Kb / 11P
   3.3-V Phase-lock Loop Clock Driver
logo
Texas Instruments
CDC2509B TI-CDC2509B Datasheet
147Kb / 10P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com