Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CSD16340Q3 Arkusz danych(PDF) 5 Page - Texas Instruments

Numer części CSD16340Q3
Szczegółowy opis  CSD16340Q3 25-V N-Channel NexFET??Power MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

CSD16340Q3 Arkusz danych(HTML) 5 Page - Texas Instruments

  CSD16340Q3_16 Datasheet HTML 1Page - Texas Instruments CSD16340Q3_16 Datasheet HTML 2Page - Texas Instruments CSD16340Q3_16 Datasheet HTML 3Page - Texas Instruments CSD16340Q3_16 Datasheet HTML 4Page - Texas Instruments CSD16340Q3_16 Datasheet HTML 5Page - Texas Instruments CSD16340Q3_16 Datasheet HTML 6Page - Texas Instruments CSD16340Q3_16 Datasheet HTML 7Page - Texas Instruments CSD16340Q3_16 Datasheet HTML 8Page - Texas Instruments CSD16340Q3_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
VDS − Drain to Source Voltage − V
0
15
25
35
40
45
50
0.0
0.2
0.4
0.5
0.6
G001
0.1
0.3
30
20
5
10
VGS = 3.5V
VGS = 8V
VGS = 4.5V
VGS = 3V
VGS = 2.5V
VGS − Gate to Source Voltage − V
5
15
25
35
40
45
1.7
1.1
1.3
1.5
2.1
G002
50
0.7
0.9
1.9
VDS = 5V
0
10
20
30
TC = −55 C
°
TC = 125 C
°
TC = 25 C
°
t
P – PulseDuration–s
G012
0.01
0.1
10
1
0.001
0.01
0.1
1
10
100
0.001
1k
0.1
0.05
0.01
0.5
0.02
0.3
SinglePulse
DutyCycle=t /t
1 2
TypicalR
JA
q
=138 C/W(minCu)
o
T
J =P xZq
q
JA
JA
xR
t
1
t
2
P
CSD16340Q3
www.ti.com
SLPS247E – DECEMBER 2009 – REVISED AUGUST 2014
5.3 Typical MOSFET Characteristics
(TA = 25°C unless otherwise stated)
Figure 1. Transient Thermal Impedance
Figure 2. Saturation Characteristics
Figure 3. Transfer Characteristics
Copyright © 2009–2014, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: CSD16340Q3


Podobny numer części - CSD16340Q3_16

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CSD16340Q3 TI1-CSD16340Q3_11 Datasheet
392Kb / 11P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion and optimized for 5V gate drive applications.
More results

Podobny opis - CSD16340Q3_16

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CSD16327Q3 TI1-CSD16327Q3_16 Datasheet
425Kb / 13P
[Old version datasheet]   25-V N-Channel NexFET Power MOSFET
CSD16570Q5B TI1-CSD16570Q5B_16 Datasheet
410Kb / 13P
[Old version datasheet]   25-V N-Channel NexFET Power MOSFET
CSD16570Q5B TI-CSD16570Q5B_15 Datasheet
920Kb / 15P
[Old version datasheet]   CSD16570Q5B 25-V N-Channel NexFET Power MOSFET
CSD16321Q5 TI-CSD16321Q5_V01 Datasheet
602Kb / 13P
[Old version datasheet]   CSD16321Q5 25-V N-Channel NexFET??Power MOSFET
MAY 2017
CSD16556Q5B TI-CSD16556Q5B Datasheet
908Kb / 12P
[Old version datasheet]   25-V N-Channel NexFET Power MOSFETs
CSD19532Q5B TI1-CSD19532Q5B Datasheet
1Mb / 13P
[Old version datasheet]   100 V N-Channel NexFET Power MOSFET
CSD18511KTT TI1-CSD18511KTT Datasheet
377Kb / 11P
[Old version datasheet]   40-V N-Channel NexFET Power MOSFET
CSD17483F4 TI-CSD17483F4 Datasheet
560Kb / 10P
[Old version datasheet]   30-V, N-Channel NexFET Power MOSFET
CSD19502Q5B TI1-CSD19502Q5B Datasheet
1Mb / 13P
[Old version datasheet]   80 V N-Channel NexFET Power MOSFET
CSD19532Q5B TI1-CSD19532Q5B Datasheet
1Mb / 13P
[Old version datasheet]   100 V N-Channel NexFET??Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com