Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CSD17577Q5A Arkusz danych(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Numer części CSD17577Q5A
Szczegółowy opis  30V N-Channel NexFET Power MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

CSD17577Q5A Arkusz danych(HTML) 3 Page - Texas Instruments

  CSD17577Q5A Datasheet HTML 1Page - Texas Instruments CSD17577Q5A Datasheet HTML 2Page - Texas Instruments CSD17577Q5A Datasheet HTML 3Page - Texas Instruments CSD17577Q5A Datasheet HTML 4Page - Texas Instruments CSD17577Q5A Datasheet HTML 5Page - Texas Instruments CSD17577Q5A Datasheet HTML 6Page - Texas Instruments CSD17577Q5A Datasheet HTML 7Page - Texas Instruments CSD17577Q5A Datasheet HTML 8Page - Texas Instruments CSD17577Q5A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
CSD17577Q5A
www.ti.com
SLPS516 – AUGUST 2014
5 Specifications
5.1 Electrical Characteristics
(TA = 25°C unless otherwise stated)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
STATIC CHARACTERISTICS
BVDSS
Drain-to-Source Voltage
VGS = 0 V, ID = 250 μA
30
V
IDSS
Drain-to-Source Leakage Current
VGS = 0 V, VDS = 24 V
1
μA
IGSS
Gate-to-Source Leakage Current
VDS = 0 V, VGS = 20 V
100
nA
VGS(th)
Gate-to-Source Threshold Voltage
VDS = VGS, ID = 250 μA
1.1
1.4
1.8
V
VGS = 4.5 V, ID = 10 A
4.8
5.8
m
RDS(on)
Drain-to-Source On-Resistance
VGS = 10 V, ID = 18 A
3.5
4.2
m
gƒs
Transconductance
VDS = 3 V, ID = 18 A
79
S
DYNAMIC CHARACTERISTICS
Ciss
Input Capacitance
1780
2310
pF
Coss
Output Capacitance
VGS = 0 V, VDS = 15 V, ƒ = 1 MHz
208
270
pF
Crss
Reverse Transfer Capacitance
79
102
pF
RG
Series Gate Resistance
1.4
2.8
Qg
Gate Charge Total (4.5 V)
13
17
nC
Qg
Gate Charge Total (10 V)
27
35
nC
Qgd
Gate Charge Gate-to-Drain
VDS = 15 V, ID = 18 A
2.8
nC
Qgs
Gate Charge Gate-to-Source
5.1
nC
Qg(th)
Gate Charge at Vth
2.5
nC
Qoss
Output Charge
VDS = 15 V, VGS = 0 V
6
nC
td(on)
Turn On Delay Time
3
ns
tr
Rise Time
12
ns
VDS = 15 V, VGS = 10 V,
IDS = 18 A, RG = 0 Ω
td(off)
Turn Off Delay Time
18
ns
tƒ
Fall Time
2
ns
DIODE CHARACTERISTICS
VSD
Diode Forward Voltage
ISD = 18 A, VGS = 0 V
0.8
1
V
Qrr
Reverse Recovery Charge
8.2
nC
VDS= 15 V, IF = 18 A,
di/dt = 300 A/
μs
trr
Reverse Recovery Time
9.3
ns
5.2 Thermal Information
(TA = 25°C unless otherwise stated)
THERMAL METRIC
MIN
TYP
MAX
UNIT
RθJC
Junction-to-Case Thermal Resistance(1)
2.8
°C/W
RθJA
Junction-to-Ambient Thermal Resistance(1)(2)
50
(1)
RθJC is determined with the device mounted on a 1-inch
2 (6.45-cm2), 2-oz. (0.071-mm thick) Cu pad on a 1.5-inches × 1.5-inches
(3.81-cm × 3.81-cm), 0.06-inch (1.52-mm) thick FR4 PCB. RθJC is specified by design, whereas RθJA is determined by the user’s board
design.
(2)
Device mounted on FR4 material with 1-inch2 (6.45-cm2), 2-oz. (0.071-mm thick) Cu.
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: CSD17577Q5A


Podobny numer części - CSD17577Q5A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CSD17577Q5A TI-CSD17577Q5A_15 Datasheet
885Kb / 15P
[Old version datasheet]   CSD17577Q5A 30-V N-Channel NexFET Power MOSFET
More results

Podobny opis - CSD17577Q5A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CSD17311Q5 TI-CSD17311Q5_1 Datasheet
374Kb / 10P
[Old version datasheet]   30V N-Channel NexFET??Power MOSFET
CSD17313Q2 TI-CSD17313Q2 Datasheet
327Kb / 9P
[Old version datasheet]   30V N-Channel NexFET??Power MOSFET
CSD17559Q5 TI1-CSD17559Q5_16 Datasheet
414Kb / 12P
[Old version datasheet]   30V N-Channel NexFET Power MOSFET
CSD17313Q2Q1 TI-CSD17313Q2Q1 Datasheet
312Kb / 10P
[Old version datasheet]   30V N-Channel NexFET Power MOSFET
CSD17303Q5 TI-CSD17303Q5 Datasheet
369Kb / 9P
[Old version datasheet]   30V N-Channel NexFET??Power MOSFET
CSD17311Q5 TI-CSD17311Q5 Datasheet
374Kb / 10P
[Old version datasheet]   30V N-Channel NexFET??Power MOSFET
CSD17575Q3 TI1-CSD17575Q3_16 Datasheet
450Kb / 13P
[Old version datasheet]   30V N-Channel NexFET Power MOSFET
CSD17312Q5 TI1-CSD17312Q5_11 Datasheet
522Kb / 11P
[Old version datasheet]   30V N-Channel NexFET??Power MOSFET
CSD17312Q5 TI-CSD17312Q5 Datasheet
373Kb / 10P
[Old version datasheet]   30V N-Channel NexFET??Power MOSFET
CSD17313Q2_1010 TI-CSD17313Q2_1010 Datasheet
323Kb / 9P
[Old version datasheet]   30V N-Channel NexFET??Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com