Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CSD18503Q5A Arkusz danych(PDF) 3 Page - Texas Instruments

Numer części CSD18503Q5A
Szczegółowy opis  40V N-Channel NexFET Power MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

CSD18503Q5A Arkusz danych(HTML) 3 Page - Texas Instruments

  CSD18503Q5A_16 Datasheet HTML 1Page - Texas Instruments CSD18503Q5A_16 Datasheet HTML 2Page - Texas Instruments CSD18503Q5A_16 Datasheet HTML 3Page - Texas Instruments CSD18503Q5A_16 Datasheet HTML 4Page - Texas Instruments CSD18503Q5A_16 Datasheet HTML 5Page - Texas Instruments CSD18503Q5A_16 Datasheet HTML 6Page - Texas Instruments CSD18503Q5A_16 Datasheet HTML 7Page - Texas Instruments CSD18503Q5A_16 Datasheet HTML 8Page - Texas Instruments CSD18503Q5A_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
CSD18503Q5A
www.ti.com
SLPS358C – JUNE 2012 – REVISED JUNE 2015
5 Specifications
5.1 Electrical Characteristics
(TA = 25°C unless otherwise stated)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
STATIC CHARACTERISTICS
BVDSS
Drain to-source voltage
VGS = 0 V, ID = 250 μA
40
V
IDSS
Drain-to-source leakage current
VGS = 0 V, VDS = 32 V
1
μA
IGSS
Gate-to-source leakage current
VDS = 0 V, VGS = 20 V
100
nA
VGS(th)
Gate-to-source threshold voltage
VDS = VGS, ID = 250 μA
1.5
1.8
2.3
V
VGS = 4.5 V, ID = 22 A
4.7
6.2
m
RDS(on)
Drain-to-source on-resistance
VGS = 10 V, ID = 22 A
3.4
4.3
m
gfs
Transconductance
VDS = 20 V, ID = 22 A
100
S
DYNAMIC CHARACTERISTICS
Ciss
Input capacitance
2200
2640
pF
Coss
Output capacitance
VGS = 0 V, VDS = 20 V, ƒ = 1 MHz
510
612
pF
Crss
Reverse transfer capacitance
13
16
pF
RG
Series gate resistance
1.2
2.4
Qg
Gate charge total (4.5 V)
13
16
nC
Qg
Gate charge total (10 V)
27
32
Qgd
Gate charge gate-to-drain
VDS = 20 V, ID = 22 A
4.3
nC
Qgs
Gate charge gate-to-source
4.5
nC
Qg(th)
Gate charge at Vth
3.8
nC
Qoss
Output charge
VDS = 20 V, VGS = 0 V
30
nC
td(on)
Turn on delay time
4.5
ns
tr
Rise time
8.8
ns
VDS = 20 V, VGS = 10 V,
IDS = 22 A, RG = 0
td(off)
Turn off delay time
15
ns
tf
Fall time
2.6
ns
DIODE CHARACTERISTICS
VSD
Diode forward voltage
ISD = 22 A, VGS = 0 V
0.8
1
V
Qrr
Reverse recovery charge
52
nC
VDS= 20 V, IF = 22 A,
di/dt = 300 A/
μs
trr
Reverse recovery time
37
ns
5.2 Thermal Information
(TA = 25°C unless otherwise stated)
THERMAL METRIC
MIN
TYP
MAX
UNIT
RθJC
Junction-to-case thermal resistance(1)
1.3
°C/W
RθJA
Junction-to-ambient thermal resistance(1)(2)
50
°C/W
(1)
RθJC is determined with the device mounted on a 1 inch
2 (6.45 cm2), 2 oz. (0.071 mm thick) Cu pad on a 1.5 inch × 1.5 inch
(3.81 cm × 3.81 cm), 0.06 inch (1.52 mm) thick FR4 PCB. RθJC is specified by design, whereas RθJA is determined by the user’s board
design.
(2)
Device mounted on FR4 material with 1 inch2 (6.45 cm2), 2 oz. (0.071 mm thick) Cu.
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: CSD18503Q5A


Podobny numer części - CSD18503Q5A_16

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CSD18503Q5A TI1-CSD18503Q5A_12 Datasheet
730Kb / 12P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion applications.
More results

Podobny opis - CSD18503Q5A_16

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CSD18502Q5B TI1-CSD18502Q5B_16 Datasheet
945Kb / 15P
[Old version datasheet]   40V N-Channel NexFET Power MOSFET
CSD18504Q5A TI1-CSD18504Q5A_16 Datasheet
416Kb / 13P
[Old version datasheet]   40V N-Channel NexFET Power MOSFET
CSD18501Q5A TI1-CSD18501Q5A Datasheet
703Kb / 10P
[Old version datasheet]   40V N-Channel NexFET??Power MOSFETs
CSD18503Q5A TI1-CSD18503Q5A Datasheet
709Kb / 9P
[Old version datasheet]   40V N-Channel NexFET??Power MOSFETs
CSD18504Q5A TI1-CSD18504Q5A Datasheet
674Kb / 9P
[Old version datasheet]   40V N-Channel NexFET??Power MOSFETs
CSD13201W10 TI1-CSD13201W10 Datasheet
1Mb / 13P
[Old version datasheet]   N-Channel NexFET Power MOSFET
CSD16413Q5A TI1-CSD16413Q5A Datasheet
342Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFET
CSD18563Q5A TI1-CSD18563Q5A_16 Datasheet
825Kb / 13P
[Old version datasheet]   N-Channel NexFET Power MOSFET
CSD17313Q2Q1 TI1-CSD17313Q2Q1_15 Datasheet
411Kb / 13P
[Old version datasheet]   N-Channel NexFET Power MOSFET
CSD16408Q5 TI-CSD16408Q5 Datasheet
204Kb / 10P
[Old version datasheet]   N-Channel NexFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com