Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CSD18531Q5AT Arkusz danych(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Numer części CSD18531Q5AT
Szczegółowy opis  60V N-Channel NexFET Power MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

CSD18531Q5AT Arkusz danych(HTML) 6 Page - Texas Instruments

Back Button CSD18531Q5AT Datasheet HTML 2Page - Texas Instruments CSD18531Q5AT Datasheet HTML 3Page - Texas Instruments CSD18531Q5AT Datasheet HTML 4Page - Texas Instruments CSD18531Q5AT Datasheet HTML 5Page - Texas Instruments CSD18531Q5AT Datasheet HTML 6Page - Texas Instruments CSD18531Q5AT Datasheet HTML 7Page - Texas Instruments CSD18531Q5AT Datasheet HTML 8Page - Texas Instruments CSD18531Q5AT Datasheet HTML 9Page - Texas Instruments CSD18531Q5AT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
TC - Case Temperature (°C)
-50
-25
0
25
50
75
100
125
150
175
0
20
40
60
80
100
120
D012
VDS - Drain-to-Source Voltage (V)
0.1
1
10
100
0.1
1
10
100
1000
D010
DC
10 ms
1 ms
100 µs
10 µs
TAV - Time in Avalanche (ms)
0.01
0.1
1
10
100
D011
TC = 25G C
TC = 125G C
VSD - Source-to-Drain Voltage (V)
0
0.2
0.4
0.6
0.8
1
0.0001
0.001
0.01
0.1
1
10
100
D009
TC = 25°C
TC = 125°C
TC - Case Temperature (°C)
-75
-50
-25
0
25
50
75
100
125
150
175
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
D008
VGS = 4.5 V
VGS = 10 V
CSD18531Q5A
SLPS321E – JUNE 2012 – REVISED AUGUST 2015
www.ti.com
Typical MOSFET Characteristics (continued)
(TA = 25°C unless otherwise stated)
ID = 22 A
Figure 8. Normalized On-State Resistance vs Temperature
Figure 9. Typical Diode Forward Voltage
Single Pulse RθJC = 1.0°C/W
Figure 10. Maximum Safe Operating Area
Figure 11. Single Pulse Unclamped Inductive Switching
Figure 12. Maximum Drain Current vs Temperature
6
Submit Documentation Feedback
Copyright © 2012–2015, Texas Instruments Incorporated
Product Folder Links: CSD18531Q5A


Podobny numer części - CSD18531Q5AT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CSD18531Q5A TI1-CSD18531Q5A Datasheet
699Kb / 10P
[Old version datasheet]   60V N-Channel NexFET??Power MOSFETs
CSD18531Q5A TI1-CSD18531Q5A_12 Datasheet
1Mb / 12P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion applications.
More results

Podobny opis - CSD18531Q5AT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CSD18542KCS TI1-CSD18542KCS Datasheet
468Kb / 11P
[Old version datasheet]   60V N-Channel NexFET Power MOSFET
CSD18534Q5A TI1-CSD18534Q5A_16 Datasheet
420Kb / 13P
[Old version datasheet]   60V N-Channel NexFET Power MOSFET
CSD18533Q5A TI1-CSD18533Q5A_16 Datasheet
822Kb / 13P
[Old version datasheet]   60V N-Channel NexFET Power MOSFET
CSD18531Q5A TI1-CSD18531Q5A Datasheet
699Kb / 10P
[Old version datasheet]   60V N-Channel NexFET??Power MOSFETs
CSD18540Q5B TI1-CSD18540Q5B_16 Datasheet
438Kb / 13P
[Old version datasheet]   60V N-Channel NexFET Power MOSFETs
CSD18532Q5B TI1-CSD18532Q5B_16 Datasheet
877Kb / 14P
[Old version datasheet]   60V N-Channel NexFET Power MOSFETs
CSD18537NQ5A TI1-CSD18537NQ5A_16 Datasheet
699Kb / 14P
[Old version datasheet]   60V N-Channel NexFET Power MOSFETs
CSD18540Q5B TI-CSD18540Q5B_15 Datasheet
974Kb / 15P
[Old version datasheet]   CSD18540Q5B 60V N-Channel NexFET Power MOSFETs
CSD13201W10 TI1-CSD13201W10 Datasheet
1Mb / 13P
[Old version datasheet]   N-Channel NexFET Power MOSFET
CSD16413Q5A TI1-CSD16413Q5A Datasheet
342Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com