Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CSD19535KTT Arkusz danych(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Numer części CSD19535KTT
Szczegółowy opis  100V N-Channel NexFET Power MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

CSD19535KTT Arkusz danych(HTML) 1 Page - Texas Instruments

  CSD19535KTT Datasheet HTML 1Page - Texas Instruments CSD19535KTT Datasheet HTML 2Page - Texas Instruments CSD19535KTT Datasheet HTML 3Page - Texas Instruments CSD19535KTT Datasheet HTML 4Page - Texas Instruments CSD19535KTT Datasheet HTML 5Page - Texas Instruments CSD19535KTT Datasheet HTML 6Page - Texas Instruments CSD19535KTT Datasheet HTML 7Page - Texas Instruments CSD19535KTT Datasheet HTML 8Page - Texas Instruments CSD19535KTT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Qg - Gate Charge (nC)
0
8
16
24
32
40
48
56
64
72
80
0
1
2
3
4
5
6
7
8
9
10
D004
ID = 100 A
VDS = 50 V
VGS - Gate-to-Source Voltage (V)
0
2
4
6
8
10
12
14
16
18
20
0
1
2
3
4
5
6
7
8
9
10
D007
TC = 25°C, I D = 100 A
TC = 125°C, I D = 100 A
Gate
(Pin 1)
Drain (Pin 2)
Source (Pin 3)
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
CSD19535KTT
SLPS539A – MARCH 2015 – REVISED MAY 2015
CSD19535KTT 100 V N-Channel NexFET™ Power MOSFET
1 Features
Product Summary
1
Ultra-Low Qg and Qgd
TA = 25°C
TYPICAL VALUE
UNIT
Low Thermal Resistance
VDS
Drain-to-Source Voltage
100
V
Avalanche Rated
Qg
Gate Charge Total (10 V)
75
nC
Qgd
Gate Charge Gate-to-Drain
11
nC
Pb-Free Terminal Plating
VGS = 6 V
3.2
m
RoHS Compliant
RDS(on)
Drain-to-Source On-Resistance
VGS = 10 V
2.8
m
Halogen Free
VGS(th)
Threshold Voltage
2.7
V
D2PAK Plastic Package
Ordering Information(1)
2 Applications
DEVICE
QTY
MEDIA
PACKAGE
SHIP
Hot Swap
CSD19535KTT
500
13-Inch
Tape and
D2PAK Plastic
Reel
Reel
Motor Control
Package
CSD19535KTTT
50
Secondary Side Synchronous Rectifier
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
3 Description
Absolute Maximum Ratings
This 100 V, 2.8 m
Ω, D2PAK (TO-263) NexFET™
TA = 25°C
VALUE
UNIT
power MOSFET is designed to minimize losses in
VDS
Drain-to-source voltage
100
V
power conversion applications.
VGS
Gate-to-source voltage
±20
V
SPACE
Continuous drain current (package limited)
200
Continuous drain current (silicon limited), TC
Pin Out
197
ID
= 25°C
A
Continuous drain current (silicon limited), TC
139
= 100°C
IDM
Pulsed drain current (1)
400
A
PD
Power dissipation, TC = 25°C
300
W
TJ,
Operating junction,
–55 to 175
°C
Tstg
Storage temperature
Avalanche energy, single pulse
EAS
451
mJ
ID = 95 A, L = 0.1 mH
(1) RθJC = 0.5°C/W, Pulse duration ≤100 µs, Duty cycle ≤1%.
.
.
RDS(on) vs VGS
Gate Charge
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Podobny numer części - CSD19535KTT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Inchange Semiconductor ...
CSD19535KTT ISC-CSD19535KTT Datasheet
321Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Podobny opis - CSD19535KTT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CSD19534KCS TI1-CSD19534KCS Datasheet
326Kb / 12P
[Old version datasheet]   100V N-Channel NexFET Power MOSFET
CSD19532Q5B TI1-CSD19532Q5B_16 Datasheet
841Kb / 14P
[Old version datasheet]   100V N-Channel NexFET Power MOSFET
CSD19533Q5A TI1-CSD19533Q5A_16 Datasheet
773Kb / 14P
[Old version datasheet]   100V N-Channel NexFET Power MOSFET
CSD19537Q3 TI1-CSD19537Q3 Datasheet
510Kb / 13P
[Old version datasheet]   100V N-Channel NexFET Power MOSFET
CSD19538Q2 TI1-CSD19538Q2 Datasheet
402Kb / 14P
[Old version datasheet]   100V N-Channel NexFET Power MOSFET
CSD19536KTT TI1-CSD19536KTT Datasheet
882Kb / 14P
[Old version datasheet]   100V N-Channel NexFET Power MOSFET
CSD19531Q5A TI1-CSD19531Q5A Datasheet
1Mb / 12P
[Old version datasheet]   100V N-Channel NexFET Power MOSFETs
CSD19531Q5A TI1-CSD19531Q5A_16 Datasheet
743Kb / 14P
[Old version datasheet]   100V N-Channel NexFET Power MOSFETs
CSD19534Q5A TI1-CSD19534Q5A Datasheet
374Kb / 14P
[Old version datasheet]   100V N-Channel NexFET Power MOSFETs
CSD19531KCS TI1-CSD19531KCS Datasheet
838Kb / 7P
[Old version datasheet]   100V N-Channel NexFET??Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com