Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CSD19537Q3 Arkusz danych(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Numer części CSD19537Q3
Szczegółowy opis  100V N-Channel NexFET Power MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

CSD19537Q3 Arkusz danych(HTML) 8 Page - Texas Instruments

Back Button CSD19537Q3 Datasheet HTML 4Page - Texas Instruments CSD19537Q3 Datasheet HTML 5Page - Texas Instruments CSD19537Q3 Datasheet HTML 6Page - Texas Instruments CSD19537Q3 Datasheet HTML 7Page - Texas Instruments CSD19537Q3 Datasheet HTML 8Page - Texas Instruments CSD19537Q3 Datasheet HTML 9Page - Texas Instruments CSD19537Q3 Datasheet HTML 10Page - Texas Instruments CSD19537Q3 Datasheet HTML 11Page - Texas Instruments CSD19537Q3 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
8
CSD19537Q3
SLPS549A – AUGUST 2015 – REVISED MAY 2016
www.ti.com
Product Folder Links: CSD19537Q3
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
7 Mechanical, Packaging, and Orderable Information
The following pages include mechanical, packaging, and orderable information. This information is the most
current data available for the designated devices. This data is subject to change without notice and revision of
this document. For browser-based versions of this data sheet, refer to the left-hand navigation.
7.1 Q3 Package Dimensions
DIM
MILLIMETERS
INCHES
MIN
NOM
MAX
MIN
NOM
MAX
A
0.950
1.000
1.100
0.037
0.039
0.043
A1
0.000
0.000
0.050
0.000
0.000
0.002
b
0.280
0.340
0.400
0.011
0.013
0.016
b1
0.310 NOM
0.012 NOM
c
0.150
0.200
0.250
0.006
0.008
0.010
D
3.200
3.300
3.400
0.126
0.130
0.134
D2
1.650
1.750
1.800
0.065
0.069
0.071
d
0.150
0.200
0.250
0.006
0.008
0.010
d1
0.300
0.350
0.400
0.012
0.014
0.016
E
3.200
3.300
3.400
0.126
0.130
0.134
E2
2.350
2.450
2.550
0.093
0.096
0.100
e
0.650 TYP
0.026 TYP
H
0.35
0.450
0.550
0.014
0.018
0.022
K
0.650 TYP
0.026 TYP
L
0.35
0.450
0.550
0.014
0.018
0.022
L1
0
0
0
0
θ
0
0
0
0


Podobny numer części - CSD19537Q3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CSD19537Q3 TI-CSD19537Q3_15 Datasheet
478Kb / 13P
[Old version datasheet]   CSD19537Q3 100 V N-Channel NexFET Power MOSFET
More results

Podobny opis - CSD19537Q3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CSD19534KCS TI1-CSD19534KCS Datasheet
326Kb / 12P
[Old version datasheet]   100V N-Channel NexFET Power MOSFET
CSD19532Q5B TI1-CSD19532Q5B_16 Datasheet
841Kb / 14P
[Old version datasheet]   100V N-Channel NexFET Power MOSFET
CSD19533Q5A TI1-CSD19533Q5A_16 Datasheet
773Kb / 14P
[Old version datasheet]   100V N-Channel NexFET Power MOSFET
CSD19535KTT TI1-CSD19535KTT Datasheet
339Kb / 12P
[Old version datasheet]   100V N-Channel NexFET Power MOSFET
CSD19538Q2 TI1-CSD19538Q2 Datasheet
402Kb / 14P
[Old version datasheet]   100V N-Channel NexFET Power MOSFET
CSD19536KTT TI1-CSD19536KTT Datasheet
882Kb / 14P
[Old version datasheet]   100V N-Channel NexFET Power MOSFET
CSD19531Q5A TI1-CSD19531Q5A Datasheet
1Mb / 12P
[Old version datasheet]   100V N-Channel NexFET Power MOSFETs
CSD19531Q5A TI1-CSD19531Q5A_16 Datasheet
743Kb / 14P
[Old version datasheet]   100V N-Channel NexFET Power MOSFETs
CSD19534Q5A TI1-CSD19534Q5A Datasheet
374Kb / 14P
[Old version datasheet]   100V N-Channel NexFET Power MOSFETs
CSD19531KCS TI1-CSD19531KCS Datasheet
838Kb / 7P
[Old version datasheet]   100V N-Channel NexFET??Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com