Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CSD19538Q3AT Arkusz danych(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Numer części CSD19538Q3AT
Szczegółowy opis  100 V N-Channel NexFET Power MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

CSD19538Q3AT Arkusz danych(HTML) 10 Page - Texas Instruments

Back Button CSD19538Q3AT Datasheet HTML 5Page - Texas Instruments CSD19538Q3AT Datasheet HTML 6Page - Texas Instruments CSD19538Q3AT Datasheet HTML 7Page - Texas Instruments CSD19538Q3AT Datasheet HTML 8Page - Texas Instruments CSD19538Q3AT Datasheet HTML 9Page - Texas Instruments CSD19538Q3AT Datasheet HTML 10Page - Texas Instruments CSD19538Q3AT Datasheet HTML 11Page - Texas Instruments CSD19538Q3AT Datasheet HTML 12Page - Texas Instruments CSD19538Q3AT Datasheet HTML 13Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
4.00 ±0.10 (See Note 1)
2.00 ±0.05
3.60
M0144-01
8.00 ±0.10
Ø 1.50
+0.10
–0.00
10
CSD19538Q3A
SLPS583 – MAY 2016
www.ti.com
Product Folder Links: CSD19538Q3A
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
7.4 Q3A Tape and Reel Information
Notes: 1. 10-sprocket hole-pitch cumulative tolerance ±0.2
2. Camber not to exceed 1 mm in 100 mm, noncumulative over 250 mm
3. Material: black static-dissipative polystyrene
4. All dimensions are in mm, unless otherwise specified.
5. Thickness: 0.30 ±0.05 mm
6. MSL1 260°C (IR and convection) PbF-reflow compatible


Podobny numer części - CSD19538Q3AT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CSD19538Q2 TI1-CSD19538Q2 Datasheet
402Kb / 14P
[Old version datasheet]   100V N-Channel NexFET Power MOSFET
CSD19538Q2T TI1-CSD19538Q2T Datasheet
402Kb / 14P
[Old version datasheet]   100V N-Channel NexFET Power MOSFET
More results

Podobny opis - CSD19538Q3AT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CSD19532Q5B TI1-CSD19532Q5B Datasheet
1Mb / 13P
[Old version datasheet]   100 V N-Channel NexFET Power MOSFET
CSD19532Q5B TI1-CSD19532Q5B Datasheet
1Mb / 13P
[Old version datasheet]   100 V N-Channel NexFET??Power MOSFET
CSD19536KCS TI1-CSD19536KCS Datasheet
467Kb / 10P
[Old version datasheet]   CSD19536KCS, 100 V N-Channel NexFET Power MOSFET
CSD19536KTT TI-CSD19536KTT_15 Datasheet
852Kb / 14P
[Old version datasheet]   CSD19536KTT 100 V N-Channel NexFET Power MOSFET
CSD19537Q3 TI-CSD19537Q3_15 Datasheet
478Kb / 13P
[Old version datasheet]   CSD19537Q3 100 V N-Channel NexFET Power MOSFET
CSD19534KCS TI-CSD19534KCS_15 Datasheet
300Kb / 12P
[Old version datasheet]   CSD19534KCS 100 V N-Channel NexFET Power MOSFET
CSD19535KCS TI1-CSD19535KCS Datasheet
804Kb / 10P
[Old version datasheet]   CSD19535KCS, 100 V N-Channel NexFET Power MOSFET
CSD19533Q5A TI1-CSD19533Q5A Datasheet
1Mb / 13P
[Old version datasheet]   100 V N-Channel NexFET Power MOSFETs
CSD19533KCS TI1-CSD19533KCS Datasheet
768Kb / 10P
[Old version datasheet]   100 V N-Channel NexFET Power MOSFETs
CSD18511KTT TI1-CSD18511KTT Datasheet
377Kb / 11P
[Old version datasheet]   40-V N-Channel NexFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com