Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CSD23202W10T Arkusz danych(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Numer części CSD23202W10T
Szczegółowy opis  12-V P-Channel NexFET Power MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

CSD23202W10T Arkusz danych(HTML) 5 Page - Texas Instruments

  CSD23202W10T Datasheet HTML 1Page - Texas Instruments CSD23202W10T Datasheet HTML 2Page - Texas Instruments CSD23202W10T Datasheet HTML 3Page - Texas Instruments CSD23202W10T Datasheet HTML 4Page - Texas Instruments CSD23202W10T Datasheet HTML 5Page - Texas Instruments CSD23202W10T Datasheet HTML 6Page - Texas Instruments CSD23202W10T Datasheet HTML 7Page - Texas Instruments CSD23202W10T Datasheet HTML 8Page - Texas Instruments CSD23202W10T Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
−75
−50
−25
0
25
50
75
100
125
150
175
TC - Case Temperature (ºC)
G001
0
15
30
45
60
75
90
105
120
135
150
0
1
2
3
4
5
6
− V
GS - Gate-to- Source Voltage (V)
TC = 25°C,I D = − 0.5 A
TC = 125°C,I D = −0.5 A
G001
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
0
0.5
1
1.5
2
2.5
3
Qg - Gate Charge (nC)
G001
0
50
100
150
200
250
300
350
400
450
500
0
2
4
6
8
10
12
− V
DS - Drain-to-Source Voltage (V)
Ciss = Cgd + Cgs
Coss = Cds + Cgd
Crss = Cgd
G001
0
1
2
3
4
5
6
7
8
9
10
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
− V
DS - Drain-to-Source Voltage (V)
VGS = −4.5 V
VGS = −2.5 V
VGS = −1.8 V
VGS = −1.5 V
G001
0
2
4
6
8
10
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
− V
GS - Gate-to-Source Voltage (V)
TC = 125°C
TC = 25°C
TC = −55°C
G001
CSD23202W10
www.ti.com
SLPS506 – AUGUST 2014
Typical MOSFET Characteristics (continued)
(TA = 25°C unless otherwise stated)
VDS = –5 V
Figure 2. Saturation Characteristics
Figure 3. Transfer Characteristics
ID = –0.5 A
VDS = –6 V
Figure 4. Gate Charge
Figure 5. Capacitance
ID = –250 µA
Figure 6. Threshold Voltage vs Temperature
Figure 7. On-State Drain-to-Source Resistance vs
Gate-to-Source Voltage
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: CSD23202W10


Podobny numer części - CSD23202W10T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CSD23202W10 TI-CSD23202W10_15 Datasheet
1,023Kb / 15P
[Old version datasheet]   CSD23202W10 12-V P-Channel NexFET Power MOSFET
More results

Podobny opis - CSD23202W10T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CSD23202W10 TI-CSD23202W10_15 Datasheet
1,023Kb / 15P
[Old version datasheet]   CSD23202W10 12-V P-Channel NexFET Power MOSFET
CSD22205L TI1-CSD22205L Datasheet
618Kb / 11P
[Old version datasheet]   8-V P-Channel NexFET Power MOSFET
CSD25402Q3A TI1-CSD25402Q3A_16 Datasheet
1Mb / 15P
[Old version datasheet]   20 V P-Channel NexFET Power MOSFET
CSD22204W TI-CSD22204W_15 Datasheet
1Mb / 15P
[Old version datasheet]   CSD22204W ?? V P-Channel NexFET Power MOSFET
CSD23203W TI1-CSD23203W Datasheet
369Kb / 12P
[Old version datasheet]   8 V P-Channel NexFET Power MOSFET
CSD22206W TI1-CSD22206W Datasheet
411Kb / 12P
[Old version datasheet]   8-V P-Channel NexFET Power MOSFET
CSD25402Q3A TI1-CSD25402Q3A Datasheet
1Mb / 13P
[Old version datasheet]   20 V P-Channel NexFET Power MOSFET
CSD25404Q3 TI1-CSD25404Q3 Datasheet
406Kb / 13P
[Old version datasheet]   20 V P-Channel NexFET Power MOSFET
CSD22204W TI1-CSD22204W Datasheet
470Kb / 12P
[Old version datasheet]   8 V P-Channel NexFET Power MOSFET
CSD13302W TI-CSD13302W_15 Datasheet
1Mb / 15P
[Old version datasheet]   CSD13302W 12 V N Channel NexFET??Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com