Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CSD25304W1015 Arkusz danych(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Numer części CSD25304W1015
Szczegółowy opis  20V P-Channel NexFET Power MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

CSD25304W1015 Arkusz danych(HTML) 5 Page - Texas Instruments

  CSD25304W1015 Datasheet HTML 1Page - Texas Instruments CSD25304W1015 Datasheet HTML 2Page - Texas Instruments CSD25304W1015 Datasheet HTML 3Page - Texas Instruments CSD25304W1015 Datasheet HTML 4Page - Texas Instruments CSD25304W1015 Datasheet HTML 5Page - Texas Instruments CSD25304W1015 Datasheet HTML 6Page - Texas Instruments CSD25304W1015 Datasheet HTML 7Page - Texas Instruments CSD25304W1015 Datasheet HTML 8Page - Texas Instruments CSD25304W1015 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
−75
−50
−25
0
25
50
75
100
125
150
175
TC - Case Temperature (ºC)
G001
20
30
40
50
60
70
80
0
1
2
3
4
5
6
7
8
− V
GS - Gate-to- Source Voltage (V)
TC = 25°C,I D = −1.5 A
TC = 125°C,I D = −1.5 A
G001
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
0
0.5
1
1.5
2
2.5
3
3.5
Qg - Gate Charge (nC)
G001
0
100
200
300
400
500
600
0
2
4
6
8
10
12
14
16
18
20
− V
DS - Drain-to-Source Voltage (V)
Ciss = Cgd + Cgs
Coss = Cds + Cgd
Crss = Cgd
G001
0
1
2
3
4
5
6
7
8
9
10
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
− V
DS - Drain-to-Source Voltage (V)
VGS = −4.5 V
VGS = −2.5 V
VGS = −1.8 V
G001
0
2
4
6
8
10
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
− V
GS - Gate-to-Source Voltage (V)
TC = 125°C
TC = 25°C
TC = −55°C
G001
CSD25304W1015
www.ti.com
SLPS510A – JULY 2014 – REVISED AUGUST 2014
Typical MOSFET Characteristics (continued)
(TA = 25°C unless otherwise stated)
VDS = –5 V
Figure 2. Saturation Characteristics
Figure 3. Transfer Characteristics
ID = –1.5 A
VDS = –10 V
Figure 4. Gate Charge
Figure 5. Capacitance
ID = –250 µA
Figure 6. Threshold Voltage vs Temperature
Figure 7. On-State Resistance vs Gate-to-Source Voltage
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: CSD25304W1015


Podobny numer części - CSD25304W1015

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CSD25304W1015 TI-CSD25304W1015_15 Datasheet
1Mb / 17P
[Old version datasheet]   CSD25304W1015 20-V P-Channel NexFET Power MOSFET
More results

Podobny opis - CSD25304W1015

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CSD25202W15 TI1-CSD25202W15 Datasheet
416Kb / 12P
[Old version datasheet]   20V P-Channel NexFET Power MOSFET
CSD25481F4 TI1-CSD25481F4 Datasheet
1Mb / 12P
[Old version datasheet]   20V, P-Channel NexFET??Power MOSFETs
CSD75208W1015 TI1-CSD75208W1015 Datasheet
766Kb / 12P
[Old version datasheet]   Dual 20V Common Source P-Channel NexFET Power MOSFET
CSD25213W10 TI-CSD25213W10 Datasheet
1Mb / 12P
[Old version datasheet]   P-Channel NexFET Power MOSFET
CSD25302Q2 TI-CSD25302Q2 Datasheet
138Kb / 9P
[Old version datasheet]   P-Channel NexFET??Power MOSFET
CSD25211W1015 TI-CSD25211W1015 Datasheet
789Kb / 10P
[Old version datasheet]   P-Channel NexFET??Power MOSFET
CSD25301W1015 TI1-CSD25301W1015 Datasheet
484Kb / 11P
[Old version datasheet]   P-Channel NexFET??Power MOSFET
CSD25303W1015 TI1-CSD25303W1015 Datasheet
223Kb / 10P
[Old version datasheet]   P-Channel NexFET??Power MOSFET
CSD22202W15 TI-CSD22202W15 Datasheet
999Kb / 12P
[Old version datasheet]   P-Channel NexFET Power MOSFET
CSD75301W1015 TI-CSD75301W1015 Datasheet
148Kb / 9P
[Old version datasheet]   P-Channel NexFET??Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com