Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9726BSV Arkusz danych(PDF) 7 Page - Analog Devices

Numer części AD9726BSV
Szczegółowy opis  16-Bit, 600 MSPS D/A Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9726BSV Arkusz danych(HTML) 7 Page - Analog Devices

Back Button AD9726BSV Datasheet HTML 3Page - Analog Devices AD9726BSV Datasheet HTML 4Page - Analog Devices AD9726BSV Datasheet HTML 5Page - Analog Devices AD9726BSV Datasheet HTML 6Page - Analog Devices AD9726BSV Datasheet HTML 7Page - Analog Devices AD9726BSV Datasheet HTML 8Page - Analog Devices AD9726BSV Datasheet HTML 9Page - Analog Devices AD9726BSV Datasheet HTML 10Page - Analog Devices AD9726BSV Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
AD9726
Rev. A | Page 7 of 24
ABSOLUTE MAXIMUM RATINGS
Table 5.
Parameter
With Respect to
Rating
DBVDD, AVDD1, AVDD2
DBGND, AGND1,
AGND2
–0.3 V to 3.6 V
DVDD, CLKVDD,
ACVDD, ADVDD
DGND, CLKGND,
ACGND, ADGND
–0.3 V to 2.8 V
DBGND, AGND1,
AGND2
DBGND, AGND1,
AGND2
–0.3 V to +0.3 V
DGND, CLKGND,
ACGND, ADGND
DGND, CLKGND,
ACGND, ADGND
–0.3 V to +0.3 V
REFIO, FSDAJ
AGND1
–0.3 V to AVDD1
+ 0.3 V
IOUTA, IOUTB
AGND1
–1.0 V to AVDD1
+ 0.3 V
CLK+, CLK–
CLKGND
–0.3 V to
CLKVDD + 0.3 V
DB[15:0]+/–,
DCLK_IN+/–,
DCLK_OUT+/–
DBGND
−0.3 V to
DBVDD + 0.3 V
CSB, SCLK, SDIO,
SDO, RESET, REXT
DBGND
–0.3 V to DBVDD
+ 0.3 V
SDR_EN, SPI_DIS
ADGND
–0.3 V to
ADVDD + 0.3 V
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
Thermal impedance can be lowered to 23°C/W by soldering the
exposed package pad to an external heat sink (for example, the
internal PCB copper ground plane). However, this is not necessary
for the power dissipation and operating temperature range of
the AD9726.
Table 6. Thermal Resistance
Package Type
θJA
Unit
80-Lead TQFP_EP Package, Thermally Enhanced
32
°C/W
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the
human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degrada-
tion or loss of functionality.


Podobny numer części - AD9726BSV

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9726BSVZ AD-AD9726BSVZ Datasheet
411Kb / 24P
   16-Bit, 400 MSPS Digital-to-Analog Converter
REV. B
AD9726BSVZRL AD-AD9726BSVZRL Datasheet
411Kb / 24P
   16-Bit, 400 MSPS Digital-to-Analog Converter
REV. B
More results

Podobny opis - AD9726BSV

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9725 AD-AD9725 Datasheet
267Kb / 16P
   14-Bit, 600 MSPS D/A Converter
Rev. PrA
AD9725 AD-AD9725_15 Datasheet
273Kb / 16P
   14-Bit, 600 MSPS D/A Converter
Rev. PrA
AD768 AD-AD768 Datasheet
334Kb / 20P
   16-Bit, 30 MSPS D/A Converter
REV. B
AD768ARZ AD-AD768ARZ Datasheet
252Kb / 20P
   16-Bit, 30 MSPS D/A Converter
REV. B
AD10677 AD-AD10677_15 Datasheet
625Kb / 20P
   16-Bit, 65 MSPS A/D Converter
Rev. D
AD10678 AD-AD10678 Datasheet
673Kb / 10P
   16-Bit, 80 MSPS A/D Converter
REV. A
AD10677 AD-AD10677 Datasheet
643Kb / 10P
   16-Bit, 65 MSPS A/D Converter
REV. B
AD768 AD-AD768_15 Datasheet
337Kb / 20P
   16-Bit, 30 MSPS D/A Converter
REV. B
AD10678 AD-AD10678_15 Datasheet
677Kb / 20P
   16-Bit, 80 MSPS A/D Converter
REV. C
logo
Fairchild Semiconductor
SPT8100 FAIRCHILD-SPT8100 Datasheet
91Kb / 10P
   16-BIT, 5 MSPS CMOS A/D CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com