Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD8066ARM-REEL Arkusz danych(PDF) 10 Page - Analog Devices

Numer części AD8066ARM-REEL
Szczegółowy opis  High Performance, 145 MHz FastFET??Op Amps
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD8066ARM-REEL Arkusz danych(HTML) 10 Page - Analog Devices

Back Button AD8066ARM-REEL Datasheet HTML 6Page - Analog Devices AD8066ARM-REEL Datasheet HTML 7Page - Analog Devices AD8066ARM-REEL Datasheet HTML 8Page - Analog Devices AD8066ARM-REEL Datasheet HTML 9Page - Analog Devices AD8066ARM-REEL Datasheet HTML 10Page - Analog Devices AD8066ARM-REEL Datasheet HTML 11Page - Analog Devices AD8066ARM-REEL Datasheet HTML 12Page - Analog Devices AD8066ARM-REEL Datasheet HTML 13Page - Analog Devices AD8066ARM-REEL Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
AD8065/AD8066
Rev. E | Page 10 of 28
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
FREQUENCY (MHz)
0.1
10
1
100
HD3 RL = 150Ω
HD2 RL = 150Ω
HD3 RL = 1kΩ
HD2 RL = 1kΩ
G = +2
Figure 16. Harmonic Distortion vs. Frequency for Various Loads (See Figure 43)
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
01234
6
10
5
789
12
11
14
13
15
OUTPUT AMPLITUDE (V p-p)
HD3 RL = 150Ω
HD2 RL = 150Ω
HD3 RL = 300Ω
HD2 RL = 300Ω
G = +2
VS = ±12V
F = 1MHz
Figure 17. Harmonic Distortion vs. Amplitude for Various Loads VS = ±12 V
(See Figure 43)
15
20
25
30
35
40
45
50
FREQUENCY (MHz)
110
VS = ±12V
RL = 100Ω
VS = ±5V
VS = +5V
Figure 18. Third-Order Intercept vs. Frequency and Supply Voltage
–110
–100
–90
–80
–70
–60
–50
–40
FREQUENCY (MHz)
0.1
10
1
100
HD2 G = +2
HD3 G = +2
HD2 G = +1
HD3 G = +1
Figure 19. Harmonic Distortion vs. Frequency for Various Gains
(See Figure 42 and Figure 43)
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
FREQUENCY (MHz)
0.1
1.0
10.0
HD2 VO = 20V p-p
HD3 VO = 20V p-p
HD2 VO = 10V p-p
HD3 VO = 10V p-p
HD2 VO = 2V p-p
HD3 VO = 2V p-p
VS = ±12V
G = +2
Figure 20. Harmonic Distortion vs. Frequency for Various Amplitudes
(See Figure 42 and Figure 43)
1
10
100
100k
10k
100
1k
10
1M
10M
100M
1G
FREQUENCY (Hz)
Figure 21. Voltage Noise


Podobny numer części - AD8066ARM-REEL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8066ARM-REEL AD-AD8066ARM-REEL Datasheet
547Kb / 28P
   High Performance, 145 MHz FastFET??Op Amps
Rev. G
AD8066ARM-REEL AD-AD8066ARM-REEL Datasheet
617Kb / 29P
   High Performance, 145 MHz FastFET Op Amps
Rev. J
AD8066ARM-REEL7 AD-AD8066ARM-REEL7 Datasheet
547Kb / 28P
   High Performance, 145 MHz FastFET??Op Amps
Rev. G
AD8066ARM-REEL7 AD-AD8066ARM-REEL7 Datasheet
617Kb / 29P
   High Performance, 145 MHz FastFET Op Amps
Rev. J
More results

Podobny opis - AD8066ARM-REEL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8065 AD-AD8065_06 Datasheet
547Kb / 28P
   High Performance, 145 MHz FastFET??Op Amps
Rev. G
AD8065WARTZ-R7 AD-AD8065WARTZ-R7 Datasheet
617Kb / 29P
   High Performance, 145 MHz FastFET Op Amps
Rev. J
AD8065 AD-AD8065_15 Datasheet
617Kb / 29P
   High Performance, 145 MHz FastFET Op Amps
Rev. J
AD8066 AD-AD8066_15 Datasheet
617Kb / 29P
   High Performance, 145 MHz FastFET Op Amps
Rev. J
AD8034 AD-AD8034_15 Datasheet
620Kb / 25P
   Low Cost, 80 MHz FastFET Op Amps
REV. D
AD8034ARTZ-REEL7 AD-AD8034ARTZ-REEL7 Datasheet
620Kb / 25P
   Low Cost, 80 MHz FastFET Op Amps
REV. D
AD8033 AD-AD8033 Datasheet
374Kb / 20P
   Low Cost, 80 MHz FastFET ??Op Amps
REV. D
AD8033 AD-AD8033_15 Datasheet
620Kb / 25P
   Low Cost, 80 MHz FastFET Op Amps
REV. D
AD8034ARZ AD-AD8034ARZ Datasheet
494Kb / 24P
   Low Cost, 80 MHz FastFET Op Amps
REV. D
AD8033AKSZ AD-AD8033AKSZ Datasheet
620Kb / 25P
   Low Cost, 80 MHz FastFET Op Amps
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com