Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9883ABST-140 Arkusz danych(PDF) 6 Page - Analog Devices

Numer części AD9883ABST-140
Szczegółowy opis  110 MSPS/140 MSPS Analog Interface for Flat Panel Displays
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9883ABST-140 Arkusz danych(HTML) 6 Page - Analog Devices

Back Button AD9883ABST-140 Datasheet HTML 2Page - Analog Devices AD9883ABST-140 Datasheet HTML 3Page - Analog Devices AD9883ABST-140 Datasheet HTML 4Page - Analog Devices AD9883ABST-140 Datasheet HTML 5Page - Analog Devices AD9883ABST-140 Datasheet HTML 6Page - Analog Devices AD9883ABST-140 Datasheet HTML 7Page - Analog Devices AD9883ABST-140 Datasheet HTML 8Page - Analog Devices AD9883ABST-140 Datasheet HTML 9Page - Analog Devices AD9883ABST-140 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
REV. B
AD9883A
–6–
ABSOLUTE MAXIMUM RATINGS
*
VD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3.6 V
VDD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3.6 V
Analog Inputs . . . . . . . . . . . . . . . . . . . . . . . . . . . . VD to 0.0 V
VREF IN . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VD to 0.0 V
Digital Inputs . . . . . . . . . . . . . . . . . . . . . . . . . . . 5 V to 0.0 V
Digital Output Current . . . . . . . . . . . . . . . . . . . . . . . . 20 mA
Operating Temperature . . . . . . . . . . . . . . . . . –40
°C to +85°C
Storage Temperature . . . . . . . . . . . . . . . . . . –65
°C to +150°C
Maximum Junction Temperature . . . . . . . . . . . . . . . . . 150
°C
Maximum Case Temperature . . . . . . . . . . . . . . . . . . . . 150
°C
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions outside of those indicated in the operation
sections of this specification is not implied. Exposure to absolute maximum ratings
for extended periods may affect device reliability.
EXPLANATION OF TEST LEVELS
Test Level
I.
100% production tested.
II. 100% production tested at 25
°C and sample tested at
specified temperatures.
III. Sample tested only.
IV. Parameter is guaranteed by design and characterization testing.
V. Parameter is a typical value only.
VI. 100% production tested at 25
°C; guaranteed by design and
characterization testing.
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Option
AD9883AKST-140
0
°C to 70°C
LQFP
ST-80
AD9883AKST-110
0
°C to 70°C
LQFP
ST-80
AD9883AKSTZ-110
*
0
°C to 70°C
LQFP
ST-80
AD9883AKSTZ-140
*
0
°C to 70°C
LQFP
ST-80
AD9883ABST-110
–40
°C to +85°C
LQFP
ST-80
AD9883ABST-140
–40
°C to +85°C
LQFP
ST-80
AD9883ABST-RL110
–40
°C to +85°C
LQFP
ST-80
AD9883ABST-RL140
–40
°C to +85°C
LQFP
ST-80
AD9883A/PCB
25
°CEvaluation Board
*Lead-free product
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the AD9883A features proprietary ESD protection circuitry, permanent damage may occur on
devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are
recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE


Podobny numer części - AD9883ABST-140

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9883A AD-AD9883A_15 Datasheet
235Kb / 28P
   110 MSPS/140 MSPS Analog Interface for Flat Panel Displays
REV. B
More results

Podobny opis - AD9883ABST-140

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9985 AD-AD9985_15 Datasheet
355Kb / 32P
   110 MSPS/140 MSPS Analog Interface for Flat Panel Displays
REV. 0
AD9883A AD-AD9883A_15 Datasheet
235Kb / 28P
   110 MSPS/140 MSPS Analog Interface for Flat Panel Displays
REV. B
AD9985A AD-AD9985A Datasheet
628Kb / 32P
   110 MSPS/140 MSPS Analog Interface for Flat Panel Displays
REV. 0
AD9985A AD-AD9985A_15 Datasheet
629Kb / 32P
   110 MSPS/140 MSPS Analog Interface for Flat Panel Displays
REV. 0
AD9985 AD-AD9985 Datasheet
349Kb / 32P
   110 MSPS/140 MSPS Analog Interface for Flat Panel Displays
REV. 0
AD9883 AD-AD9883 Datasheet
177Kb / 24P
   110 MSPS Analog Interface for Flat Panel Displays
REV. 0
AD9884A AD-AD9884A_15 Datasheet
220Kb / 24P
   100 MSPS/140 MSPS Analog Flat Panel Interface
REV. C
AD9884A AD-AD9884A Datasheet
186Kb / 24P
   100 MSPS/140 MSPS Analog Flat Panel Interface
REV. B
AD9884AKSZ-140 AD-AD9884AKSZ-140 Datasheet
220Kb / 24P
   100 MSPS/140 MSPS Analog Flat Panel Interface
REV. C
AD9888 AD-AD9888_15 Datasheet
501Kb / 36P
   100 MSPS/140 MSPS/170 MSPS Analog Flat Panel Interface
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com