Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADM3312E Arkusz danych(PDF) 11 Page - Analog Devices

Numer części ADM3312E
Szczegółowy opis  15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceivers with Green Idle?
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADM3312E Arkusz danych(HTML) 11 Page - Analog Devices

Back Button ADM3312E Datasheet HTML 7Page - Analog Devices ADM3312E Datasheet HTML 8Page - Analog Devices ADM3312E Datasheet HTML 9Page - Analog Devices ADM3312E Datasheet HTML 10Page - Analog Devices ADM3312E Datasheet HTML 11Page - Analog Devices ADM3312E Datasheet HTML 12Page - Analog Devices ADM3312E Datasheet HTML 13Page - Analog Devices ADM3312E Datasheet HTML 14Page - Analog Devices ADM3312E Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
REV. G
ADM3307E/ADM3310E/ADM3311E/ADM3312E/ADM3315E
–11–
CIRCUIT DESCRIPTION
The internal circuitry consists mainly of four sections. These
include the following:
1. A charge pump voltage converter
2. 3.3 V logic to EIA-232 transmitters
3. EIA-232 to 3.3 V logic receivers
4. Transient protection circuit on all I/O lines
Charge Pump DC-to-DC Voltage Converter
The charge pump voltage converter consists of a 250 kHz (300 kHz
for ADM3307E) oscillator and a switching matrix. The converter
generates a
±9 V supply from the input 3.0 V level. This is done
in two stages using a switched capacitor technique, as illustrated.
First, the 3.0 V input supply is tripled to 9.0 V using capacitor
C4 as the charge storage element. The +9.0 V level is then
inverted to generate –9.0 V using C5 as the storage element.
However, it should be noted that, unlike other charge pump dc-to-
dc converters, the charge pump on the ADM3307E does not run
open-loop. The output voltage is regulated to
±7.25 V (or ±6.5 V
for the ADM3310E and ADM3315E) by the Green Idle circuit
and never reaches
±9 V in practice. This saves power as well as
maintains a more constant output voltage.
+
+
INTERNAL
OSCILLATOR
GND
C2
C1
S1
S2
S3
S4
VCC
+
C4
V+ = 3VCC
VCC
VCC
S5
S6
S7
Figure 1. Charge Pump Voltage Tripler
The tripler operates in two phases. During the oscillator low
phase, S1 and S2 are closed and C1 charges rapidly to VCC.
S3, S4, and S5 are open, and S6 and S7 are closed.
During the oscillator high phase, S1 and S2 are open, and S3
and S4 are closed, so the voltage at the output of S3 is 2VCC.
This voltage is used to charge C2. In the absence of any dis-
charge current, C2 charges up to 2VCC after several cycles.
During the oscillator high phase, as previously mentioned, S6
and S7 are closed, so the voltage at the output of S6 is 3VCC.
This voltage is then used to charge C3. The voltage inverter
is illustrated in Figure 2.
FROM
VOLTAGE
TRIPLER
+
+
INTERNAL
OSCILLATOR
GND
C5
C3
S8
S9
S10
S11
V+
GND
V– = – (V+)
Figure 2. Charge Pump Voltage Inverter
During the oscillator high phase, S10 and S11 are open, while
S8 and S9 are closed. C3 is charged to 3VCC from the output of
the voltage tripler over several cycles. During the oscillator low
phase, S8 and S9 are open, while S10 and S11 are closed. C3 is
connected across C5, whose positive terminal is grounded and
whose negative terminal is the V– output. Over several cycles,
C5 charges to –3 VCC.
The V+ and V– supplies may also be used to power external
circuitry if the current requirements are small. Please refer to
TPC 3 in the Typical Performance Characteristics section.
What Is Green Idle?
Green Idle is a method of minimizing power consumption under
idle (no transmit) conditions while still maintaining the ability to
transmit data instantly.
How Does it Work?
Charge pump type dc-to-dc converters used in RS-232 line drivers
normally operate open-loop, i.e., the output voltage is not regu-
lated in any way. Under light load conditions, the output voltage
is close to twice the supply voltage for a doubler and three times
the supply voltage for a tripler, with very little ripple. As the load
current increases, the output voltage falls and the ripple voltage
increases.
Even under no-load conditions, the oscillator and charge pump
operate at a very high frequency with consequent switching losses
and current drain.
Green Idle works by monitoring the output voltage and maintain-
ing it at a constant value of around 7 V
*. When the voltage rises
above 7.25 V
** the oscillator is turned off. When the voltage falls
below 7 V
*, the oscillator is turned on and a burst of charging
pulses is sent to the reservoir capacitor. When the oscillator is
turned off, the power consumption of the charge pump is virtu-
ally zero, so the average current drain under light load conditions
is greatly reduced.
A block diagram of the Green Idle circuit is shown in Figure 3.
Both V+ and V– are monitored and compared to a reference
voltage derived from an on-chip band gap device. If either V+
or V– fall below 7 V
*, the oscillator starts up until the
voltage rises above 7.25 V
**.
V– VOLTAGE
COMPARATOR
WITH 250mV
HYSTERESIS
BAND GAP
VOLTAGE
REFERENCE
V+ VOLTAGE
COMPARATOR
WITH 250mV
HYSTERESIS
TRANSCEIVERS
CHARGE
PUMP
START/STOP
START/STOP
V+
V–
SHUTDOWN
Figure 3. Block Diagram of Green Idle Circuit
NOTES
*For ADM3310E and ADM3315E, replace with 6.25 V.
**For ADM3310E and ADM3315E, replace with 6.5 V.


Podobny numer części - ADM3312E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADM3312E AD-ADM3312E Datasheet
486Kb / 20P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceivers with Green Idle
Rev. J
ADM3312EACPZ AD-ADM3312EACPZ Datasheet
425Kb / 24P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceivers with Green Idle?
Rev. I
ADM3312EACPZ AD-ADM3312EACPZ Datasheet
486Kb / 20P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceivers with Green Idle
Rev. J
ADM3312EACPZ-REEL AD-ADM3312EACPZ-REEL Datasheet
425Kb / 24P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceivers with Green Idle?
Rev. I
ADM3312EACPZ-REEL7 AD-ADM3312EACPZ-REEL7 Datasheet
425Kb / 24P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceivers with Green Idle?
Rev. I
More results

Podobny opis - ADM3312E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADM3312EARUZ AD-ADM3312EARUZ Datasheet
425Kb / 24P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceivers with Green Idle?
Rev. I
ADM3307E AD-ADM3307E_V01 Datasheet
486Kb / 20P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceivers with Green Idle
Rev. J
ADM3311E AD-ADM3311E Datasheet
180Kb / 12P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceiver with Green Idle?
REV. A
ADM3307E AD-ADM3307E_15 Datasheet
425Kb / 24P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial
Rev. I
ADM3310E AD-ADM3310E_15 Datasheet
425Kb / 24P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial
Rev. I
ADM3311E AD-ADM3311E_15 Datasheet
425Kb / 24P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial
Rev. I
ADM3312E AD-ADM3312E_15 Datasheet
425Kb / 24P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial
Rev. I
ADM3315E AD-ADM3315E_15 Datasheet
425Kb / 24P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial
Rev. I
ADM3075EWYRZ AD-ADM3075EWYRZ Datasheet
528Kb / 20P
   3.3 V, 15,-15 kV ESD-Protected
Rev. E
ADM485E AD-ADM485E_V01 Datasheet
285Kb / 16P
   5 V, ±15 kV ESD Protected Half-Duplex, RS-485/RS-422 Transceivers
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com