Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FDC2112 Arkusz danych(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Numer części FDC2112
Szczegółowy opis  EMI-Resistant 28-Bit,12-Bit Capacitance-to-Digital Converter
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

FDC2112 Arkusz danych(HTML) 6 Page - Texas Instruments

Back Button FDC2112 Datasheet HTML 2Page - Texas Instruments FDC2112 Datasheet HTML 3Page - Texas Instruments FDC2112 Datasheet HTML 4Page - Texas Instruments FDC2112 Datasheet HTML 5Page - Texas Instruments FDC2112 Datasheet HTML 6Page - Texas Instruments FDC2112 Datasheet HTML 7Page - Texas Instruments FDC2112 Datasheet HTML 8Page - Texas Instruments FDC2112 Datasheet HTML 9Page - Texas Instruments FDC2112 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 61 page
background image
FDC2212, FDC2214, FDC2112, FDC2114
SNOSCZ5A – JUNE 2015 – REVISED JUNE 2015
www.ti.com
8.5 Electrical Characteristics
Unless otherwise specified, all limits ensured for TA = 25°C, VDD = 3.3 V
(1)
PARAMETER
TEST CONDITIONS(2)
MIN(3)
TYP(4)
MAX(3)
UNIT
POWER
VDD
Supply voltage
TA = –40°C to +125°C
2.7
3.6
V
IDD
Supply durrent (not including
CLKIN = 10MHz(6)
2.1
mA
sensor current)(5)
IDDSL
Sleep mode supply current(5)
35
60
µA
ISD
Shutdown mode supply current(5)
0.2
1
µA
CAPACITIVE SENSOR
CSENSORMAX
Maximum sensor capacitance
1mH inductor, 10kHz oscillation
250
nF
CIN
Sensor pin parasitic capacitance
4
pF
NBITS
Number of bits
FDC2112, FDC2114
12
bits
RCOUNT
≥ 0x0400
FDC2212, FDC2214
28
bits
RCOUNT = 0xFFFF
fCS
Maximum channel sample rate
FDC2112, FDC2114
single active channel continuous
13.3
kSPS
conversion, SCL = 400 kHz
FDC2212, FDC2214
single active channel continuous
4.08
kSPS
conversion, SCL= 400 kHz
EXCITATION
fSENSOR
Sensor excitation frequency
TA = –40°C to +125°C
0.01
10
MHz
VSENSORMIN
Minimum sensor oscillation
1.2
V
amplitude (pk)(7)
VSENSORMAX
Maximum sensor oscillation
1.8
V
amplitude (pk)
ISENSORMAX
Sensor maximum current drive
HIGH_CURRENT_DRV = b0
DRIVE_CURRENT_CH0 =
1.5
mA
0xF800
HIGH_CURRENT_DRV = b1
DRIVE_CURRENT_CH0 =
6
mA
0xF800
Channel 0 only
MASTER CLOCK
fCLKIN
External master clock input
TA = –40°C to +125°C
2
40
MHz
frequency (CLKIN)
CLKINDUTY_MIN
External master clock minimum
40%
acceptable duty cycle (CLKIN)
CLKINDUTY_MAX
External master clock maximum
60%
acceptable duty cycle (CLKIN)
VCLKIN_LO
CLKIN low voltage threshold
0.3*VDD
V
(1)
Electrical Characteristics values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in
very limited self-heating of the device such that TJ = TA. No guarantee of parametric performance is indicated in the electrical tables
under conditions of internal self-heating where TJ > TA. Absolute Maximum Ratings indicate junction temperature limits beyond which
the device may be permanently degraded, either mechanically or electrically.
(2)
Register values are represented as either binary (b is the prefix to the digits), or hexadecimal (0x is the prefix to the digits). Decimal
values have no prefix.
(3)
Limits are ensured by testing, design, or statistical analysis at 25°C. Limits over the operating temperature range are ensured through
correlations using statistical quality control (SQC) method.
(4)
Typical values represent the most likely parametric norm as determined at the time of characterization. Actual typical values may vary
over time and will also depend on the application and configuration. The typical values are not tested and are not ensured on shipped
production material.
(5)
I2C read/write communication and pull-up resistors current through SCL, SDA not included.
(6)
Sensor capacitor: 1 layer, 20.9 x 13.9 mm, Bourns CMH322522-180KL sensor inductor with L=18µH and 33pF 1% COG/NP0 Target:
Grounded aluminum plate (176 x 123 mm), Channel = Channel 0 (continuous mode) CLKIN = 40 MHz, CHx_FIN_SEL = b10,
CHx_FREF_DIVIDER = b00 0000 0001 CH0_RCOUNT = 0xFFFF, SETTLECOUNT_CH0 = 0x0100, DRIVE_CURRENT_CH0 = 0x7800.
(7)
Lower VSENSORMIN oscillation amplitudes can be used, but will result in lower SNR.
6
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: FDC2212 FDC2214 FDC2112 FDC2114


Podobny numer części - FDC2112

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
FDC2112-Q1 TI1-FDC2112-Q1 Datasheet
1Mb / 58P
[Old version datasheet]   Capacitance-to-Digital Converter (FDC) for Capacitive Sensing
FDC2112-Q1 TI1-FDC2112-Q1 Datasheet
1Mb / 60P
[Old version datasheet]   Multi-Channel 12-Bit or 28-Bit Capacitance-to-Digital Converter
FDC2112-Q1 TI1-FDC2112-Q1_16 Datasheet
1Mb / 60P
[Old version datasheet]   Multi-Channel 12-Bit or 28-Bit Capacitance-to-Digital Converter
FDC2112DNTR TI1-FDC2112DNTR Datasheet
1Mb / 60P
[Old version datasheet]   Capacitance-to-Digital Converter for Proximity Level Sensing Applications
FDC2112DNTT TI1-FDC2112DNTT Datasheet
1Mb / 60P
[Old version datasheet]   Capacitance-to-Digital Converter for Proximity Level Sensing Applications
More results

Podobny opis - FDC2112

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
FDC2112-Q1 TI1-FDC2112-Q1_16 Datasheet
1Mb / 60P
[Old version datasheet]   Multi-Channel 12-Bit or 28-Bit Capacitance-to-Digital Converter
logo
Analog Devices
AD7152 AD-AD7152 Datasheet
481Kb / 24P
   12-Bit Capacitance-to-Digital Converter
REV. 0
AD7152 AD-AD7152_17 Datasheet
459Kb / 24P
   12-Bit Capacitance-to-Digital Converter
AD7747 AD-AD7747_17 Datasheet
455Kb / 29P
   24-Bit Capacitance-to-Digital Converter
logo
DATEL, Inc.
5962-8850801XA DATEL-5962-8850801XA Datasheet
157Kb / 1P
   12-Bit Analog to Digital Converter
logo
Rohm
BA9221 ROHM-BA9221 Datasheet
279Kb / 7P
   Digital-to-analog converter, 12 bit
logo
DATEL, Inc.
5962-8952801XA DATEL-5962-8952801XA Datasheet
148Kb / 1P
   12-Bit Digital to Analog Converter
5962-8952801XC DATEL-5962-8952801XC Datasheet
149Kb / 1P
   12-Bit Digital to Analog Converter
5962-8850802XC DATEL-5962-8850802XC Datasheet
157Kb / 1P
   12-Bit Analog to Digital Converter
5962-8850801XC DATEL-5962-8850801XC Datasheet
157Kb / 1P
   12-Bit Analog to Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com