Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74CB3Q3306A-EP Arkusz danych(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Numer części SN74CB3Q3306A-EP
Szczegółowy opis  Dual FET Bus Switch 2.5-V/3.3-V Low-Voltage High-Bandwidth Bus Switch
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

SN74CB3Q3306A-EP Arkusz danych(HTML) 1 Page - Texas Instruments

  SN74CB3Q3306A-EP Datasheet HTML 1Page - Texas Instruments SN74CB3Q3306A-EP Datasheet HTML 2Page - Texas Instruments SN74CB3Q3306A-EP Datasheet HTML 3Page - Texas Instruments SN74CB3Q3306A-EP Datasheet HTML 4Page - Texas Instruments SN74CB3Q3306A-EP Datasheet HTML 5Page - Texas Instruments SN74CB3Q3306A-EP Datasheet HTML 6Page - Texas Instruments SN74CB3Q3306A-EP Datasheet HTML 7Page - Texas Instruments SN74CB3Q3306A-EP Datasheet HTML 8Page - Texas Instruments SN74CB3Q3306A-EP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
PW PACKAGE
(TOP VIEW)
1
2
3
4
8
7
6
5
1OE
1A
1B
GND
VCC
2OE
2B
2A
SN74CB3Q3306A-EP
www.ti.com
SCDS352 – DECEMBER 2013
Dual FET Bus Switch 2.5-V/3.3-V Low-Voltage High-Bandwidth Bus Switch
Check for Samples: SN74CB3Q3306A-EP
1
FEATURES
High-Bandwidth Data Path (up to 500 MHz(1))
Latch-Up Performance Exceeds 100 mA
Per JESD 78, Class II
5-V-Tolerant I/Os With Device Powered Up or
Powered Down
ESD Performance Tested Per JESD 22
Low and Flat ON-State Resistance (ron)
2000-V Human-Body Model
Characteristics Over Operating Range
(A114-B, Class II)
(ron = 4 Ω Typ)
1000-V Charged-Device Model (C101)
Rail-to-Rail Switching on Data I/O Ports
Supports Both Digital and Analog
0- to 5-V Switching With 3.3-V VCC
Applications: USB Interface, Differential Signal
Interface, Bus Isolation, Low-Distortion Signal
0- to 3.3-V Switching With 2.5-V VCC
Gating
Bidirectional Data Flow With Near-Zero
Propagation Delay
SUPPORTS DEFENSE, AEROSPACE,
Low Input/Output Capacitance Minimizes
AND MEDICAL APPLICATIONS
Loading and Signal Distortion
Controlled Baseline
(Cio(OFF) = 3.5 pF Typ)
One Assembly and Test Site
Fast Switching Frequency (f OE = 20 MHz Max)
One Fabrication Site
Data and Control Inputs Provide Undershoot
Available in Military (–55°C to 125°C)
Clamp Diodes
Temperature Range
Low Power Consumption (ICC = 0.25 mA Typ)
Extended Product Life Cycle
VCC Operating Range From 2.3 V to 3.6 V
Extended Product-Change Notification
Data I/Os Support 0- to 5-V Signaling Levels
Product Traceability
(0.8 V, 1.2 V, 1.5 V, 1.8 V, 2.5 V, 3.3 V, 5 V)
Control Inputs Can Be Driven by TTL or
5-V/3.3-V CMOS Outputs
Ioff Supports Partial-Power-Down Mode
Operation
(1)
For additional information regarding the performance
characteristics of the CB3Q family, refer to the TI application
report, CBT-C, CB3T, and CB3Q Signal-Switch Families,
literature number SCDA008.
ORDERING INFORMATION
ORDERABLE PART
TJ
PACKAGE(1)
TOP-SIDE MARKING
VID NUMBER
NUMBER
Tube
CCB3Q3306AMPWEP
V62/14606-01XE-T
–55°C to 125°C
TSSOP – PW
U306AM
Tape and reel
CCB3Q3306AMPWREP
V62/14606-01XE
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Podobny numer części - SN74CB3Q3306A-EP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74CB3Q3306A TI-SN74CB3Q3306A Datasheet
176Kb / 10P
[Old version datasheet]   DUAL FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE, HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3306A TI-SN74CB3Q3306A Datasheet
771Kb / 15P
[Old version datasheet]   Dual FET Bus Switch 2.5-V/3.3-V Low-Voltage High-Bandwidth Bus Switch
SN74CB3Q3306ADCUR TI-SN74CB3Q3306ADCUR Datasheet
771Kb / 15P
[Old version datasheet]   Dual FET Bus Switch 2.5-V/3.3-V Low-Voltage High-Bandwidth Bus Switch
SN74CB3Q3306APW TI-SN74CB3Q3306APW Datasheet
176Kb / 10P
[Old version datasheet]   DUAL FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE, HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3306APW TI-SN74CB3Q3306APW Datasheet
771Kb / 15P
[Old version datasheet]   Dual FET Bus Switch 2.5-V/3.3-V Low-Voltage High-Bandwidth Bus Switch
More results

Podobny opis - SN74CB3Q3306A-EP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74CB3Q3306A TI-SN74CB3Q3306A Datasheet
176Kb / 10P
[Old version datasheet]   DUAL FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE, HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3305 TI-SN74CB3Q3305_09 Datasheet
457Kb / 13P
[Old version datasheet]   DUAL FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3306ADCUR TI-SN74CB3Q3306ADCUR Datasheet
771Kb / 15P
[Old version datasheet]   Dual FET Bus Switch 2.5-V/3.3-V Low-Voltage High-Bandwidth Bus Switch
SN74CB3Q3125 TI-SN74CB3Q3125 Datasheet
306Kb / 1P
[Old version datasheet]   QUADRUPLE FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3244 TI1-SN74CB3Q3244_15 Datasheet
1Mb / 21P
[Old version datasheet]   8-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3384A TI-SN74CB3Q3384A_1 Datasheet
429Kb / 15P
[Old version datasheet]   10-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3245 TI-SN74CB3Q3245_05 Datasheet
823Kb / 20P
[Old version datasheet]   8-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q16244 TI-SN74CB3Q16244_09 Datasheet
358Kb / 15P
[Old version datasheet]   16-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3345 TI1-SN74CB3Q3345_15 Datasheet
1,012Kb / 19P
[Old version datasheet]   8-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q16244 TI-SN74CB3Q16244 Datasheet
181Kb / 12P
[Old version datasheet]   16-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com