Zakładka z wyszukiwarką danych komponentów |
|
ADM3311EACP Arkusz danych(PDF) 4 Page - Analog Devices |
|
ADM3311EACP Arkusz danych(HTML) 4 Page - Analog Devices |
4 / 16 page REV. G –4– ADM3307E/ADM3310E/ADM3311E/ADM3312E/ADM3315E SPECIFICATIONS (continued) ABSOLUTE MAXIMUM RATINGS * (TA = 25 ∞C, unless otherwise noted) VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +4 V V+ . . . . . . . . . . . . . . . . . . . . . . . . . . . . (VCC – 0.3 V) to +9 V V– . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .+0.3 V to –9 V Input Voltages TIN . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +6 V RIN . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±30 V Output Voltages TOUT . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±15 V ROUT . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to (VCC + 0.3 V) Short Circuit Duration TOUT . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Continuous Thermal Impedance, qJA CP-32 LFCSP . . . . . . . . . . . . . . . . . . . . . . . . . . . 32.5 ∞C/W RU-28 TSSOP . . . . . . . . . . . . . . . . . . . . . . . . . . . 68.0 ∞C/W RU-24 TSSOP . . . . . . . . . . . . . . . . . . . . . . . . . . . 68.0 ∞C/W RS-28 SSOP . . . . . . . . . . . . . . . . . . . . . . . . . . . . .76.0 ∞C/W Operating Temperature Range Industrial (A Version) . . . . . . . . . . . . . . . . . . –40 ∞C to +85∞C Storage Temperature Range . . . . . . . . . . –65 ∞C to +150∞C Lead Temperature (Soldering, 10 sec) . . . . . . . . . . . . . 300 ∞C ESD Rating (IEC 1000-4-2 Air) (RS-232 I/Os) . . . . . . . ±15 kV ESD Rating (IEC 1000-4-2 Contact) (RS-232 I/Os) . . . . ±8 kV *Stresses above those listed under Absolute Maximum Ratings may cause perma- nent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those indicated in the operation sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability. Parameter Min Typ Max Unit Test Conditions/Comments Output Voltage Swing ADM3310E, ADM3315E ±5.0 ±5.5 V All Transmitter Outputs Loaded with 3k W to Ground ADM3307E, ADM3311E, ADM3312 ±5.0 ±6.4 V (VCC = 3.0 V) ±5.5 V (VCC = 2.7 V) All Transmitter Outputs Loaded with 3k W to Ground Transmitter Output Resistance 300 W VCC = 0 V, VOUT = ±2 V RS-232 Output Short Circuit Current ±15 ±60 mA Maximum Data Rate ADM3307E 250 720 kbps RL = 3 k W to 7 kW, CL = 50 pF to 1000 pF, VCC = 2.7 V 460 920 kbps RL = 3 k W to 7 kW, CL = 50 pF to 1000 pF, VCC = 3.0 V ADM3310E, ADM3311E, ADM3312E 250 460 kbps RL = 3 k W to 7 kW, CL = 50 pF to 1000 pF, ADM3315E VCC = 3.0 V Receiver Propagation Delay, TPHL, TPLH 0.3 msCL = 150 pF 0.17 1 msCL = 150 pF; ADM3307E Only Receiver Output Enable Time, tER 100 ns Receiver Output Disable Time, tDR 300 ns Transmitter Propagation Delay, TPHL, TPLH 500 ns RL = 3 k W, CL = 1000 pF Transition Region Slew Rate 3 18 V/ msRL = 3 kW, CL = 50 pF to 1000 pF1 ESD PROTECTION (I/O PINS) ±15 kV Human Body Model ±15 kV IEC 1000-4-2 Air Discharge ±8kVIEC 1000-4-2 Contact Discharge2 NOTES 1Measured at +3 V to –3 V or –3 V to +3 V. 2Includes CMOS I/O, SD, and EN for ADM3307E. Specification subject to change without notice. |
Podobny numer części - ADM3311EACP |
|
Podobny opis - ADM3311EACP |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |