Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADUC824BS Arkusz danych(PDF) 11 Page - Analog Devices

Numer części ADUC824BS
Szczegółowy opis  MicroConverter, Dual-Channel 16-/24-Bit ADCs with Embedded FLASH MCU
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADUC824BS Arkusz danych(HTML) 11 Page - Analog Devices

Back Button ADUC824BS Datasheet HTML 7Page - Analog Devices ADUC824BS Datasheet HTML 8Page - Analog Devices ADUC824BS Datasheet HTML 9Page - Analog Devices ADUC824BS Datasheet HTML 10Page - Analog Devices ADUC824BS Datasheet HTML 11Page - Analog Devices ADUC824BS Datasheet HTML 12Page - Analog Devices ADUC824BS Datasheet HTML 13Page - Analog Devices ADUC824BS Datasheet HTML 14Page - Analog Devices ADUC824BS Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 68 page
background image
REV. B
–11–
ADuC824
12.58 MHz Core_Clk
Variable Core_Clk
Parameter
Min
Max
Min
Max
Unit
Figure
EXTERNAL DATA MEMORY WRITE CYCLE
tWLWH
WR Pulsewidth
377
6tCORE – 100
ns
5
tAVLL
Address Valid after ALE Low
39
tCORE – 40
ns
5
tLLAX
Address Hold after ALE Low
44
tCORE – 35
ns
5
tLLWL
ALE Low to
WR Low
188
288
3tCORE – 50
3tCORE + 50
ns
5
tAVWL
Address Valid to
WR Low
188
4tCORE – 130
ns
5
tQVWX
Data Valid to
WR Transition
29
tCORE – 50
ns
5
tQVWH
Data Setup before
WR
406
7tCORE – 150
ns
5
tWHQX
Data and Address Hold after
WR
29
tCORE – 50
ns
5
tWHLH
WR High to ALE High
39
119
tCORE – 40
tCORE + 40
ns
5
t
LLAX
A0–A7
CORE_CLK
ALE (O)
PSEN (O)
PORT 0 (O)
PORT 2 (O)
WR (O)
t
WHLH
t
WHQX
t
WLWH
t
QVWX
t
QVWH
t
LLWL
t
AVWL
t
AVLL
A16–A23
A8–A15
DATA
Figure 5. External Data Memory Write Cycle


Podobny numer części - ADUC824BS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADUC824BSZ AD-ADUC824BSZ Datasheet
1Mb / 68P
   MicroConverter짰, Dual-Channel 16-/24-Bit ADCs with Embedded FLASH MCU
REV. B
More results

Podobny opis - ADUC824BS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADUC824 AD-ADUC824_15 Datasheet
1Mb / 68P
   MicroConverter, Dual-Channel 16-/24-Bit ADCs with Embedded FLASH MCU
REV.B
ADUC816 AD-ADUC816_15 Datasheet
667Kb / 68P
   MicroConverter, Dual-Channel 16-Bit ADCs with Embedded Flash MCU
REV. A
ADUC844 AD-ADUC844 Datasheet
674Kb / 20P
   MicroConverter, Dual 16-Bit/24-Bit ADCs with Embedded 62kB FLASH MCU
REV. PrB
ADUC816 AD-ADUC816 Datasheet
933Kb / 68P
   MicroConverter-R, Dual-Channel 16-Bit ADCs with Embedded Flash MCU
REV. 0
ADUC846 AD-ADUC846 Datasheet
1Mb / 20P
   MicroConverter, Dual 16-Bit ADCs with Embedded 62kB FLASH MCU
REV. PrA
ADUC834 AD-ADUC834_02 Datasheet
1Mb / 80P
   MicroConverter, Dual 16-Bit/24-Bit ADCs with Embedded 62 kB Flash MCU
REV. 0
ADUC834 AD-ADUC834 Datasheet
1Mb / 80P
   MicroConverter, Dual 16-Bit/24- Bit ADCs with Embedded 62 kB Flash MCU
REV. A
ADUC834 AD-ADUC834_15 Datasheet
1Mb / 80P
   MicroConverter, Dual 16-Bit/24-Bit ADCs with Embedded 62 kB Flash MCU
REV. A
ADUC836 AD-ADUC836_02 Datasheet
1Mb / 80P
   MicroConverter, Dual 16-Bit ADCs with Embedded 62 kB Flash MCU
REV. 0
ADUC836 AD-ADUC836_15 Datasheet
5Mb / 80P
   MicroConverter, Dual 16-Bit ADCs with Embedded 62 kB Flash MCU
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com