Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS7827IDRBT Arkusz danych(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Numer części ADS7827IDRBT
Szczegółowy opis  10/8/12-BIT HIGH SPEED 2.7 V microPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

ADS7827IDRBT Arkusz danych(HTML) 2 Page - Texas Instruments

  ADS7827IDRBT Datasheet HTML 1Page - Texas Instruments ADS7827IDRBT Datasheet HTML 2Page - Texas Instruments ADS7827IDRBT Datasheet HTML 3Page - Texas Instruments ADS7827IDRBT Datasheet HTML 4Page - Texas Instruments ADS7827IDRBT Datasheet HTML 5Page - Texas Instruments ADS7827IDRBT Datasheet HTML 6Page - Texas Instruments ADS7827IDRBT Datasheet HTML 7Page - Texas Instruments ADS7827IDRBT Datasheet HTML 8Page - Texas Instruments ADS7827IDRBT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
www.ti.com
ADS7826
ADS7827
ADS7829
SLAS388 – JUNE 2003
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
PACKAGE/ORDERING INFORMATION
MAXIMUM LINERARITY ERROR
SPECIFICATION
(LSB)
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
INTEGRAL
DIFFERENTIAL
PACKAGE (1)
RANGE
MARKING (2)
NUMBER
MEDIA
ADS7829I
±2
±2
SON-8
-40
°C to 85°C
F29
ADS7829IDRBR
Tape and reel
ADS7829IB
±1.25
-1/1.25
SON-8
-40
°C to 85°
F29
ADS7829IBDRBR
Tape and reel
ADS7826I
±1
±1
SON-8
-40
°C to 85°C
F26
ADS7826IDRBR
Tape and reel
ADS7827I
±1
±1
SON-8
-40
°C to 85°C
F27
ADS7827IDRBR
Tape and reel
ADS7829I
±2
±2
SON-8
-40
°C to 85°C
F29
ADS7829IDRBT
Tape and reel
ADS7829IB
±1.25
-1/1.25
SON-8
-40
°C to 85°C
F29
ADS7829IBDRBT
Tape and reel
ADS7826I
±1
±1
SON-8
-40
°C to 85°C
F26
ADS7826IDRBT
Tape and reel
ADS7827I
±1
±1
SON-8
-40
°C to 85°C
F27
ADS7827IDRBT
Tape and reel
(1)
For detail drawing and dimension table, see end of this data sheet or package drawing file on web.
(2)
Performance Grade information is marked on the reel.
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range (unless otherwise noted) (1)
VCC
6 V
Analog input
-0.3 V to (VCC + 0.3 V)
Logic input
-0.3 V to 6 V
Case temperature
100
°C
Junction temperature
150
°C
Storage temperature
125
°C
External reference voltage
5.5 V
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
2


Podobny numer części - ADS7827IDRBT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS7827IDRBT TI1-ADS7827IDRBT Datasheet
1Mb / 26P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS7827IDRBTG4 TI1-ADS7827IDRBTG4 Datasheet
1Mb / 26P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
More results

Podobny opis - ADS7827IDRBT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS8320-HT TI1-ADS8320-HT_13 Datasheet
341Kb / 26P
[Old version datasheet]   16-BIT, HIGH-SPEED, 2.7-V TO 5-V, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8320-HT TI1-ADS8320-HT Datasheet
389Kb / 27P
[Old version datasheet]   16-BIT, HIGH-SPEED, 2.7-V TO 5-V, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7822 BURR-BROWN-ADS7822 Datasheet
146Kb / 12P
   12-Bit High Speed 2.7V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7822 TI-ADS7822 Datasheet
431Kb / 20P
[Old version datasheet]   12-Bit, High-Speed, 2.7V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8321 BURR-BROWN-ADS8321 Datasheet
100Kb / 12P
   16-Bit, High Speed, MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8321 TI1-ADS8321_14 Datasheet
858Kb / 20P
[Old version datasheet]   16-Bit, High Speed, MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8321 TI1-ADS8321 Datasheet
858Kb / 19P
[Old version datasheet]   16-Bit, High Speed, MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8321 BURR-BROWN-ADS8321_12 Datasheet
604Kb / 18P
   16-Bit, High Speed, MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
NXP Semiconductors
TDA8766 PHILIPS-TDA8766 Datasheet
157Kb / 20P
   10-bit high-speed 2.7 to 5.25 V analog-to-digital converter
1996 Mar 20
logo
Texas Instruments
TLV5510 TI-TLV5510 Datasheet
307Kb / 19P
[Old version datasheet]   2.7-V TO 3.6-V 8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com