Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LF198-N Arkusz danych(PDF) 5 Page - Texas Instruments

Numer części LF198-N
Szczegółowy opis  Monolithic Sample-and-Hold Circuits
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

LF198-N Arkusz danych(HTML) 5 Page - Texas Instruments

  LF198-N_16 Datasheet HTML 1Page - Texas Instruments LF198-N_16 Datasheet HTML 2Page - Texas Instruments LF198-N_16 Datasheet HTML 3Page - Texas Instruments LF198-N_16 Datasheet HTML 4Page - Texas Instruments LF198-N_16 Datasheet HTML 5Page - Texas Instruments LF198-N_16 Datasheet HTML 6Page - Texas Instruments LF198-N_16 Datasheet HTML 7Page - Texas Instruments LF198-N_16 Datasheet HTML 8Page - Texas Instruments LF198-N_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
LF198-N, LF298, LF398-N
LF198A-N, LF398A-N
www.ti.com
SNOSBI3B – JULY 2000 – REVISED NOVEMBER 2015
6.4 Electrical Characteristics, LF198-N and LF298
The following specifications apply for –VS + 3.5 V ≤ VIN ≤ +VS – 3.5 V, +VS = +15 V, –VS = –15 V, TA = TJ = 25°C, Ch = 0.01
µF, RL = 10 kΩ, LOGIC REFERENCE = 0 V, LOGIC HIGH = 2.5 V, LOGIC LOW = 0 V unless otherwise specified.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TJ = 25°C
1
3
mV
Input offset voltage(1)
Full temperature range
5
mV
TJ = 25°C
5
25
nA
Input bias current(1)
Full temperature range
75
nA
Input impedance
TJ = 25°C
10
G
Ω
TJ = 25°C, RL= 10k
0.002%
0.005%
Gain error
Full temperature range
0.02%
Feedthrough attenuation ratio at 1 kHz
TJ = 25°C, Ch = 0.01 µF
86
96
dB
Tj = 25°C, “HOLD” mode
0.5
2
Ω
Output impedance
Full temperature range
4
Ω
HOLD step(2)
TJ = 25°C, Ch = 0.01 µF, VOUT = 0
0.5
2
mV
Supply current(1)
TJ ≥ 25°C
4.5
5.5
mA
Logic and logic reference input current
TJ = 25°C
2
10
µA
Leakage current into hold capacitor(1)
TJ = 25°C
(3), hold mode
30
100
pA
ΔVOUT = 10 V, Ch = 1000 pF
4
µs
Acquisition time to 0.1%
CH = 0.01 µF
20
µs
Hold capacitor charging current
VIN – VOUT = 2 V
5
mA
Supply voltage rejection ratio
VOUT = 0
80
110
dB
Differential logic threshold
TJ = 25°C
0.8
1.4
2.4
V
TJ = 25°C
1
1
mV
Input offset voltage(1)
Full temperature range
2
mV
TJ = 25°C
5
25
nA
Input bias current(1)
Full temperature range
75
nA
Input impedance
TJ = 25°C
10
G
Ω
TJ = 25°C, RL = 10 k
0.002%
0.005%
Gain error
Full temperature range
0.01%
Feedthrough attenuation ratio at 1 kHz
TJ = 25°C, Ch = 0.01 µF
86
96
dB
TJ = 25°C, “HOLD” mode
0.5
1
Ω
Output impedance
Full temperature range
4
Ω
HOLD step(2)
TJ = 25°C, Ch = 0.01 µF, VOUT = 0
0.5
1
mV
Supply current(1)
TJ ≥ 25°C
4.5
5.5
mA
Logic and logic reference input current
TJ = 25°C
2
10
µA
Leakage current into hold capacitor(1)
TJ = 25°C
(3), hold mode
30
100
pA
ΔVOUT = 10 V, Ch = 1000 pF
4
6
µs
Acquisition time to 0.1%
CH = 0.01 µF
20
25
µs
Hold capacitor charging current
VIN – VOUT = 2 V
5
mA
Supply voltage rejection ratio
VOUT = 0
90
110
dB
Differential logic threshold
TJ = 25°C
0.8
1.4
2.4
V
(1)
These parameters ensured over a supply voltage range of ±5 to ±18 V, and an input range of –VS + 3.5 V ≤ VIN ≤ +VS – 3.5 V.
(2)
Hold step is sensitive to stray capacitive coupling between input logic signals and the hold capacitor. 1 pF, for instance, will create an
additional 0.5-mV step with a 5-V logic swing and a 0.01-µF hold capacitor. Magnitude of the hold step is inversely proportional to hold
capacitor value.
(3)
Leakage current is measured at a junction temperature of 25°C. The effects of junction temperature rise due to power dissipation or
elevated ambient can be calculated by doubling the 25°C value for each 11°C increase in chip temperature. Leakage is guaranteed over
full input signal range.
Copyright © 2000–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LF198-N LF298 LF398-N LF198A-N LF398A-N


Podobny numer części - LF198-N_16

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LF198-N TI1-LF198-N_V01 Datasheet
3Mb / 38P
[Old version datasheet]   LFx98x Monolithic Sample-and-Hold Circuits
More results

Podobny opis - LF198-N_16

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
LF398N ETC-LF398N Datasheet
257Kb / 7P
   MONOLITHIC SAMPLE AND HOLD CIRCUITS
logo
Texas Instruments
LF198QML TI1-LF198QML_14 Datasheet
1Mb / 22P
[Old version datasheet]   Monolithic Sample-and-Hold Circuits
LF298-MIL TI1-LF298-MIL Datasheet
2Mb / 28P
[Old version datasheet]   Monolithic Sample-and-Hold Circuits
logo
National Semiconductor ...
LF198 NSC-LF198 Datasheet
520Kb / 13P
   Monolithic Sample-and-Hold Circuits
logo
Texas Instruments
LF298MX TI1-LF298MX Datasheet
564Kb / 15P
[Old version datasheet]   Monolithic Sample-and-Hold Circuits
logo
JSC ALFA.
1100CK2 ALFA-1100CK2 Datasheet
368Kb / 4P
   Monolithic Sample-and-Hold Circuits
logo
Texas Instruments
LF198QML TI1-LF198QML Datasheet
994Kb / 20P
[Old version datasheet]   LF198QML Monolithic Sample-and-Hold Circuits
JM38510-12501BGA TI-JM38510-12501BGA Datasheet
1,015Kb / 21P
[Old version datasheet]   LF198JAN Monolithic Sample-and-Hold Circuits
LF198JAN TI1-LF198JAN Datasheet
966Kb / 19P
[Old version datasheet]   LF198JAN Monolithic Sample-and-Hold Circuits
M38510 TI-M38510 Datasheet
988Kb / 21P
[Old version datasheet]   LF198JAN Monolithic Sample-and-Hold Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com