Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM108AQML Arkusz danych(PDF) 7 Page - Texas Instruments

Numer części LM108AQML
Szczegółowy opis  Operational Amplifiers
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

LM108AQML Arkusz danych(HTML) 7 Page - Texas Instruments

Back Button LM108AQML Datasheet HTML 3Page - Texas Instruments LM108AQML Datasheet HTML 4Page - Texas Instruments LM108AQML Datasheet HTML 5Page - Texas Instruments LM108AQML Datasheet HTML 6Page - Texas Instruments LM108AQML Datasheet HTML 7Page - Texas Instruments LM108AQML Datasheet HTML 8Page - Texas Instruments LM108AQML Datasheet HTML 9Page - Texas Instruments LM108AQML Datasheet HTML 10Page - Texas Instruments LM108AQML Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
LM108-N, LM108AQML
www.ti.com
SNOSAH4B – MARCH 2005 – REVISED MARCH 2013
LM108-NA Electrical Characteristics DC Parameters (continued)
The following conditions apply to all the following parameters, unless otherwise specified.
VCC = ±20V, VCM = 0V
Sub-
Symbol
Parameter
Conditions
Notes
Min
Max
Units
groups
IIO
Input Offset Current
VCM = -15V
-0.2
0.2
nA
1
-0.4
0.4
nA
2, 3
VCM = 15V
-0.2
0.2
nA
1
-0.4
0.4
nA
2, 3
-0.2
0.2
nA
1
-0.4
0.4
nA
2, 3
VCC = ±5V
-0.2
0.2
nA
1
-0.4
0.4
nA
2, 3
±IIB
Input Bias Current
VCM = -15V
-0.1
2.0
nA
1
-1.0
3.0
nA
2
-0.1
3.0
nA
3
VCM = 15V
-0.1
2.0
nA
1
-1.0
3.0
nA
2
-0.1
3.0
nA
3
-0.1
2.0
nA
1
-1.0
3.0
nA
2
-0.1
3.0
nA
3
VCC = ±5V
-0.1
2.0
nA
1
-1.0
3.0
nA
2
-0.1
3.0
nA
3
PSRR
Power Supply Rejection Ratio
±20V < = VCC < = ±5V
96
dB
1, 2, 3
CMRR
Common Mode Rejection Ratio
-15V < = VCM < = 15V
96
dB
1, 2, 3
+IOS
Short Circuit Current
VCC = ±15V
-30
-1.0
mA
1, 2, 3
-IOS
Short Circuit Current
VCC = ±15V
1.0
30
mA
1, 2, 3
ICC
Power Supply Current
0.6
mA
1
0.4
mA
2
0.8
mA
3
RIN
Input Resistance
See(1)
30
M
1
VIN
Input Voltage Range
VCC = ±15V
See(2)
14
V
1, 2
See(2)
−14
V
1, 2
See(2)
13.5
V
3
See(2)
−13.
V
3
5
See(2)
15
V
1, 2, 3
See(2)
−15
V
1, 2, 3
(1)
Ensured parameter not tested.
(2)
Parameter tested Go-No-Go#SNOSAH42270
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM108-N LM108AQML


Podobny numer części - LM108AQML

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM108AQML TI-LM108AQML_15 Datasheet
659Kb / 21P
[Old version datasheet]   LM108-N/LM108AQML Operational Amplifiers
More results

Podobny opis - LM108AQML

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Linear Technology
LM308A LINER-LM308A_15 Datasheet
459Kb / 8P
   OPERATIONAL AMPLIFIERS
logo
Analog Devices
AD8529 AD-AD8529_15 Datasheet
400Kb / 16P
   Operational Amplifiers
REV. D
logo
Texas Instruments
LM112 TI1-LM112_11 Datasheet
450Kb / 8P
[Old version datasheet]   Operational Amplifiers
LM107 TI1-LM107_11 Datasheet
444Kb / 12P
[Old version datasheet]   Operational Amplifiers
logo
National Semiconductor ...
LM101A NSC-LM101A_00 Datasheet
608Kb / 20P
   Operational Amplifiers
logo
Maxwell Technologies
OP284 MAXWELL-OP284 Datasheet
861Kb / 16P
   Operational Amplifiers
logo
National Semiconductor ...
LM108 NSC-LM108 Datasheet
289Kb / 10P
   Operational Amplifiers
logo
Motorola, Inc
LM301A MOTOROLA-LM301A Datasheet
130Kb / 6P
   Operational Amplifiers
logo
National Semiconductor ...
LM107 NSC-LM107 Datasheet
194Kb / 10P
   Operational Amplifiers
logo
SG Micro Corp
SGM8535 SGMICRO-SGM8535 Datasheet
379Kb / 16P
   Operational Amplifiers
logo
Texas Instruments
LM118-N TI1-LM118-N_15 Datasheet
1Mb / 25P
[Old version datasheet]   Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com