Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


ADXL103 Datasheet(Arkusz danych) 9 Page - Analog Devices

Numer części ADXL103
Szczegółowy opis  Precision ±1.7 g Single/Dual Axis Accelerometer
Pobierz  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo 

 
 9 page
background image
ADXL103/ADXL203
Rev. 0 | Page 9 of 12
APPLICATIONS
POWER SUPPLY DECOUPLING
For most applications, a single 0.1 µF capacitor, CDC, will
adequately decouple the accelerometer from noise on the power
supply. However in some cases, particularly where noise is pre-
sent at the 140 kHz internal clock frequency (or any harmonic
thereof), noise on the supply may cause interference on the
ADXL103/ADXL203 output. If additional decoupling is needed,
a 100 Ω (or smaller) resistor or ferrite beads may be inserted in
the supply line of the ADXL103/ADXL203. Additionally, a
larger bulk bypass capacitor (in the 1 µF to 22 µF range) may be
added in parallel to CDC.
SETTING THE BANDWIDTH USING CX AND CY
The ADXL103/ADXL203 has provisions for bandlimiting the
XOUT and YOUT pins. Capacitors must be added at these pins to
implement low-pass filtering for antialiasing and noise
reduction. The equation for the 3 dB bandwidth is
F–3 dB = 1/(2π(32 kΩ) × C(X, Y))
or more simply,
F–3 dB = 5 µF/C(X, Y)
The tolerance of the internal resistor (RFILT) can vary typically as
much as ±25% of its nominal value (32 kΩ); thus, the band-
width will vary accordingly. A minimum capacitance of 2000 pF
for CX and CY is required in all cases.
Table 4. Filter Capacitor Selection, CX and CY
Bandwidth (Hz)
Capacitor (µF)
1
4.7
10
0.47
50
0.10
100
0.05
200
0.027
500
0.01
SELF TEST
The ST pin controls the self-test feature. When this pin is set to
VS, an electrostatic force is exerted on the beam of the accelero-
meter. The resulting movement of the beam allows the user to
test if the accelerometer is functional. The typical change in
output will be 750 mg (corresponding to 750 mV). This pin may
be left open-circuit or connected to common in normal use.
The ST pin should never be exposed to voltage greater than
VS + 0.3 V. If the system design is such that this condition
cannot be guaranteed (i.e., multiple supply voltages present), a
low VF clamping diode between ST and VS is recommended.
DESIGN TRADE-OFFS FOR SELECTING FILTER
CHARACTERISTICS: THE NOISE/BW TRADE-OFF
The accelerometer bandwidth selected will ultimately
determine the measurement resolution (smallest detectable
acceleration). Filtering can be used to lower the noise floor,
which improves the resolution of the accelerometer. Resolution
is dependent on the analog filter bandwidth at XOUT and YOUT.
The output of the ADXL103/ADXL203 has a typical bandwidth
of 2.5 kHz. The user must filter the signal at this point to limit
aliasing errors. The analog bandwidth must be no more than
half the A/D sampling frequency to minimize aliasing. The
analog bandwidth may be further decreased to reduce noise and
improve resolution.
The ADXL103/ADXL203 noise has the characteristics of white
Gaussian noise, which contributes equally at all frequencies and
is described in terms of µg/√Hz (i.e., the noise is proportional to
the square root of the accelerometer’s bandwidth). The user
should limit bandwidth to the lowest frequency needed by the
application in order to maximize the resolution and dynamic
range of the accelerometer.
With the single pole roll-off characteristic, the typical noise of
the ADXL103/ADXL203 is determined by
)
6
.
1
(
)
/
µg
110
(
×
×
=
BW
Hz
rmsNoise
At 100 Hz, the noise is
g
4
.
1
)
6
.
1
100
(
)
/
µg
110
(
m
Hz
rmsNoise
=
×
×
=
Often, the peak value of the noise is desired. Peak-to-peak noise
can only be estimated by statistical methods. Table 5 is useful
for estimating the probabilities of exceeding various peak
values, given the rms value.
Table 5. Estimation of Peak-to-Peak Noise
Peak-to-Peak Value
% of Time That Noise Will Exceed
Nominal Peak-to-Peak Value
2 × RMS
32
4 × RMS
4.6
6 × RMS
0.27
8 × RMS
0.006




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Powiązane numery części

Numer częściSzczegółowy opis komponentówHtml ViewProducent
MXA2500GImproved Ultra Low Noise ±1.7 g Dual Axis Accelerometer with Absolute Outputs 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MXD2020GImproved Ultra Low Noise ±1.7 g Dual Axis Accelerometer with Digital Outputs 1 2 3 4 5 MoreList of Unclassifed Manufacturers
ADXL190Low Cost +-100 gSingle Axis Accelerometer with Analog Output 1 2 3 4 5 Analog Devices
MMA7260Q1.5g - 6g Three Axis Low-g Micromachined Accelerometer 1 2 3 4 5 MoreMotorola, Inc
MX210QLow Cost 10g Dual Axis Accelerometer with Analog Outputs 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MXA2500JUltra Low Cost ±1.0 g Dual Axis Accelerometer with Absolute Outputs 1 2 3 4 5 MoreList of Unclassifed Manufacturers
ADIS16003Dual-Axis ±1.7 g Accelerometer with SPI Interface 1 2 3 4 5 MoreAnalog Devices
MXD2020MLImproved Ultra Low Noise Dual Axis Accelerometer with Digital Outputs 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MXA6500GLow Cost Low Noise ±1 g Dual Axis Accelerometer with Absolute Analog Outputs 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MMA6281QT+-2.5g - 10g Two Axis Low-g Micromachined Accelerometer 1 2 3 4 5 MoreFreescale Semiconductor, Inc

Link URL

Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl