Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADV7301AKST Arkusz danych(PDF) 6 Page - Analog Devices

Numer części ADV7301AKST
Szczegółowy opis  Multiformat SD, Progressive Scan/HDTV Video Encoder with Six NSV??12-Bit DACs
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADV7301AKST Arkusz danych(HTML) 6 Page - Analog Devices

Back Button ADV7301AKST Datasheet HTML 2Page - Analog Devices ADV7301AKST Datasheet HTML 3Page - Analog Devices ADV7301AKST Datasheet HTML 4Page - Analog Devices ADV7301AKST Datasheet HTML 5Page - Analog Devices ADV7301AKST Datasheet HTML 6Page - Analog Devices ADV7301AKST Datasheet HTML 7Page - Analog Devices ADV7301AKST Datasheet HTML 8Page - Analog Devices ADV7301AKST Datasheet HTML 9Page - Analog Devices ADV7301AKST Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 68 page
background image
REV. A
–6–
ADV7300A/ADV7301A
t9
t11
CLKIN_A
C9–C0
t10
t12
P_HSYNC,
P_VSYNC,
P_BLANK
Cb0
Cr0
Cb2
Cr2
Cb4
Cr4
CONTROL
I/PS
Y0
Y1
Y2
Y3
Y4
Y5
Y9–Y0
t14
CONTROL
O/PS
S_HSYNC,
S_VSYNC
t13
t
9 = CLOCK HIGH TIME, t10 = CLOCK LOW TIME, t11 = DATA SETUP TIME, t12 = DATA HOLD TIME
Figure 2. HD 4:2:2 Input Data Format Timing Diagram, Input Mode: PS Input Only, HDTV
Input Only (Input Mode at Subaddress 01h = 001 or 010)
t9
t11
t10
t12
t13
t14
CLKIN_A
C9–C0
P_HSYNC,
P_VSYNC,
P_BLANK
CONTROL
I/PS
Y9–Y0
CONTROL
O/PS
S_HSYNC,
S_VSYNC
t
9 = CLOCK HIGH TIME, t10 = CLOCK LOW TIME, t11 = DATA SETUP TIME, t12 = DATA HOLD TIME
S9–S0
Y0
Y1
Y2
Yxxx
Yxxx
Cb0
Cb1
Cb2
Cb3
Cbxxx
Cbxxx
Cr0
Cr1
Cr2
Cr3
Crxxx
Crxxx
Figure 3. HD 4:4:4 YCrCb Input Data Format Timing Diagram, Input Mode: PS Input Only,
HDTV Input Only (Input Mode at Subaddress 01h = 001 or 010)


Podobny numer części - ADV7301AKST

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADV7301A AD-ADV7301A_15 Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six NSV
REV. A
More results

Podobny opis - ADV7301AKST

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADV7301A AD-ADV7301A_15 Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six NSV
REV. A
ADV7300A AD-ADV7300A_15 Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six NSV
REV. A
ADV7304A AD-ADV7304A Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six NSV 14-Bit DACs
REV. A
ADV7302A AD-ADV7302A_15 Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six 11-Bit DACs
REV. A
ADV7302A AD-ADV7302A Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six 11-Bit DACs
REV. A
ADV7303A AD-ADV7303A_15 Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six 11-Bit DACs
REV. A
ADV7311 AD-ADV7311_15 Datasheet
1Mb / 84P
   Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
REV. A
ADV7310 AD-ADV7310 Datasheet
1Mb / 84P
   Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
REV. A
ADV7320 AD-ADV7320 Datasheet
1,009Kb / 88P
   Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
REV. 0
ADV7320 AD-ADV7320_15 Datasheet
1Mb / 88P
   Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com