Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


ADXL311JE Datasheet(Arkusz danych) 9 Page - Analog Devices

Numer części ADXL311JE
Szczegółowy opis  Low Cost, Ultracompact ±2 g Dual-Axis Accelerometer
Pobierz  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo 

 
 9 page
background image
ADXL311
PIN CONFIGURATION AND FUNCTIONAL DESCRIPTIONS
ST
BIAS
COM
XOUT
YOUT
NC
NC
ADXL311
VDD
BOTTOM VIEW
8
4
1
2
3
7
6
5
Figure 10. 8-Lead CLCC
Table 7. Pin Function Descriptions—8-Lead CLCC
Pin No.
Mnemonic
Description
1
ST
Self Test
2
BIAS
Bias Resistor (≈200 kΩ)
3
COM
Common
4
NC
Do Not Connect
5
NC
Do Not Connect
6
YOUT
Y Channel Output
7
XOUT
X Channel Output
8
VDD
2.7 V to 5.25 V
Rev. A | Page 9 of 12




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Powiązane numery części

Numer częściSzczegółowy opis komponentówHtml ViewProducent
MXR7202GLow Cost Low Noise ±2 g Dual Axis Accelerometer with Ratiometric Analog Outputs 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MXR7311GLLow Cost Low Noise ±2 g Dual Axis Accelerometer with Ratiometric Analog Outputs 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MXD7202GLLow Cost Low Noise ±2 g Dual Axis Accelerometer with Digital Outputs 1 2 3 4 5 MoreList of Unclassifed Manufacturers
ADXL190Low Cost +-100 gSingle Axis Accelerometer with Analog Output 1 2 3 4 5 Analog Devices
MX210QLow Cost 10g Dual Axis Accelerometer with Analog Outputs 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MXA2500JUltra Low Cost ±1.0 g Dual Axis Accelerometer with Absolute Outputs 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MXA6500GLow Cost Low Noise ±1 g Dual Axis Accelerometer with Absolute Analog Outputs 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MXC6202GLow Power Low Profile ±2 g Dual Axis Accelerometer with I2C Interface 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MXC6202XJUltra Low Cost ±2.0 g Dual Axis Accelerometer With I2C Interface 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MXD7210GLLow Cost Low Noise +-10 g Dual Axis Accelerometer with Digital Outputs 1 2 3 4 5 MoreList of Unclassifed Manufacturers

Link URL

Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl