Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


ADXL203CE1 Datasheet(Arkusz danych) 3 Page - Analog Devices

Numer części ADXL203CE1
Szczegółowy opis  Precision ±1.7 g Single/Dual Axis Accelerometer
Pobierz  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo 

 
 3 page
background image
ADXL103/ADXL203
Rev. 0 | Page 3 of 12
SPECIFICATIONS
Table 1. TA = –40°C to +125°C, VS = 5 V, CX = CY = 0.1 μF, Acceleration = 0 g, unless otherwise noted.
Parameter
Conditions
Min
Typ
Max
Unit
SENSOR INPUT
Each Axis
Measurement Range1
±1.7
g
Nonlinearity
% of Full Scale
±0.5
±2.5
%
Package Alignment Error
±1
Degrees
Alignment Error (ADXL203)
X Sensor to Y Sensor
±0.1
Degrees
Cross Axis Sensitivity
±2
±5
%
SENSITIVITY (Ratiometric)2
Each Axis
Sensitivity at XOUT, YOUT
VS = 5 V
940
1000
1060
mV/g
Sensitivity Change due to Temperature3
VS = 5 V
±0.3
%
ZERO g BIAS LEVEL (Ratiometric)
Each Axis
0 g Voltage at XOUT, YOUT
VS = 5 V
2.4
2.5
2.6
V
Initial 0 g Output Deviation from Ideal
VS = 5 V, 25°C
±25
mg
0 g Offset vs. Temperature
±0.1
mg/°C
NOISE PERFORMANCE
Output Noise
< 4 kHz, VS = 5 V, 25°C
1
6
mV rms
Noise Density
@25°C
110
µg/√Hz rms
FREQUENCY RESPONSE4
CX, CY Range5
0.002
10
µF
RFILT Tolerance
24
32
40
kΩ
Sensor Resonant Frequency
5.5
kHz
SELF TEST6
Logic Input Low
1
V
Logic Input High
4
V
ST Input Resistance to Ground
30
50
kΩ
Output Change at XOUT, YOUT
Self Test 0 to 1
400
750
1100
mV
OUTPUT AMPLIFIER
Output Swing Low
No Load
0.3
V
Output Swing High
No Load
4.5
V
POWER SUPPLY
Operating Voltage Range
3
6
V
Quiescent Supply Current
0.7
1.1
mA
Turn-On Time7
20
ms
1 Guaranteed by measurement of initial offset and sensitivity.
2 Sensitivity is essentially ratiometric to VS. For VS = 4.75 V to 5.25 V, sensitivity is 186 mV/V/g to 215 mV/V/g.
3 Defined as the output change from ambient-to-maximum temperature or ambient-to-minimum temperature.
4 Actual frequency response controlled by user-supplied external capacitor (CX, CY).
5 Bandwidth = 1/(2 × π × 32 kΩ × C). For CX, CY = 0.002 µF, Bandwidth = 2500 Hz. For CX, CY = 10 µF, Bandwidth = 0.5 Hz. Minimum/maximum values are not tested.
6 Self-test response changes cubically with VS.
7 Larger values of CX, CY will increase turn-on time. Turn-on time is approximately 160 × CX or CY + 4 ms, where CX, CY are in µF.
All minimum and maximum specifications are guaranteed. Typical specifications are not guaranteed.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Powiązane numery części

Numer częściSzczegółowy opis komponentówHtml ViewProducent
MXA2500GImproved Ultra Low Noise ±1.7 g Dual Axis Accelerometer with Absolute Outputs 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MXD2020GImproved Ultra Low Noise ±1.7 g Dual Axis Accelerometer with Digital Outputs 1 2 3 4 5 MoreList of Unclassifed Manufacturers
ADXL190Low Cost +-100 gSingle Axis Accelerometer with Analog Output 1 2 3 4 5 Analog Devices
MMA7260Q1.5g - 6g Three Axis Low-g Micromachined Accelerometer 1 2 3 4 5 MoreMotorola, Inc
MX210QLow Cost 10g Dual Axis Accelerometer with Analog Outputs 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MXA2500JUltra Low Cost ±1.0 g Dual Axis Accelerometer with Absolute Outputs 1 2 3 4 5 MoreList of Unclassifed Manufacturers
ADIS16003Dual-Axis ±1.7 g Accelerometer with SPI Interface 1 2 3 4 5 MoreAnalog Devices
MXD2020MLImproved Ultra Low Noise Dual Axis Accelerometer with Digital Outputs 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MXA6500GLow Cost Low Noise ±1 g Dual Axis Accelerometer with Absolute Analog Outputs 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MMA6281QT+-2.5g - 10g Two Axis Low-g Micromachined Accelerometer 1 2 3 4 5 MoreFreescale Semiconductor, Inc

Link URL

Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl