Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM117HVKGMD8 Arkusz danych(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Numer części LM117HVKGMD8
Szczegółowy opis  3-Terminal Adjustable Regulator
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

LM117HVKGMD8 Arkusz danych(HTML) 2 Page - Texas Instruments

  LM117HVKGMD8 Datasheet HTML 1Page - Texas Instruments LM117HVKGMD8 Datasheet HTML 2Page - Texas Instruments LM117HVKGMD8 Datasheet HTML 3Page - Texas Instruments LM117HVKGMD8 Datasheet HTML 4Page - Texas Instruments LM117HVKGMD8 Datasheet HTML 5Page - Texas Instruments LM117HVKGMD8 Datasheet HTML 6Page - Texas Instruments LM117HVKGMD8 Datasheet HTML 7Page - Texas Instruments LM117HVKGMD8 Datasheet HTML 8Page - Texas Instruments LM117HVKGMD8 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
N/C
N/C
1
16
N/C
N/C
2
15
ADJ
N/C
3
14
N/C
OUTPUT/SENSE
4
13
INPUT
OUTPUT
5
12
N/C
N/C
6
11
N/C
N/C
7
10
N/C
N/C
8
9
LM117HVQML, LM117HVQML-SP
SNVS357D – MARCH 2006 – REVISED APRIL 2013
www.ti.com
CONNECTION DIAGRAMS
(See Physical Dimension section for further information)
CASE IS OUTPUT
CASE IS OUTPUT
Figure 1. 3-Pin TO Metal Can Package
Figure 2. 2-Pin TO Metal Can Package
Bottom View
Bottom View
See NDT003A Package
See K0002C Package
For the CFP device to function properly, the “Output” and “Output/Sense” pins must be connected on the users
printed circuit board.
Figure 3. 16-Pin CFP
Top View
Table 1. LM117HV Series Packages
Part Number Suffix
Package
Design Load Current
H
TO
0.5A
K
TO
1.5A
WG, GW
CFP
0.5A
2
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LM117HVQML LM117HVQML-SP


Podobny numer części - LM117HVKGMD8

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM117HVKGMD8 TI1-LM117HVKGMD8 Datasheet
1Mb / 30P
[Old version datasheet]   3-Terminal Adjustable Regulator
More results

Podobny opis - LM117HVKGMD8

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM337L NSC-LM337L Datasheet
89Kb / 5P
   3-Terminal Adjustable Regulator
logo
Texas Instruments
LM317 TI1-LM317_16 Datasheet
1Mb / 32P
[Old version datasheet]   3-Terminal Adjustable Regulator
logo
List of Unclassifed Man...
GM317 ETC-GM317 Datasheet
352Kb / 8P
   3- TERMINAL ADJUSTABLE REGULATOR
logo
Texas Instruments
LM317M TI-LM317M_07 Datasheet
219Kb / 12P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
LM317M_0701 TI-LM317M_0701 Datasheet
369Kb / 14P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
National Semiconductor ...
LM117 NSC-LM117 Datasheet
645Kb / 25P
   3-Terminal Adjustable Regulator
LM117HV NSC-LM117HV Datasheet
469Kb / 15P
   3-Terminal Adjustable Regulator
logo
Texas Instruments
LM317MQDCYRG4 TI1-LM317MQDCYRG4 Datasheet
868Kb / 17P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
Tiger Electronic Co.,Lt...
LM317L TGS-LM317L Datasheet
382Kb / 14P
   3-TERMINAL ADJUSTABLE REGULATOR
logo
Texas Instruments
LM317M TI-LM317M Datasheet
219Kb / 12P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
National Semiconductor ...
LM317L NSC-LM317L_06 Datasheet
918Kb / 16P
   3-Terminal Adjustable Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com