Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SM74601 Arkusz danych(PDF) 11 Page - Texas Instruments

Numer części SM74601
Szczegółowy opis  SOT-23 Precision Micropower Series Voltage Reference
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

SM74601 Arkusz danych(HTML) 11 Page - Texas Instruments

Back Button SM74601 Datasheet HTML 6Page - Texas Instruments SM74601 Datasheet HTML 7Page - Texas Instruments SM74601 Datasheet HTML 8Page - Texas Instruments SM74601 Datasheet HTML 9Page - Texas Instruments SM74601 Datasheet HTML 10Page - Texas Instruments SM74601 Datasheet HTML 11Page - Texas Instruments SM74601 Datasheet HTML 12Page - Texas Instruments SM74601 Datasheet HTML 13Page - Texas Instruments SM74601 Datasheet HTML 14Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
x 0.1
VREF
= Percent_Error
VERROR
x 10
3
VREF
= ppmERROR
VERROR
x 10
3
VREF
2
n
= VERROR
= VERROR
10
3
VREF x ppmERROR
SM74601
www.ti.com
SNOSBA5A – SEPTEMBER 2011 – REVISED APRIL 2013
LONG TERM STABILITY
Long-term stability refers to the fluctuation in output voltage over a long period of time (1000 hours). The
SM74601 features a typical long-term stability of 50 ppm over 1000 hours. The measurements are made using 5
units of each voltage option, at a nominal input voltage (5V), with no load, at room temperature.
EXPRESSION OF ELECTRICAL CHARACTERISTICS
Electrical characteristics are typically expressed in mV, ppm, or a percentage of the nominal value. Depending
on the application, one expression may be more useful than the other. To convert one quantity to the other one
may apply the following:
ppm to mV error in output voltage:
where
VREF is in volts (V)
VERROR is in milli-volts (mV).
(4)
Bit error (1 bit) to voltage error (mV):
VREF is in volts (V)
VERROR is in milli-volts (mV)
n is the number of bits
(5)
mV to ppm error in output voltage:
where
VREF is in volts (V)
VERROR is in milli-volts (mV)
(6)
Voltage error (mV) to percentage error (percent):
where
VREF is in volts (V)
VERROR is in milli-volts (mV)
(7)
PRINTED CIRCUIT BOARD and LAYOUT CONSIDERATIONS
To minimize the mechanical stress due to PC board mounting that can cause the output voltage to shift from its
initial value, mount the reference on a low flex area of the PC board, such as near the edge or a corner.
The part may be isolated mechanically by cutting a U shape slot on the PCB for mounting the device. This
approach also provides some thermal isolation from the rest of the circuit.
Bypass capacitors must be mounted close to the part. Mounting bypass capacitors close to the part will reduce
the parasitic trace components thereby improving performance.
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: SM74601


Podobny numer części - SM74601

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Polyfet RF Devices
SM746 POLYFET-SM746 Datasheet
36Kb / 2P
   SILICON GATE ENHANCEMENT MODE RF POWER VDMOS TRANSISTOR
logo
Texas Instruments
SM74611 TI-SM74611 Datasheet
709Kb / 11P
[Old version datasheet]   Smart Bypass Diode
SM74611KTTR TI-SM74611KTTR Datasheet
709Kb / 11P
[Old version datasheet]   Smart Bypass Diode
logo
Polyfet RF Devices
SM746 POLYFET-SM746_14 Datasheet
42Kb / 2P
   RF POWER VDMOS TRANSISTOR
More results

Podobny opis - SM74601

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM4128 TI1-LM4128 Datasheet
1Mb / 33P
[Old version datasheet]   SOT-23 Precision Micropower Series Voltage Reference
LM4128 TI-LM4128_15 Datasheet
990Kb / 33P
[Old version datasheet]   SOT-23 Precision Micropower Series Voltage Reference
LM4128AMF-4 TI1-LM4128AMF-4 Datasheet
987Kb / 33P
[Old version datasheet]   LM4128/LM4128Q SOT-23 Precision Micropower Series Voltage Reference
logo
Intersil Corporation
X60003B-50 INTERSIL-X60003B-50_06 Datasheet
243Kb / 14P
   Precision 5.0V SOT-23 FGA??Voltage Reference
logo
National Semiconductor ...
LM4132 NSC-LM4132 Datasheet
863Kb / 15P
   SOT-23 Precision Low Dropout Voltage Reference
logo
Texas Instruments
LM4132_016 TI1-LM4132_016 Datasheet
784Kb / 36P
[Old version datasheet]   SOT-23 Precision Low Dropout Voltage Reference
logo
Intersil Corporation
X60003B-50 INTERSIL-X60003B-50 Datasheet
261Kb / 14P
   Precision 5.0V SOT-23 FGA Voltage Reference
logo
National Semiconductor ...
LM4132 NSC-LM4132_06 Datasheet
1Mb / 20P
   SOT-23 Precision Low Dropout Voltage Reference
logo
Texas Instruments
REF3112 TI1-REF3112_16 Datasheet
1Mb / 26P
[Old version datasheet]   SOT-23 Series Voltage Reference
LM4132 TI-LM4132 Datasheet
1Mb / 38P
[Old version datasheet]   LM4132 SOT-23 Precision Low Dropout Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com