Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SM320C80 Arkusz danych(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Numer części SM320C80
Szczegółowy opis  DIGITAL SIGNAL PROCESSOR
Download  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

SM320C80 Arkusz danych(HTML) 2 Page - Texas Instruments

  SM320C80 Datasheet HTML 1Page - Texas Instruments SM320C80 Datasheet HTML 2Page - Texas Instruments SM320C80 Datasheet HTML 3Page - Texas Instruments SM320C80 Datasheet HTML 4Page - Texas Instruments SM320C80 Datasheet HTML 5Page - Texas Instruments SM320C80 Datasheet HTML 6Page - Texas Instruments SM320C80 Datasheet HTML 7Page - Texas Instruments SM320C80 Datasheet HTML 8Page - Texas Instruments SM320C80 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 158 page
background image
SMJ320C80
DIGITAL SIGNAL PROCESSOR
SGUS025B -- AUGUST 1998 -- REVISED JUNE 2002
2
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251--1443
Table of Contents
description
2
.........................................
GF Pin Assignments -- Numerical Listing
3
...............
GF Pin Assignments -- Alphabetical Listing
5
..............
HFH Pin Assignments -- Numerical Listing
7
..............
HFH Pin Assignments -- Alphabetical Listing
9
............
Terminal Functions
11
.................................
architecture
14
........................................
master processor (MP) architecture
17
...................
MP control registers
21
................................
MP parameter RAM
28
................................
MP interrupt vectors
29
................................
PP architecture
35
....................................
PP registers
38
.......................................
PP data-unit registers
39
...............................
PP address-unit registers
39
............................
PP program flow control (PFC) unit registers
40
...........
PP cache architecture
42
...............................
PP parameter RAM
43
.................................
PP-interrupt vectors
43
................................
PP data-unit architecture
44
............................
PP multiplier
45
.......................................
PP program-flow-control unit architecture
46
..............
PP address-unit architecture
48
.........................
PP instruction set
49
...................................
PP opcode formats
52
.................................
EALU operations
61
...................................
TC architecture
63
....................................
local memory interface
67
..............................
external memory timing examples
73
....................
host interface
128
.....................................
device reset
128
......................................
absolute maximum ratings over specified temperature
ranges
129
......................................
recommended operating conditions
129
..................
electrical characteristics over recommended range of
supply voltage and specified temperature
129
........
signal transition levels
130
..............................
timing parameter symbology
131
........................
general notes on timing parameters
132
..................
CLKIN timing requirements
132
.........................
local-bus switching characteristics over full operating
range: CLKOUT
132
..............................
device reset timing requirements
133
....................
local bus timing requirements: cycle configuration
inputs
134
.......................................
local bus timing: cycle completion inputs
135
..............
general output signal characteristics over operating
conditions
138
....................................
data input timing
140
..................................
local bus timing: 2-cycle/column CAS timing
141
..........
external interrupt timing
142
............................
XPT input timing
143
..................................
host-interface timing
144
...............................
video interface timing: SCLK timing
145
..................
video interface timing: FCLK input and video outputs
146
..
video interface timing: external sync inputs
147
...........
emulator interface connection
148
.......................
MECHANICAL DATA
151
..............................
MECHANICAL DATA
152
..............................
description
The SMJ320C80 is a single-chip, MIMD parallel processor capable of performing over two billion operations
per second. It consists of a 32-bit RISC master processor with a 100-MFLOPS (million floating-point operations
per second) IEEE floating-point unit, four 32-bit parallel processing digital signal processors (DSPs), a transfer
controller with up to 400-MBps off-chip transfer rate, and a video controller. All the processors are coupled tightly
through an on-chip crossbar that provides shared access to on-chip RAM. This performance and
programmability make the ’C80 ideally suited for video, imaging, and high-speed telecommunications
applications.


Podobny numer części - SM320C80

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SM320C80GFA50 TI-SM320C80GFA50 Datasheet
2Mb / 157P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320C80GFA50 TI1-SM320C80GFA50 Datasheet
3Mb / 158P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320C80GFM50 TI-SM320C80GFM50 Datasheet
2Mb / 157P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320C80GFM50 TI1-SM320C80GFM50 Datasheet
3Mb / 158P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320C80HFHM50 TI-SM320C80HFHM50 Datasheet
2Mb / 157P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
More results

Podobny opis - SM320C80

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SMJ320C30 TI-SMJ320C30 Datasheet
726Kb / 47P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320C32 TI-TMS320C32 Datasheet
645Kb / 44P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320VC33 TI-TMS320VC33 Datasheet
654Kb / 57P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320C30 TI1-TMS320C30_16 Datasheet
753Kb / 53P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320C26B TI1-SM320C26B Datasheet
448Kb / 42P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
logo
Samsung semiconductor
S5L9286F02 SAMSUNG-S5L9286F02 Datasheet
598Kb / 35P
   DIGITAL SIGNAL PROCESSOR
logo
Texas Instruments
TMS320P25 TI-TMS320P25 Datasheet
763Kb / 48P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320F206 TI-TMS320F206_06 Datasheet
832Kb / 58P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320F206 TI-TMS320F206_07 Datasheet
826Kb / 58P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320F2812-HT TI-SM320F2812-HT Datasheet
1Mb / 155P
[Old version datasheet]   Digital Signal Processor
SM320C32-EP TI1-SM320C32-EP Datasheet
621Kb / 44P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com