Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADUC848BS8-3 Arkusz danych(PDF) 7 Page - Analog Devices

Numer części ADUC848BS8-3
Szczegółowy opis  MicroConverter Multichannel 24-/16-Bit ADCs with Embedded 62 kB Flash and Single-Cycle MCU
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADUC848BS8-3 Arkusz danych(HTML) 7 Page - Analog Devices

Back Button ADUC848BS8-3 Datasheet HTML 3Page - Analog Devices ADUC848BS8-3 Datasheet HTML 4Page - Analog Devices ADUC848BS8-3 Datasheet HTML 5Page - Analog Devices ADUC848BS8-3 Datasheet HTML 6Page - Analog Devices ADUC848BS8-3 Datasheet HTML 7Page - Analog Devices ADUC848BS8-3 Datasheet HTML 8Page - Analog Devices ADUC848BS8-3 Datasheet HTML 9Page - Analog Devices ADUC848BS8-3 Datasheet HTML 10Page - Analog Devices ADUC848BS8-3 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 108 page
background image
ADuC845/ADuC847/ADuC848
Rev. A | Page 7 of 108
Parameter
Min
Typ
Max
Unit
Conditions
TRANSDUCER BURNOUT CURRENT
SOURCES
AIN+ Current
−100
nA
AIN+ is the selected positive input (AIN4 or AIN6
only) to the primary ADC
AIN− Current
100
nA
AIN− is the selected negative input (AIN5 or AIN7
only) to the primary ADC
Initial Tolerance at 25°C
±10
%
Drift
0.03
%/°C
EXCITATION CURRENT SOURCES
Output Current
200
µA
Available from each current source
Initial Tolerance at 25°C
±10
%
Drift
200
ppm/°C
Initial Current Matching at 25°C
±1
%
Matching between both current sources
Drift Matching
20
ppm/°C
Line Regulation (AVDD)
1
µA/V
AVDD = 5 V ± 5%
Load Regulation
0.1
µA/V
Output Compliance2
AGND
AVDD − 0.6
V
POWER SUPPLY MONITOR (PSM)
AVDD Trip Point Selection Range
2.63
4.63
V
Four trip points selectable in this range
AVDD Trip Point Accuracy
±3.0
%
TMAX = 85°C
±4.0
%
TMAX = 125°C
DVDD Trip Point Selection Range
2.63
4.63
V
Four trip points selectable in this range
DVDD Trip Point Accuracy
±3.0
%
TMAX = 85°C
±4.0
%
TMAX = 125°C
CRYSTAL OSCILLATOR
(XTAL1 AND XTAL2)
Logic Inputs, XTAL1 Only2
VINL, Input Low Voltage
0.8
V
DVDD = 5 V
0.4
V
DVDD = 3 V
VINH, Input Low Voltage
3.5
V
DVDD = 5 V
2.5
V
DVDD = 3 V
XTAL1 Input Capacitance
18
pF
XTAL2 Output Capacitance
18
pF
LOGIC INPUTS
All inputs except SCLOCK, RESET,
and XTAL12
VINL, Input Low Voltage
0.8
V
DVDD = 5 V
0.4
V
DVDD = 3 V
VINH, Input Low Voltage
2.0
V
SCLOCK and RESET Only
(Schmidt Triggered Inputs)2
VT+
1.3
3.0
V
DVDD = 5 V
0.95
2.5
V
DVDD = 3 V
VT−
0.8
1.4
V
DVDD = 5 V
0.4
1.1
V
DVDD = 3 V
VT+ − VT−
0.3
0.85
V
DVDD = 5 V or 3 V
Input Currents
Port 0, P1.0 to P1.7, EA
±10
µA
VIN = 0 V or VDD
RESET
±10
µA
VIN = 0 V, DVDD = 5 V
35
105
µA
VIN = DVDD, DVDD = 5 V, internal pull-down
Port 2, Port 3
±10
µA
VIN = DVDD, DVDD = 5 V
−180
−660
µA
VIN = 2 V, DVDD = 5 V
−20
−75
µA
VIN = 0.45 V, DVDD = 5 V
Input Capacitance
10
pF
All digital inputs


Podobny numer części - ADUC848BS8-3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADuC848BSZ32-3 AD-ADuC848BSZ32-3 Datasheet
1Mb / 108P
   MicroConverter짰 Multichannel 24-/16-Bit ADCs with Embedded 62 kB Flash and Single-Cycle MCU
REV. C
ADUC848BSZ32-3 AD-ADUC848BSZ32-3 Datasheet
1Mb / 109P
   MicroConverter짰 Multichannel 24-/16-Bit ADCs with Embedded 62 kB Flash and Single-Cycle MCU
Rev. D
ADuC848BSZ32-5 AD-ADuC848BSZ32-5 Datasheet
1Mb / 108P
   MicroConverter짰 Multichannel 24-/16-Bit ADCs with Embedded 62 kB Flash and Single-Cycle MCU
REV. C
ADUC848BSZ32-5 AD-ADUC848BSZ32-5 Datasheet
1Mb / 109P
   MicroConverter짰 Multichannel 24-/16-Bit ADCs with Embedded 62 kB Flash and Single-Cycle MCU
Rev. D
ADuC848BSZ62-3 AD-ADuC848BSZ62-3 Datasheet
1Mb / 108P
   MicroConverter짰 Multichannel 24-/16-Bit ADCs with Embedded 62 kB Flash and Single-Cycle MCU
REV. C
More results

Podobny opis - ADUC848BS8-3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADUC845 AD-ADUC845_12 Datasheet
1Mb / 108P
   MicroConverter짰 Multichannel 24-/16-Bit ADCs with Embedded 62 kB Flash and Single-Cycle MCU
REV. C
ADUC845 AD-ADUC845_V01 Datasheet
1Mb / 109P
   MicroConverter짰 Multichannel 24-/16-Bit ADCs with Embedded 62 kB Flash and Single-Cycle MCU
Rev. D
ADUC845 AD-ADUC845_15 Datasheet
1Mb / 108P
   24-/16-Bit ADCs with Embedded 62 kB Flash and Single-Cycle MCU
Rev. C
ADUC847 AD-ADUC847_15 Datasheet
1Mb / 108P
   24-/16-Bit ADCs with Embedded 62 kB Flash and Single-Cycle MCU
Rev. C
ADUC848 AD-ADUC848_15 Datasheet
1Mb / 108P
   24-/16-Bit ADCs with Embedded 62 kB Flash and Single-Cycle MCU
Rev. C
ADUC834 AD-ADUC834_02 Datasheet
1Mb / 80P
   MicroConverter, Dual 16-Bit/24-Bit ADCs with Embedded 62 kB Flash MCU
REV. 0
ADUC834 AD-ADUC834 Datasheet
1Mb / 80P
   MicroConverter, Dual 16-Bit/24- Bit ADCs with Embedded 62 kB Flash MCU
REV. A
ADUC834 AD-ADUC834_15 Datasheet
1Mb / 80P
   MicroConverter, Dual 16-Bit/24-Bit ADCs with Embedded 62 kB Flash MCU
REV. A
ADUC836 AD-ADUC836_15 Datasheet
5Mb / 80P
   MicroConverter, Dual 16-Bit ADCs with Embedded 62 kB Flash MCU
REV. A
ADUC836 AD-ADUC836 Datasheet
5Mb / 80P
   MicroConverter, Dual 16-Bit-ADCs with Embedded 62 kB Flash MCU
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com