Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SM320C40 Arkusz danych(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Numer części SM320C40
Szczegółowy opis  DIGITAL SIGNAL PROCESSORS
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

SM320C40 Arkusz danych(HTML) 10 Page - Texas Instruments

Back Button SM320C40 Datasheet HTML 6Page - Texas Instruments SM320C40 Datasheet HTML 7Page - Texas Instruments SM320C40 Datasheet HTML 8Page - Texas Instruments SM320C40 Datasheet HTML 9Page - Texas Instruments SM320C40 Datasheet HTML 10Page - Texas Instruments SM320C40 Datasheet HTML 11Page - Texas Instruments SM320C40 Datasheet HTML 12Page - Texas Instruments SM320C40 Datasheet HTML 13Page - Texas Instruments SM320C40 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 65 page
background image
SMJ320C40, TMP320C40
DIGITAL SIGNAL PROCESSORS
SGUS017H -- OCTOBER 1993 -- REVISED OCTOBER 2001
10
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251--1443
signal descriptions
This section gives signal descriptions for the SMJ320C40 device. The SMJ320C40 signal descriptions table
lists each signal, the number of pins, operating mode(s) (that is, input, output, or high-impedance state as
indicated by I, O, or Z, respectively), and function. All pins labeled NC are not to be connected by the user. A
line over a signal name (for example, RESET) indicates that the signal is active low (true at a logic-0 level). The
signals are grouped according to functions.
SMJ320C40 Signal Descriptions
SIGNAL
NAME
NO. OF
PINS
TYPE
DESCRIPTION
GLOBAL BUS EXTERNAL INTERFACE (80 PINS)
D31--D0
32
I/O/Z
32-bit data port of the global bus external interface
DE
1
I
Data-bus-enable signal for the global bus external interface
A30--A0
31
O/Z
31-bit address port of the global bus external interface
AE
1
I
Address-bus-enable signal for the global bus external interface
STAT3--STAT0
4
O
Status signals for the global bus external interface
LOCK
1
O
Lock signal for the global bus external interface
STRB0
1
O/Z
Access strobe 0 for the global bus external interface
R/W0
1
O/Z
Read/write signal for STRB0 accesses
PAGE0
1
O/Z
Page signal for STRB0 accesses
RDY0
1
I
Ready signal for STRB0 accesses
CE0
1
I
Control enable for the STRB0, PAGE0, and R/W0 signals
STRB1
1
O/Z
Access strobe 1 for the global bus external interface
R/W1
1
O/Z
Read/write signal for STRB1 accesses
PAGE1
1
O/Z
Page signal for STRB1 accesses
RDY1
1
I
Ready signal for STRB1 accesses
CE1
1
I
Control enable for the STRB1, PAGE1, and R/W1 signals
LOCAL BUS EXTERNAL INTERFACE (80 PINS)
LD31--LD0
32
I/O/Z
32-bit data port of the local bus external interface
LDE
1
I
Data-bus-enable signal for the local bus external interface
LA30--LA0
31
O/Z
31-bit address port of the local bus external interface
LAE
1
I
Address-bus-enable signal for the local bus external interface
LSTAT3--LSTAT0
4
O
Status signals for the local bus external interface
LLOCK
1
O
Lock signal for the local bus external interface
LSTRB0
1
O/Z
Access strobe 0 for the local bus external interface
LR/W0
1
O/Z
Read/write signal for LSTRB0 accesses
LPAGE0
1
O/Z
Page signal for LSTRB0 accesses
LRDY0
1
I
Ready signal for LSTRB0 accesses
LCE0
1
I
Control enable for the LSTRB0, LPAGE0, and LR/W0 signals
LSTRB1
1
O/Z
Access strobe 1 for the local bus external interface
LR/W1
1
O/Z
Read/write signal for LSTRB1 accesses
I = input, O = output, Z = high impedance
STRB0,STRB1 and associated signals (R/W1, R/W0, PAGE0, PAGE1, etc.) are effective over the address ranges defined by the
STRB ACTIVE bits.
§ HFH package has additional power and ground pins to reduce noise problems.


Podobny numer części - SM320C40

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SM320C40GFM40 TI-SM320C40GFM40 Datasheet
1Mb / 64P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
SM320C40GFM50 TI-SM320C40GFM50 Datasheet
1Mb / 64P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
SM320C40GFS60 TI-SM320C40GFS60 Datasheet
1Mb / 64P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
SM320C40HFHM40 TI-SM320C40HFHM40 Datasheet
1Mb / 64P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
SM320C40HFHM50 TI-SM320C40HFHM50 Datasheet
1Mb / 64P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
More results

Podobny opis - SM320C40

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SMJ320C31 TI-SMJ320C31 Datasheet
968Kb / 57P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320F2812 TI-TMS320F2812 Datasheet
1Mb / 103P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C31 TI-TMS320C31 Datasheet
636Kb / 48P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320F2810 TI-TMS320F2810_08 Datasheet
2Mb / 173P
[Old version datasheet]   Digital Signal Processors
TMS320F2809 TI-TMS320F2809_11 Datasheet
1Mb / 145P
[Old version datasheet]   Digital Signal Processors
SM320F2808-EP TI-SM320F2808-EP Datasheet
1Mb / 118P
[Old version datasheet]   Digital Signal Processors
TMS320F2810 TI-TMS320F2810_11 Datasheet
1Mb / 170P
[Old version datasheet]   Digital Signal Processors
TMS320C5X TI1-TMS320C5X_16 Datasheet
1Mb / 94P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C203 TI-TMS320C203 Datasheet
1Mb / 83P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320LBC57PGE80 TI1-TMS320LBC57PGE80 Datasheet
1Mb / 94P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMDXDOCK28069 TI-TMDXDOCK28069 Datasheet
1Mb / 147P
[Old version datasheet]   Digital Signal Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com