Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM2591HVS-5.0 Arkusz danych(PDF) 7 Page - Texas Instruments

Numer części LM2591HVS-5.0
Szczegółowy opis  SIMPLE SWITCHER Power Converter Step-Down Voltage Regulator
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

LM2591HVS-5.0 Arkusz danych(HTML) 7 Page - Texas Instruments

Back Button LM2591HVS-5.0 Datasheet HTML 3Page - Texas Instruments LM2591HVS-5.0 Datasheet HTML 4Page - Texas Instruments LM2591HVS-5.0 Datasheet HTML 5Page - Texas Instruments LM2591HVS-5.0 Datasheet HTML 6Page - Texas Instruments LM2591HVS-5.0 Datasheet HTML 7Page - Texas Instruments LM2591HVS-5.0 Datasheet HTML 8Page - Texas Instruments LM2591HVS-5.0 Datasheet HTML 9Page - Texas Instruments LM2591HVS-5.0 Datasheet HTML 10Page - Texas Instruments LM2591HVS-5.0 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
7
LM2591HV
www.ti.com
SNVS074E – MAY 2001 – REVISED MAY 2016
Product Folder Links: LM2591HV
Submit Documentation Feedback
Copyright © 2001–2016, Texas Instruments Incorporated
7.9 Typical Characteristics
(Circuit of Test Circuits)
Figure 1. Normalized Output Voltage
Figure 2. Line Regulation
Figure 3. Efficiency
Figure 4. Switch Saturation Voltage
Figure 5. Switch Current Limit
Figure 6. Dropout Voltage


Podobny numer części - LM2591HVS-5.0

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM2591HVS-5.0 NSC-LM2591HVS-5.0 Datasheet
730Kb / 20P
   SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator
logo
Texas Instruments
LM2591HVS-5.0 TI-LM2591HVS-5.0 Datasheet
3Mb / 29P
[Old version datasheet]   LM2591HV SIMPLE SWITCHER Power onverter 150 kHz 1A Step-Down Voltage
logo
Guangdong Youtai Semico...
LM2591HVS-5.0 UMW-LM2591HVS-5.0 Datasheet
1Mb / 14P
   1A Step-Down Voltage Regulator
More results

Podobny opis - LM2591HVS-5.0

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM2590HV-AQ-Q1 TI1-LM2590HV-AQ-Q1 Datasheet
3Mb / 30P
[Old version datasheet]   SIMPLE SWITCHER Power Converter Step-Down Voltage Regulator
logo
SeCoS Halbleitertechnol...
S5ELM2596 SECOS-S5ELM2596 Datasheet
1Mb / 8P
   Simple Switcher Power Converter 150KHz 3A Step-Down Voltage Regulator
logo
GTM CORPORATION
G5ULM2596 GTM-G5ULM2596 Datasheet
504Kb / 8P
   Simple Switcher Power converter 150kHz 3A Step-Down Voltage Regulator
G5ELM2596 GTM-G5ELM2596 Datasheet
506Kb / 8P
   Simple Switcher Power converter 150kHz 3A Step-Down Voltage Regulator
logo
SeCoS Halbleitertechnol...
S5ULM2596 SECOS-S5ULM2596 Datasheet
1Mb / 8P
   Simple Switcher Power Converter 150KHz 3A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM2591HV NSC-LM2591HV Datasheet
730Kb / 20P
   SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator
LM2595 NSC-LM2595 Datasheet
935Kb / 29P
   SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator
LM2592HV NSC-LM2592HV Datasheet
655Kb / 20P
   SIMPLE SWITCHER Power Converter 150 kHz 2A Step-Down Voltage Regulator
LM2675 NSC-LM2675 Datasheet
912Kb / 26P
   SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage Regulator
LM2594 NSC-LM2594 Datasheet
740Kb / 28P
   SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com