Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM2593HVS-ADJ Arkusz danych(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Numer części LM2593HVS-ADJ
Szczegółowy opis  SIMPLE SWITCHER Power Converter 150-kHz, 2-A Step-Down Voltage Regulator
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

LM2593HVS-ADJ Arkusz danych(HTML) 10 Page - Texas Instruments

Back Button LM2593HVS-ADJ Datasheet HTML 6Page - Texas Instruments LM2593HVS-ADJ Datasheet HTML 7Page - Texas Instruments LM2593HVS-ADJ Datasheet HTML 8Page - Texas Instruments LM2593HVS-ADJ Datasheet HTML 9Page - Texas Instruments LM2593HVS-ADJ Datasheet HTML 10Page - Texas Instruments LM2593HVS-ADJ Datasheet HTML 11Page - Texas Instruments LM2593HVS-ADJ Datasheet HTML 12Page - Texas Instruments LM2593HVS-ADJ Datasheet HTML 13Page - Texas Instruments LM2593HVS-ADJ Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
10
LM2593HV
SNVS082E – DECEMBER 2001 – REVISED MAY 2016
www.ti.com
Product Folder Links: LM2593HV
Submit Documentation Feedback
Copyright © 2001–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
Horizontal Time Base: 2 µs/div.
VIN = 20 V, VOUT = 5 V, ILOAD = 2 A,
L = 32 µH, COUT = 220 µF, COUT ESR = 50 mΩ
Output Pin Voltage, 10 V/div.
Inductor Current, 1 A/div.
Output Ripple Voltage, 50 mV/div.
Figure 19. Continuous Mode Switching Waveforms
Horizontal Time Base: 2 µs/div.
VIN = 20 V, VOUT = 5 V, ILOAD = 500 mA,
L = 10 µH, COUT = 330 µF, COUT ESR = 50 mΩ
Output Pin Voltage, 10 V/div.
Inductor Current, 0.5 A/div.
Output Ripple Voltage, 100 mV/div.
Figure 20. Discontinuous Mode Switching Waveforms
Horizontal Time Base: 50 µs/div.
VIN = 20 V, VOUT = 5 V, ILOAD = 500 mA to 2 A,
L = 32 µH, COUT = 220 µF, COUT ESR = 50 mΩ
Output Voltage, 100 mV/div. (AC)
500-mA to 2-A Load Pulse
Figure 21. Load Transient Response
for Continuous Mode
Horizontal Time Base: 200 µs/div.
VIN = 20 V, VOUT = 5 V, ILOAD = 500 mA to 2 A,
L = 10 µH, COUT = 330 µF, COUT ESR = 50 mΩ
Output Voltage, 100 mV/div. (AC)
500-mA to 2-A Load Pulse
Figure 22. Load Transient Response
for Discontinuous Mode


Podobny numer części - LM2593HVS-ADJ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM2593HVS-ADJ NSC-LM2593HVS-ADJ Datasheet
753Kb / 21P
   SIMPLE SWITCHER Power Converter 150 kHz 2A Step-Down Voltage Regulator, with Features
More results

Podobny opis - LM2593HVS-ADJ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM2592HV TI1-LM2592HV Datasheet
2Mb / 31P
[Old version datasheet]   SIMPLE SWITCHER Power Converter 150-kHz 2-A Step-Down Voltage Regulator
LM2595 TI1-LM2595_17 Datasheet
4Mb / 43P
[Old version datasheet]   SIMPLE SWITCHER Power Converter 150-kHz 1-A Step-Down Voltage Regulator
LM2594 TI1-LM2594_16 Datasheet
2Mb / 41P
[Old version datasheet]   SIMPLE SWITCHER Power Converter 150-kHz 0.5-A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM2592HV NSC-LM2592HV Datasheet
655Kb / 20P
   SIMPLE SWITCHER Power Converter 150 kHz 2A Step-Down Voltage Regulator
LM2591HV NSC-LM2591HV Datasheet
730Kb / 20P
   SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator
LM2595 NSC-LM2595 Datasheet
935Kb / 29P
   SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator
LM2594 NSC-LM2594 Datasheet
740Kb / 28P
   SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
LM2596 NSC-LM2596 Datasheet
736Kb / 31P
   SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator
logo
Texas Instruments
LM2599SX-50 TI1-LM2599SX-50 Datasheet
2Mb / 44P
[Old version datasheet]   LM2599 SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator
LM2596SX-5.0 TI1-LM2596SX-5.0 Datasheet
4Mb / 42P
[Old version datasheet]   LM2596 SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com