Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM2594 Arkusz danych(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Numer części LM2594
Szczegółowy opis  SIMPLE SWITCHER Power Converter 150-kHz 0.5-A Step-Down Voltage Regulator
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

LM2594 Arkusz danych(HTML) 6 Page - Texas Instruments

Back Button LM2594 Datasheet HTML 2Page - Texas Instruments LM2594 Datasheet HTML 3Page - Texas Instruments LM2594 Datasheet HTML 4Page - Texas Instruments LM2594 Datasheet HTML 5Page - Texas Instruments LM2594 Datasheet HTML 6Page - Texas Instruments LM2594 Datasheet HTML 7Page - Texas Instruments LM2594 Datasheet HTML 8Page - Texas Instruments LM2594 Datasheet HTML 9Page - Texas Instruments LM2594 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
6
LM2594, LM2594HV
SNVS118D – DECEMBER 1999 – REVISED MAY 2016
www.ti.com
Product Folder Links: LM2594 LM2594HV
Submit Documentation Feedback
Copyright © 1999–2016, Texas Instruments Incorporated
(1)
Typical numbers are at 25°C and represent the most likely norm.
(2)
All limits ensured at room temperature and at temperature extremes. All room temperature limits are 100% production tested. All limits at
temperature extremes are specified via correlation using standard Statistical Quality Control (SQC) methods. All limits are used to
calculate Average Outgoing Quality Level (AOQL).
(3)
External components such as the catch diode, inductor, input and output capacitors, and voltage programming resistors can affect
switching regulator system performance. When the LM2594/LM2594HV is used as shown in the Figure 35 test circuit, system
performance is as shown in the system parameters.
7.8 Electrical Characteristics – Adjustable
Specifications are for TJ = 25°C (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX(2)
UNIT
SYSTEM PARAMETERS(3) (see Figure 35 for test circuit)
VFB
Feedback voltage
4.5 V
≤ VIN ≤ VINmax,
0.1 A
≤ ILOAD ≤ 0.5 A,
VOUT programmed for 3 V,
Circuit of Figure 35
TJ = 25°C
1.193
1.23
1.267
V
Over full operating temperature range
1.18
1.28
η
Efficiency
VIN = 12 V, ILOAD = 0.5 A
80%
(1)
Typical numbers are at 25°C and represent the most likely norm.
(2)
All limits ensured at room temperature and at temperature extremes. All room temperature limits are 100% production tested. All limits at
temperature extremes are specified via correlation using standard Statistical Quality Control (SQC) methods. All limits are used to
calculate Average Outgoing Quality Level (AOQL).
(3)
The switching frequency is reduced when the second stage current limit is activated. The amount of reduction is determined by the
severity of current overload.
(4)
No diode, inductor or capacitor connected to output pin.
(5)
Feedback pin removed from output and connected to 0 V to force the output transistor switch ON.
(6)
Feedback pin removed from output and connected to 12 V for the 3.3-V, 5-V, and the adjustable version, and 15 V for the 12-V version,
to force the output transistor switch OFF.
(7)
VIN = 40 V for the LM2594 and 60 V for the LM2594HV.
7.9 Electrical Characteristics – All Output Voltage Versions
Specifications are for TJ = 25°C, VIN = 12 V for the 3.3-V, 5-V, and adjustable version, and VIN = 24 V for the 12-V version,
ILOAD = 100 mA (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX(2)
UNIT
DEVICE PARAMETERS
Ib
Feedback bias current
Adjustable version only, VFB =
1.3 V
TJ = 25°C
10
50
nA
Over full operating temperature range
100
fO
Oscillator frequency
See(3)
TJ = 25°C
127
150
173
kHz
Over full operating temperature range
110
173
VSAT
Saturation voltage
IOUT = 0.5 A
(4) (5)
TJ = 25°C
0.9
1.1
V
Over full operating temperature range
1.2
DC
Max duty cycle (ON)
See(5)
100%
Min duty cycle (OFF)
See(6)
0%
ICL
Current limit
Peak current(4)(5)
TJ = 25°C
0.65
0.8
1.3
A
over full operating temperature range
0.58
1.4
IL
Output leakage current
Output = 0 V(4)(6)(7)
Output =
−1 V
50
μA
2
15
mA
IQ
Quiescent current
See(6)
5
10
mA
ISTBY
Standby quiescent
current
ON/OFF pin = 5 V (OFF)(7)
85
μA
LM2594
TJ = 25°C
200
μA
Over full operating temperature range
250
LM2594HV
TJ = 25°C
140
250
μA
Over full operating temperature range
300
ON/OFF CONTROL (see Figure 35 for test circuit)
ON/OFF pin logic input
1.3
V
VIH
Threshold voltage
Low (regulator ON), over full operating temperature range
0.6
V
VIL
High (regulator OFF), over full operating temperature range
2
V
IH
ON/OFF pin input
current
VLOGIC = 2.5 V (regulator OFF)
5
15
μA
IL
VLOGIC = 0.5 V (regulator ON)
0.02
5
μA


Podobny numer części - LM2594

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM2594 NSC-LM2594 Datasheet
740Kb / 28P
   SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
logo
ON Semiconductor
LM2594 ONSEMI-LM2594 Datasheet
560Kb / 25P
   0.5 A, Step-Down Switching Regulator
January, 2009 ??Rev. 0
logo
Texas Instruments
LM2594 TI1-LM2594 Datasheet
1Mb / 41P
[Old version datasheet]   LM2594/LM2594HV SIMPLE SWITCHER짰 Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
logo
Guangdong Youtai Semico...
LM2594 UMW-LM2594 Datasheet
573Kb / 13P
   IC REG BUCK 12V 1.5A 8SOP
logo
ON Semiconductor
LM2594DADJG ONSEMI-LM2594DADJG Datasheet
560Kb / 25P
   0.5 A, Step-Down Switching Regulator
January, 2009 ??Rev. 0
More results

Podobny opis - LM2594

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM2593HV TI1-LM2593HV Datasheet
1Mb / 31P
[Old version datasheet]   SIMPLE SWITCHER Power Converter 150-kHz, 2-A Step-Down Voltage Regulator
LM2595 TI1-LM2595_17 Datasheet
4Mb / 43P
[Old version datasheet]   SIMPLE SWITCHER Power Converter 150-kHz 1-A Step-Down Voltage Regulator
LM2592HV TI1-LM2592HV Datasheet
2Mb / 31P
[Old version datasheet]   SIMPLE SWITCHER Power Converter 150-kHz 2-A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM2592HV NSC-LM2592HV Datasheet
655Kb / 20P
   SIMPLE SWITCHER Power Converter 150 kHz 2A Step-Down Voltage Regulator
LM2591HV NSC-LM2591HV Datasheet
730Kb / 20P
   SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator
LM2595 NSC-LM2595 Datasheet
935Kb / 29P
   SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator
LM2594 NSC-LM2594 Datasheet
740Kb / 28P
   SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
LM2596 NSC-LM2596 Datasheet
736Kb / 31P
   SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator
logo
Texas Instruments
LM2599SX-50 TI1-LM2599SX-50 Datasheet
2Mb / 44P
[Old version datasheet]   LM2599 SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator
LM2596SX-5.0 TI1-LM2596SX-5.0 Datasheet
4Mb / 42P
[Old version datasheet]   LM2596 SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com