Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM25085A Arkusz danych(PDF) 11 Page - Texas Instruments

Numer części LM25085A
Szczegółowy opis  42V Constant On-Time PFET Buck Switching Controller
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

LM25085A Arkusz danych(HTML) 11 Page - Texas Instruments

Back Button LM25085A_15 Datasheet HTML 7Page - Texas Instruments LM25085A_15 Datasheet HTML 8Page - Texas Instruments LM25085A_15 Datasheet HTML 9Page - Texas Instruments LM25085A_15 Datasheet HTML 10Page - Texas Instruments LM25085A_15 Datasheet HTML 11Page - Texas Instruments LM25085A_15 Datasheet HTML 12Page - Texas Instruments LM25085A_15 Datasheet HTML 13Page - Texas Instruments LM25085A_15 Datasheet HTML 14Page - Texas Instruments LM25085A_15 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
RT
Input
Voltage
STOP
RUN
LM25085A
RT
VIN
RT =
VOUT x 6 x 10
6
FS
- 8.6
FS =
VOUT x (VIN - 1.56V + RT/3167)
VIN x [(1.45 x 10
-7
x (RT + 1.4)) + (tD x (VIN - 1.56V + RT/3167))]
tON =
(VIN - 1.56V + RT/3167)
1.45 x 10
-7
x (RT + 1.4)
+ 50 ns
LM25085A
www.ti.com
SNVS601B – JANUARY 2009 – REVISED MARCH 2013
ON-TIME TIMER
The on-time of the PFET gate drive output (PGATE pin) is determined by the resistor (RT) and the input voltage
(VIN), and is calculated from:
(3)
where RT is in kΩ. The minimum on-time, which occurs at maximum VIN, should not be set less than 150 ns (see
CURRENT LIMITING). The buck regulator effective on-time, measured at the SW node (junction of Q1, L1, and
D1) is typically longer than that calculated in Equation 3 due to the asymmetric delay of the PFET. The on-time
difference caused by the PFET switching delay can be estimated as the difference of the turn-off and turn-on
delays listed in the PFET data sheet. Measuring the difference between the on-time at the PGATE pin versus the
SW node in the actual application circuit is also recommended.
In continuous conduction mode, the inverse relationship of tON with VIN results in a nearly constant switching
frequency as VIN is varied. The operating frequency can be calculated from:
(4)
where RT is in kΩ, and tD is equal to 50 ns plus the PFET’s delay difference. To set a specific continuous
conduction mode switching frequency (FS), the RT resistor is determined from the following:
(5)
where RT is in kΩ. A simplified version of Equation 6 at VIN = 12V, and tD = 100 ns, is:
For VIN = 42V and tD = 100 ns, the simplified equation is:
SHUTDOWN
The LM25085A can be shutdown by grounding the RT pin (see Figure 25). In this mode the PFET is held off,
and the VCC regulator is disabled. The internal operating current is reduced to the value shown in the graph
“Shutdown current vs. VIN”. The shutdown threshold at the RT pin is
≊0.73V, with ≊50 mV of hysteresis.
Releasing the pin enables normal operation. The RT pin must not be forced high during normal operation.
Figure 25. Shutdown Implementation
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM25085A


Podobny numer części - LM25085A_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM25085A TI1-LM25085A_14 Datasheet
1Mb / 31P
[Old version datasheet]   42V Constant On-Time PFET Buck Switching Controller with 0.9V Reference
More results

Podobny opis - LM25085A_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM25085 NSC-LM25085 Datasheet
500Kb / 24P
   42V Constant On-Time PFET Buck Switching Controller
logo
Texas Instruments
LM25085 TI-LM25085_15 Datasheet
1Mb / 34P
[Old version datasheet]   LM25085 / -Q1 42V Constant On-Time PFET Buck Switching Controller
LM25085MME TI1-LM25085MME Datasheet
1Mb / 30P
[Old version datasheet]   LM25085, LM25085-Q1 42V Constant On-Time PFET Buck Switching Controller
LM25085A TI1-LM25085A_14 Datasheet
1Mb / 31P
[Old version datasheet]   42V Constant On-Time PFET Buck Switching Controller with 0.9V Reference
logo
National Semiconductor ...
LM25085A NSC-LM25085A Datasheet
517Kb / 24P
   42V Constant On-Time PFET Buck Switching Controller with 0.9V Reference
LM5085 NSC-LM5085 Datasheet
463Kb / 22P
   75V Constant On-Time PFET Buck Switching Controller
logo
Texas Instruments
LM5085 TI1-LM5085 Datasheet
441Kb / 23P
[Old version datasheet]   75V Constant On-Time PFET Buck Switching Controller
LM5085 TI-LM5085_15 Datasheet
1Mb / 33P
[Old version datasheet]   75V Constant On-Time PFET Buck Switching Controller
LM5008A TI1-LM5008A_14 Datasheet
1Mb / 22P
[Old version datasheet]   350 mA Constant On-Time Buck Switching Regulator
logo
National Semiconductor ...
LM25011 NSC-LM25011 Datasheet
417Kb / 16P
   42V, 2A Constant On-Time Switching Regulator with Adjustable Current Limit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com