Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM25119Q Arkusz danych(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Numer części LM25119Q
Szczegółowy opis  Wide Input Range, Dual Synchronous Buck Controller
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

LM25119Q Arkusz danych(HTML) 11 Page - Texas Instruments

Back Button LM25119Q Datasheet HTML 7Page - Texas Instruments LM25119Q Datasheet HTML 8Page - Texas Instruments LM25119Q Datasheet HTML 9Page - Texas Instruments LM25119Q Datasheet HTML 10Page - Texas Instruments LM25119Q Datasheet HTML 11Page - Texas Instruments LM25119Q Datasheet HTML 12Page - Texas Instruments LM25119Q Datasheet HTML 13Page - Texas Instruments LM25119Q Datasheet HTML 14Page - Texas Instruments LM25119Q Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
11
LM25119, LM25119-Q1
www.ti.com
SNVS680H – AUGUST 2010 – REVISED MAY 2016
Product Folder Links: LM25119
Submit Documentation Feedback
Copyright © 2010–2016, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The LM25119 high voltage switching regulator features all of the functions necessary to implement an efficient
dual-channel buck regulator that operates over a very wide input voltage range. The LM25119 may be configured
as two independent regulators or as a single high-current regulator with two interleaved channels. This easy-to-
use regulator integrates high-side and low-side MOSFET drivers capable of supplying peak currents of 2.5 A
(VCC = 8 V). The regulator control method is based on current mode control using an emulated current ramp.
Emulated peak current mode control provides inherent line feedforward, cycle-by-cycle current limiting and ease-
of-loop compensation. The use of an emulated control ramp reduces noise sensitivity of the pulse-width
modulation circuit, allowing reliable processing of the very small duty cycles necessary in high input voltage
applications. The switching frequency is user programmable from 50 kHz to 750 kHz. An oscillator or
synchronization pin allows the operating frequency to be set by a single resistor or synchronized to an external
clock. An undervoltage lockout and channel2 enable pin allows either both regulators to be disabled or channel2
to be disabled with full operation of channel1. Fault protection features include current limiting, thermal shutdown
and remote shutdown capability. The undervoltage lockout input enables both channels when the input voltage
reaches a user selected threshold and provides a very low quiescent shutdown current when pulled low. The
32-pin WQFN package features an exposed pad to aid in thermal dissipation.


Podobny numer części - LM25119Q

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM25119 NSC-LM25119 Datasheet
1Mb / 10P
   Evaluation Board provides the design engineer with a fully functional
logo
Texas Instruments
LM25119 TI-LM25119 Datasheet
1Mb / 33P
[Old version datasheet]   LM25119/LM25119Q Wide Input Range Dual Synchronous Buck Controller
LM25119PSQE TI-LM25119PSQE Datasheet
1Mb / 33P
[Old version datasheet]   LM25119/LM25119Q Wide Input Range Dual Synchronous Buck Controller
LM25119 TI-LM25119_15 Datasheet
1Mb / 34P
[Old version datasheet]   LM25119/LM25119Q Wide Input Range Dual Synchronous Buck Controller
More results

Podobny opis - LM25119Q

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM5140-Q1 TI1-LM5140-Q1 Datasheet
2Mb / 48P
[Old version datasheet]   Wide Input Range Dual Synchronous Buck Controller
LM5119 TI1-LM5119 Datasheet
1Mb / 39P
[Old version datasheet]   Wide Input Range Dual Synchronous Buck Controller
logo
National Semiconductor ...
LM5119 NSC-LM5119 Datasheet
707Kb / 24P
   Wide Input Range Dual Synchronous Buck Controller
logo
Shenzhen Huazhimei Semi...
HM1485 HMSEMI-HM1485 Datasheet
788Kb / 10P
   Wide Input Range Synchronous Buck Controller
logo
Texas Instruments
LM34937 TI1-LM34937 Datasheet
722Kb / 31P
[Old version datasheet]   Wide Input Range Synchronous Buck Controller
LM5141-Q1 TI1-LM5141-Q1 Datasheet
2Mb / 42P
[Old version datasheet]   Wide Input Range Synchronous Buck Controller
LM5141 TI1-LM5141 Datasheet
2Mb / 50P
[Old version datasheet]   Wide Input Range Synchronous Buck Controller
LM25141 TI1-LM25141 Datasheet
2Mb / 50P
[Old version datasheet]   Wide Input Range Synchronous Buck Controller
logo
Semtech Corporation
SC2545 SEMTECH-SC2545 Datasheet
1Mb / 24P
   High Performance Wide Input Range Dual Synchronous Buck Controller
SC2542 SEMTECH-SC2542 Datasheet
1Mb / 27P
   High Performance Wide Input Range Dual Synchronous Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com