Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74BCT2828B Arkusz danych(PDF) 3 Page - Texas Instruments

Numer części SN74BCT2828B
Szczegółowy opis  10-BIT BUS/MOS MEMORY DRIVERS WITH 3-STATE OUTPUTS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

SN74BCT2828B Arkusz danych(HTML) 3 Page - Texas Instruments

  SN74BCT2828B Datasheet HTML 1Page - Texas Instruments SN74BCT2828B Datasheet HTML 2Page - Texas Instruments SN74BCT2828B Datasheet HTML 3Page - Texas Instruments SN74BCT2828B Datasheet HTML 4Page - Texas Instruments SN74BCT2828B Datasheet HTML 5Page - Texas Instruments SN74BCT2828B Datasheet HTML 6Page - Texas Instruments SN74BCT2828B Datasheet HTML 7Page - Texas Instruments SN74BCT2828B Datasheet HTML 8Page - Texas Instruments SN74BCT2828B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
SN54BCT2828A, SN74BCT2828B
10BIT BUS/MOS MEMORY DRIVERS
WITH 3STATE OUTPUTS
SCBS058A − APRIL 1987 − REVISED NOVEMBER 1993
2−3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage range, VCC
−0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI (see Note 1)
−0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage range applied to any output in the disabled or power-off state, VO
−0.5 V to 7 V
. . . . . . . . . . . . . . . . .
Voltage range applied to any output in the high state, VO
−0.5 V to VCC
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input clamp current, IIK (VI < 0)
−30 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Current into any output in the low state, IO
24 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range: SN54BCT2828A
−55
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
SN74BCT2828B
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: The input negative-voltage rating may be exceeded if the input clamp-current rating is observed.
recommended operating conditions (see Note 2)
SN54BCT2828A
SN74BCT2828B
UNIT
MIN
NOM
MAX
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5
5.5
4.5
5
5.5
V
VIH
High-level input voltage
2
2
V
VIL
Low-level input voltage
0.8
0.8
V
IIK
Input clamp current
−18
−18
mA
IOH
High-level output current
−1
−1
mA
IOL
Low-level output current
12
12
mA
TA
Operating free-air temperature
−55
125
0
70
°C
NOTE 2: Unused or floating inputs must be held high or low.
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
SN54BCT2828A
SN74BCT2828B
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP‡
MAX
MIN
TYP‡
MAX
UNIT
VIK
VCC = 4.5 V,
II = −18 mA
−1.2
−1.2
V
VOH
VCC = 4.5 V to 5.5 V,
IOH = − 1 mA
VCC −2
VCC −2
V
VOL
VCC = 4.5 V
IOL = 1 mA
0.35
0.5
0.35
0.5
V
VOL
VCC = 4.5 V
IOL = 12 mA
0.42
0.8
V
II
VCC = 5.5 V,
VI = 7 V
0.1
0.1
mA
IIH
VCC = 5.5 V,
VI = 2.7 V
20
20
µA
IIL
VCC = 5.5 V,
VI = 0.5 V
− 0.2
− 0.2
mA
IOZH
VCC = 5.5 V,
VO = 2.7 V
20
20
µA
IOZL
VCC = 5.5 V,
VO = 0.5 V
−20
−20
µA
IOL
VCC = 4.5 V,
VO = 2 V
50
50
mA
IO§
VCC = 5.5 V,
VO = 2.25 V
−30
−112
−30
−112
mA
ICCL
VCC = 5.5 V,
Outputs open
28
28
40
mA
ICCZ
VCC = 5.5 V,
Outputs open
3.5
3.5
6
mA
Ci
VCC = 5 V,
VI = 2.5 V or 0.5 V
5
5
pF
Co
VCC = 5 V,
VO = 2.5 V or 0.5 V
8
8
pF
‡ All typical values are at VCC = 5 V, TA = 25°C.
§ Not more than one output should be tested at a time, and the duration of the test should not exceed one second.


Podobny numer części - SN74BCT2828B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74BCT2828B TI1-SN74BCT2828B Datasheet
304Kb / 11P
[Old version datasheet]   10-BIT BUS/MOS MEMORY DRIVERS WITH 3-STATE OUTPUTS
More results

Podobny opis - SN74BCT2828B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN54BCT2828A TI1-SN54BCT2828A Datasheet
304Kb / 11P
[Old version datasheet]   10-BIT BUS/MOS MEMORY DRIVERS WITH 3-STATE OUTPUTS
SN54BCT2827C TI-SN54BCT2827C_08 Datasheet
418Kb / 12P
[Old version datasheet]   10-BIT BUS/MOS MEMORY DRIVERS WITH 3-STATE OUTPUTS
SN54BCT2827C TI-SN54BCT2827C Datasheet
74Kb / 5P
[Old version datasheet]   10-BIT BUS/MOS MEMORY DRIVERS WITH 3-STATE OUTPUTS
SN54BCT2827C TI-SN54BCT2827C_07 Datasheet
397Kb / 12P
[Old version datasheet]   10-BIT BUS/MOS MEMORY DRIVERS WITH 3-STATE OUTPUTS
SN64BCT2827C TI1-SN64BCT2827C Datasheet
86Kb / 5P
[Old version datasheet]   10-BIT BUS/MOS MEMORY DRIVER WITH 3-STATE OUTPUTS
54ACT11828 TI-54ACT11828 Datasheet
78Kb / 5P
[Old version datasheet]   10-BIT BUFFERS/BUS DRIVERS WITH 3-STATE OUTPUTS
54ACT11827 TI-54ACT11827 Datasheet
87Kb / 5P
[Old version datasheet]   10-BIT BUFFERS/BUS DRIVERS WITH 3-STATE OUTPUTS
54ACT11827 TI1-54ACT11827_09 Datasheet
100Kb / 5P
[Old version datasheet]   10-BIT BUFFERS/BUS DRIVERS WITH 3-STATE OUTPUTS
54ACT11828 TI1-54ACT11828_09 Datasheet
90Kb / 5P
[Old version datasheet]   10-BIT BUFFERS/BUS DRIVERS WITH 3-STATE OUTPUTS
SN74ALS29827 TI-SN74ALS29827 Datasheet
80Kb / 5P
[Old version datasheet]   10-BIT BUFFERS AND BUS DRIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com