Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74HC00PW Arkusz danych(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Numer części SN74HC00PW
Szczegółowy opis  SNx4HC00 Quadruple 2-Input Positive-NAND Gates
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

SN74HC00PW Arkusz danych(HTML) 6 Page - Texas Instruments

Back Button SN74HC00PW Datasheet HTML 2Page - Texas Instruments SN74HC00PW Datasheet HTML 3Page - Texas Instruments SN74HC00PW Datasheet HTML 4Page - Texas Instruments SN74HC00PW Datasheet HTML 5Page - Texas Instruments SN74HC00PW Datasheet HTML 6Page - Texas Instruments SN74HC00PW Datasheet HTML 7Page - Texas Instruments SN74HC00PW Datasheet HTML 8Page - Texas Instruments SN74HC00PW Datasheet HTML 9Page - Texas Instruments SN74HC00PW Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
0
5
10
15
20
25
30
35
40
45
50
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
V
CC (V)
CL=50pF
C001
6
SN54HC00, SN74HC00
SCLS181F – DECEMBER 1982 – REVISED JULY 2016
www.ti.com
Product Folder Links: SN54HC00 SN74HC00
Submit Documentation Feedback
Copyright © 1982–2016, Texas Instruments Incorporated
6.6 Switching Characteristics
over recommended operating free-air temperature range, CL= 50 pF, see Figure 2 (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tpd
From A or B (input) to Y (output)
VCC = 2 V
TA = 25°C
45
90
ns
SN54HC00
135
SN74HC00
115
VCC = 4.5 V
TA = 25°C
9
18
SN54HC00
27
SN74HC00
23
VCC = 6 V
TA = 25°C
8
15
SN54HC00
23
SN74HC00
20
tt
To Y (output)
VCC = 2 V
TA = 25°C
38
75
ns
SN54HC00
110
SN74HC00
95
VCC = 4.5 V
TA = 25°C
8
15
SN54HC00
22
SN74HC00
19
VCC = 6 V
TA = 25°C
6
13
SN54HC00
19
SN74HC00
16
6.7 Typical Characteristics
Figure 1. Propagation Delay vs VCC


Podobny numer części - SN74HC00PW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74HC00PW TI-SN74HC00PW Datasheet
76Kb / 15P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN74HC00PW TI-SN74HC00PW Datasheet
703Kb / 18P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN74HC00PWE4 TI-SN74HC00PWE4 Datasheet
703Kb / 18P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN74HC00PWG4 TI-SN74HC00PWG4 Datasheet
703Kb / 18P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN74HC00PWLE TI-SN74HC00PWLE Datasheet
76Kb / 15P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
More results

Podobny opis - SN74HC00PW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN54HCT00 TI-SN54HCT00 Datasheet
404Kb / 12P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN74AHCT00-EP TI1-SN74AHCT00-EP Datasheet
421Kb / 8P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
logo
Unisonic Technologies
U74AHCT00 UTC-U74AHCT00_15 Datasheet
201Kb / 4P
   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
logo
Texas Instruments
SN5400 TI-SN5400_07 Datasheet
737Kb / 21P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN54LVC00A TI-SN54LVC00A_08 Datasheet
937Kb / 22P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN54LV00A TI-SN54LV00A_10 Datasheet
673Kb / 18P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN7400J TI1-SN7400J Datasheet
1Mb / 25P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN54LV00 TI-SN54LV00 Datasheet
131Kb / 7P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
CD54ACT00 TI-CD54ACT00 Datasheet
73Kb / 5P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN54LVC00A TI-SN54LVC00A_07 Datasheet
908Kb / 22P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com