Zakładka z wyszukiwarką danych komponentów |
|
SN74ALS32NE4 Arkusz danych(PDF) 1 Page - Texas Instruments |
|
|
SN74ALS32NE4 Arkusz danych(HTML) 1 Page - Texas Instruments |
1 / 18 page SN54ALS32, SN54AS32, SN74ALS32, SN74AS32 QUADRUPLE 2-INPUT POSITIVE-OR GATES SDAS113B – APRIL 1982 – REVISED DECEMBER 1994 Copyright © 1994, Texas Instruments Incorporated 1 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 • Package Options Include Plastic Small-Outline (D) Packages, Ceramic Chip Carriers (FK), and Standard Plastic (N) and Ceramic (J) 300-mil DIPs description These devices contain four independent 2-input positive-OR gates. They perform the Boolean functions Y = A • B or Y = A + B in positive logic. The SN54ALS32 and SN54AS32 are characterized for operation over the full military temperature range of – 55 °C to 125°C. The SN74ALS32 and SN74AS32 are characterized for operation from 0 °C to 70°C. FUNCTION TABLE (each gate) INPUTS OUTPUT A B Y H X H X HH L L L logic symbol† logic diagram (positive logic) 1 1A 2 1B 4 2A 5 2B 9 3A 10 3B 12 4A 13 4B ≥ 1 1Y 3 2Y 6 3Y 8 4Y 11 1 1A 2 1B 1Y 3 4 2A 5 2B 2Y 6 9 3A 10 3B 3Y 8 12 4A 13 4B 4Y 11 † This symbol is in accordance with ANSI/IEEE Std 91-1984 and IEC Publication 617-12. Pin numbers shown are for the D, J, and N packages. SN54ALS32, SN54AS32 ...J PACKAGE SN74ALS32, SN74AS32 ...D OR N PACKAGE (TOP VIEW) 1 2 3 4 5 6 7 14 13 12 11 10 9 8 1A 1B 1Y 2A 2B 2Y GND VCC 4B 4A 4Y 3B 3A 3Y SN54ALS32, SN54AS32 . . . FK PACKAGE (TOP VIEW) 3 2 1 20 19 9 10 11 12 13 4 5 6 7 8 18 17 16 15 14 4A NC 4Y NC 3B 1Y NC 2A NC 2B NC – No internal connection PRODUCTION DATA information is current as of publication date. Products conform to specifications per the terms of Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. |
Podobny numer części - SN74ALS32NE4 |
|
Podobny opis - SN74ALS32NE4 |